Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS8923AM Datasheet(PDF) 5 Page - Texas Instruments

Part # DS8923AM
Description  TRI-STATE RS-422 Dual Differential Line Driver and Receiver Pairs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS8923AM Datasheet(HTML) 5 Page - Texas Instruments

  DS8923AM Datasheet HTML 1Page - Texas Instruments DS8923AM Datasheet HTML 2Page - Texas Instruments DS8923AM Datasheet HTML 3Page - Texas Instruments DS8923AM Datasheet HTML 4Page - Texas Instruments DS8923AM Datasheet HTML 5Page - Texas Instruments DS8923AM Datasheet HTML 6Page - Texas Instruments DS8923AM Datasheet HTML 7Page - Texas Instruments DS8923AM Datasheet HTML 8Page - Texas Instruments DS8923AM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
equations:
Where:
Tcp = Crossing Point
Tra, Trb, Tfa and Tfb are time measurements with respect to the
DS8922, DS8922A, DS8923A
www.ti.com
SNLS373B – JUNE 1998 – REVISED APRIL 2013
Driver Switching Characteristics
Parameter
Conditions
Min
Typ
Max
Units
8922
8922A/23A
SINGLE ENDED CHARACTERISTICS (Figure 4, Figure 5, Figure 6, and Figure 8)
TpLH
CL = 30 pF
12
15
15
ns
TpHL
CL = 30 pF
12
15
15
ns
TTLH
CL = 30 pF
5
10
10
ns
TTHL
CL = 30 pF
5
10
10
ns
|TpLH–T pHL|
CL = 30 pF
0.5
ns
Skew
CL = 30 pF (1)
0.5
5
3.5
ns
Skew (Channel to Channel)
0.5
3.0
2.0
ns
TpLZ
CL = 30 pF
15
ns
TpHZ
CL = 30 pF
15
ns
TpZL
CL = 30 pF
20
ns
TpZH
CL = 30 pF
20
ns
DIFFERENTIAL SWITCHING CHARACTERISTICS (2), (Figure 4)
TpLH
CL = 30 pF
12
15
15
ns
TpHL
CL = 30 pF
12
15
15
ns
|TpLH–T pHL|
CL = 30 pF
0.5
6.0
2.75
ns
(1)
Difference between complementary outputs at the 50% point.
(2)
Differential Delays are defined as calculated results from single ended rise and fall time measurements. This approach in establishing
AC performance specifications has been taken due to limitations of available Automatic Test Equipment (ATE). The calculated ATE
results assume a linear transition between measurement points and are a result of the following
input.
Switching Time Waveforms
AC Test Circuits and Switching Waveforms
Figure 1.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DS8922 DS8922A DS8923A


Similar Part No. - DS8923AM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8923AM NSC-DS8923AM Datasheet
486Kb / 14P
   TRI-STATE RS-422 Dual Differential Line Driver and Receiver Pairs
More results

Similar Description - DS8923AM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8922 NSC-DS8922 Datasheet
486Kb / 14P
   TRI-STATE RS-422 Dual Differential Line Driver and Receiver Pairs
DS8922 NSC-DS8922_04 Datasheet
542Kb / 14P
   RS-422 Dual Differential Line Driver and Receiver Pairs
DS75113 NSC-DS75113 Datasheet
201Kb / 10P
   Dual TRI-STATE Differential Line Driver
logo
Texas Instruments
SN65ALS180 TI-SN65ALS180 Datasheet
362Kb / 17P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIRS
SN65LBC179A TI-SN65LBC179A Datasheet
195Kb / 13P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI1-SN65LBC179ADG4 Datasheet
446Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI-SN65LBC179ADG4 Datasheet
421Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180A TI1-SN65LBC180A_15 Datasheet
537Kb / 21P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180 TI-SN65LBC180 Datasheet
217Kb / 15P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC179 TI-SN75LBC179 Datasheet
168Kb / 12P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com