Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ29312A Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ29312A
Description  FOUR-CELL LITHIUM-ION
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ29312A Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ29312A_15 Datasheet HTML 2Page - Texas Instruments BQ29312A_15 Datasheet HTML 3Page - Texas Instruments BQ29312A_15 Datasheet HTML 4Page - Texas Instruments BQ29312A_15 Datasheet HTML 5Page - Texas Instruments BQ29312A_15 Datasheet HTML 6Page - Texas Instruments BQ29312A_15 Datasheet HTML 7Page - Texas Instruments BQ29312A_15 Datasheet HTML 8Page - Texas Instruments BQ29312A_15 Datasheet HTML 9Page - Texas Instruments BQ29312A_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
www.ti.com
AC ELECTRICAL CHARACTERISTICS
AC TIMING SPECIFICATIONS (I2C COMPATIBLE SERIAL INTERFACE)
tsu(STA)
SCLK
SDATA
SCLK
SDATA
SCLK
SDATA
tw(H)
tw(L)
tf
tr
tr
tf
Start
Condition
SDA
Input
SDA
Change
Stop
Condition
th(STA)
th(DAT)
tsu(DAT)
th(ch)
Start Condition
tv
1
2
3
7
8
9
MSB
ACK
Stop Condition
tsu(STOP)
1
2
3
7
8
9
MSB
ACK
tsu(BUF)
bq29312A
SLUS629A – JANUARY 2005 – REVISED AUGUST 2005
T
A = 25°C, C(REG) = 4.7 µF, BAT = 14 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
NOM
MAX
UNIT
t(WDTINT)
WDT start-up detect time
250
700
2000
ms
t(WDWT)
WDT detect time
100
µs
PARAMETER
MIN
MAX
UNIT
tr
SCLK SDATA rise time
1000
ns
tf
SCLK SDAT fall time
300
ns
tw(H)
SCLK pulse width high
4.0
µs
tw(L)
SCLK pulse width low
4.7
µs
tsu(STA)
Setup time for START condition
4.7
µs
th(STA)
START condition hold time after which first clock pulse is generated
4.0
µs
tsu(DAT)
Data setup time
250
ns
th(DAT)
Data hold time
0
µs
tsu(STOP)
Setup time for STOP condition
4.0
µs
tsu(BUF)
Time the bus must be free before new transmission can start
4.7
µs
t V
Clock low to data out valid
900
ns
th(CH)
Data out hold time after clock low
0
ns
fSCL
Clock frequency
0
100
kHz
6


Similar Part No. - BQ29312A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29312APW TI-BQ29312APW Datasheet
1Mb / 35P
TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
BQ29312APWR TI-BQ29312APWR Datasheet
1Mb / 35P
TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
BQ29312APWR-SA TI-BQ29312APWR-SA Datasheet
1Mb / 35P
TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
BQ29312ARTH TI-BQ29312ARTH Datasheet
1Mb / 35P
TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
BQ29312ARTHR TI-BQ29312ARTHR Datasheet
1Mb / 35P
TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
More results

Similar Description - BQ29312A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3957 TI-UCC3957 Datasheet
117Kb / 8P
Three - Four Cell Lithium-Ion Protector Circuit
logo
Analog Intergrations Co...
AIC1804 AIC-AIC1804 Datasheet
170Kb / 12P
Three- Or Four-Cell Lithium-Ion Battery Protection IC
logo
Texas Instruments
BQ29312A TI-BQ29312A Datasheet
1Mb / 35P
TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
logo
List of Unclassifed Man...
UCC3957-1 ETC1-UCC3957-1 Datasheet
116Kb / 8P
Three - Four Cell Lithium-Ion Protector Circuit
logo
Silicon Standard Corp.
SS6804 SSC-SS6804 Datasheet
616Kb / 12P
Three/Four-cell Lithium-Ion Battery Protection IC
logo
Texas Instruments
UCC3957M-4 TI-UCC3957M-4 Datasheet
621Kb / 17P
THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
UCC3957MTR-4 TI1-UCC3957MTR-4 Datasheet
296Kb / 15P
THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
UCC3957MTR-2 TI-UCC3957MTR-2 Datasheet
280Kb / 15P
THREE - OR FOUR-CELL LITHIUM - ION PROTECTOR CIRCUIT
BQ29311 TI1-BQ29311_15 Datasheet
1Mb / 24P
FOUR-CELL LITHIUM-ION
BQ29312 TI1-BQ29312_15 Datasheet
807Kb / 39P
FOUR CELL LITHIUM-ION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com