Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ29312A Datasheet(PDF) 25 Page - Texas Instruments

Part # BQ29312A
Description  FOUR-CELL LITHIUM-ION
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ29312A Datasheet(HTML) 25 Page - Texas Instruments

Back Button BQ29312A_15 Datasheet HTML 21Page - Texas Instruments BQ29312A_15 Datasheet HTML 22Page - Texas Instruments BQ29312A_15 Datasheet HTML 23Page - Texas Instruments BQ29312A_15 Datasheet HTML 24Page - Texas Instruments BQ29312A_15 Datasheet HTML 25Page - Texas Instruments BQ29312A_15 Datasheet HTML 26Page - Texas Instruments BQ29312A_15 Datasheet HTML 27Page - Texas Instruments BQ29312A_15 Datasheet HTML 28Page - Texas Instruments BQ29312A_15 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
www.ti.com
ON
ZVCHG FET = OFF
OFF
CHG FET = ON
OFF
CHG FET = ON
3.5 V+VGS(ZVCHGFET)
0 V
3.3 V
0 V
V = VPACK*(1/2)
3.5 V (typ.)
0 V
”L” (1 V)
”L” (1 V)
0 V
Fast Charge Current
0 V and Precharge Current
0 A
0 V Charge
Mode
Precharge
Mode
Fast Charge Mode
V(PACK)
REG
ZVCHG
GHD
DSG
Battery
Voltage
Charge
Current
Common FET
bq29312A
SLUS629A – JANUARY 2005 – REVISED AUGUST 2005
APPLICATION INFORMATION (continued)
Figure 10. Signal Timing of Pins During 0-V Charging and Precharging (0-V Charge FET)
This mode does not require a dedicated precharge FET (ZVCHG-FET). The charge FET (CHG-FET) is ON at
initialization of the bq29312A when PMS = V(PACK), allowing for 0 V or precharge current to flow. The application
circuit is shown in Figure 11. The charger is expected to provide the precharge function in this mode, where the
charger provides a precharge current level suitable to charge cells below a set level, typically below 3 V per cell.
When the lowest cell voltage rises above this level, then a fast charging current is applied.
When the charger is connected, the voltage at PMS rises. Once it is above 0.7 V, the CHG output is driven to
GND which turns ON the CHG-FET. The charging current flows through the CHG-FET and a back diode of
DSG-FET. The pack voltage is represented by the following equation.
V
(PACK) = V(BAT) + VF + VDS(CHG-FET)
Where VF = 0.7 V is the forward voltage of a DSG-FET back diode and is typically 0.7 V.
While V(PACK) is maintained above 0.7 V, the precharging current is maintained. While V(PACK) and V(BAT) are
under the bq29312A supply voltage, then the bq29312A regulator is inactive and the host controller is not
functional. Thus, any protection features of this chipset do not function during this period. This state continues
until V(PACK) goes higher than the bq29312A minimum supply voltage.
When V(BAT) rises and V(PACK) reaches bq29312A minimum supply voltage, the REG output is active providing a
3.3-V (typ) supply to the host. When this level is reached, the CHG pin changes its state from GND to the level
controlled with CHG bit in bq29312A registers. In this state, the CHG output level is driven by a clamp circuit so
that its voltage level changes from 0 V to 1 V. Also, the host controller is active and can turn ON the DSG-FET.
25


Similar Part No. - BQ29312A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29312APW TI-BQ29312APW Datasheet
1Mb / 35P
[Old version datasheet]   TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
BQ29312APWR TI-BQ29312APWR Datasheet
1Mb / 35P
[Old version datasheet]   TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
BQ29312APWR-SA TI-BQ29312APWR-SA Datasheet
1Mb / 35P
[Old version datasheet]   TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
BQ29312ARTH TI-BQ29312ARTH Datasheet
1Mb / 35P
[Old version datasheet]   TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
BQ29312ARTHR TI-BQ29312ARTHR Datasheet
1Mb / 35P
[Old version datasheet]   TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
More results

Similar Description - BQ29312A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29311 TI1-BQ29311_15 Datasheet
1Mb / 24P
[Old version datasheet]   FOUR-CELL LITHIUM-ION
BQ29312 TI1-BQ29312_15 Datasheet
807Kb / 39P
[Old version datasheet]   FOUR CELL LITHIUM-ION
UCC3957 TI-UCC3957 Datasheet
117Kb / 8P
[Old version datasheet]   Three - Four Cell Lithium-Ion Protector Circuit
logo
List of Unclassifed Man...
UCC3957-1 ETC1-UCC3957-1 Datasheet
116Kb / 8P
   Three - Four Cell Lithium-Ion Protector Circuit
logo
Texas Instruments
UCC3957MTR-2 TI-UCC3957MTR-2 Datasheet
280Kb / 15P
[Old version datasheet]   THREE - OR FOUR-CELL LITHIUM - ION PROTECTOR CIRCUIT
logo
Silicon Standard Corp.
SS6804 SSC-SS6804 Datasheet
616Kb / 12P
   Three/Four-cell Lithium-Ion Battery Protection IC
logo
Texas Instruments
UCC3957M-4 TI-UCC3957M-4 Datasheet
621Kb / 17P
[Old version datasheet]   THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
UCC3957MTR-4 TI1-UCC3957MTR-4 Datasheet
296Kb / 15P
[Old version datasheet]   THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
BQ29312A TI-BQ29312A Datasheet
1Mb / 35P
[Old version datasheet]   TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
logo
Analog Intergrations Co...
AIC1804 AIC-AIC1804 Datasheet
170Kb / 12P
   Three- Or Four-Cell Lithium-Ion Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com