Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ29312A Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ29312A
Description  FOUR-CELL LITHIUM-ION
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ29312A Datasheet(HTML) 2 Page - Texas Instruments

  BQ29312A_15 Datasheet HTML 1Page - Texas Instruments BQ29312A_15 Datasheet HTML 2Page - Texas Instruments BQ29312A_15 Datasheet HTML 3Page - Texas Instruments BQ29312A_15 Datasheet HTML 4Page - Texas Instruments BQ29312A_15 Datasheet HTML 5Page - Texas Instruments BQ29312A_15 Datasheet HTML 6Page - Texas Instruments BQ29312A_15 Datasheet HTML 7Page - Texas Instruments BQ29312A_15 Datasheet HTML 8Page - Texas Instruments BQ29312A_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
www.ti.com
DESCRIPTION (Continued)
PACKAGE DISSIPATION RATINGS
ABSOLUTE MAXIMUM RATINGS
bq29312A
SLUS629A – JANUARY 2005 – REVISED AUGUST 2005
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
The communications interface allows the host to observe and control the current status of the bq29312A. It
enables cell balancing, enters different power modes, sets overload levels, sets the overload blanking delay time,
sets short-circuit threshold levels for charge and discharge, and sets the short-circuit blanking delay time.
Cell balancing of each cell is performed via a cell bypass path, which is enabled via the internal control register
accessible via the I2C compatible interface. The maximum bypass current is set via an external series resistor
and internal FET on resistance (typical 400
Ω).
ORDERING INFORMATION(1)
PACKAGED
TA
TSSOP (PW)(2)
QFN (RTH) (3)
–40°C to 85°C
bq29312APWR-SA
bq29312ARTH
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
The bq29312A can be ordered in tape and reel by adding the suffix R to the orderable part number, ie: bq29312APWR bq29312ARTHR.
(3)
The QFN package is also made available in mini reel, add suffix T to the orderable part number, ie: bq29312ARTHT.
POWER RATING
POWER RATING
DERATING FACTOR
PACKAGE
TA ≤ 25°C
ABOVE TA ≤ 25°C
TA ≤ 70°C
TA = 85°C
PW
874 mW
6.99 W/°C
559 mW
454 mW
over operating free-air temperature range unless otherwise noted(1)(2)
bq29312A
VCC
Supply voltage range
PACK, BAT
–0.3 V to 34 V
VC1, VC2, VC3, VC4
–0.3 V to 34 V
SR1, SR2
–1.0 V to 1.0 V
VC5
–1.0 V to 4.0 V
VI
Input voltage range
VC1 to VC2, VC2 to VC3, VC3 to VC4, VC4 to
–0.3 to 8.5 V
VC5
WDI, SLEEP, SCLK, SDATA
–0.3 to 8.5 V
ZVCHG
–0.3 V to 34 V
DSG, CHG
–0.3 V to BAT
OD
–0.3 V to 34 V
VO
Output voltage range
PMS
–0.3 V to PACK–0.2 V
TOUT, SCLK, SDATA, CELL, XALERT
–0.3 to 7 V
Current for cell balancing
10 mA
Continuous total power dissipation
See Dissipation Rating Table
Tstg
Storage temperature range
–65°C to 150°C
Lead temperature (soldering, 10 s)
300°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to ground of this device except VCn–VC(n+1), where n = 1-, 2-, 3-, 4-cell voltage.
2


Similar Part No. - BQ29312A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29312APW TI-BQ29312APW Datasheet
1Mb / 35P
TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
BQ29312APWR TI-BQ29312APWR Datasheet
1Mb / 35P
TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
BQ29312APWR-SA TI-BQ29312APWR-SA Datasheet
1Mb / 35P
TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
BQ29312ARTH TI-BQ29312ARTH Datasheet
1Mb / 35P
TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
BQ29312ARTHR TI-BQ29312ARTHR Datasheet
1Mb / 35P
TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
More results

Similar Description - BQ29312A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29311 TI1-BQ29311_15 Datasheet
1Mb / 24P
FOUR-CELL LITHIUM-ION
BQ29312 TI1-BQ29312_15 Datasheet
807Kb / 39P
FOUR CELL LITHIUM-ION
UCC3957 TI-UCC3957 Datasheet
117Kb / 8P
Three - Four Cell Lithium-Ion Protector Circuit
logo
List of Unclassifed Man...
UCC3957-1 ETC1-UCC3957-1 Datasheet
116Kb / 8P
Three - Four Cell Lithium-Ion Protector Circuit
logo
Texas Instruments
UCC3957MTR-2 TI-UCC3957MTR-2 Datasheet
280Kb / 15P
THREE - OR FOUR-CELL LITHIUM - ION PROTECTOR CIRCUIT
logo
Silicon Standard Corp.
SS6804 SSC-SS6804 Datasheet
616Kb / 12P
Three/Four-cell Lithium-Ion Battery Protection IC
logo
Texas Instruments
UCC3957M-4 TI-UCC3957M-4 Datasheet
621Kb / 17P
THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
UCC3957MTR-4 TI1-UCC3957MTR-4 Datasheet
296Kb / 15P
THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
BQ29312A TI-BQ29312A Datasheet
1Mb / 35P
TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
logo
Analog Intergrations Co...
AIC1804 AIC-AIC1804 Datasheet
170Kb / 12P
Three- Or Four-Cell Lithium-Ion Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com