Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCLVP111-EP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVP111-EP
Description  LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVP111-EP Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCLVP111-EP Datasheet HTML 3Page - Texas Instruments CDCLVP111-EP Datasheet HTML 4Page - Texas Instruments CDCLVP111-EP Datasheet HTML 5Page - Texas Instruments CDCLVP111-EP Datasheet HTML 6Page - Texas Instruments CDCLVP111-EP Datasheet HTML 7Page - Texas Instruments CDCLVP111-EP Datasheet HTML 8Page - Texas Instruments CDCLVP111-EP Datasheet HTML 9Page - Texas Instruments CDCLVP111-EP Datasheet HTML 10Page - Texas Instruments CDCLVP111-EP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
IL
IH
V
V
-
CDCLVP111-EP
www.ti.com
SCAS933 – DECEMBER 2012
LVPECL DC ELECTRICAL CHARACTERISTICS
Vsupply: VCC = 2.375 V to 3.8 V, VEE= 0 V over operating temperature range TJ = –55°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IEE
Supply internal current
Absolute value of current
–55°C, 25°C, 125°C
35
85
mA
-55°C, 25°C
385
Output and internal
ICC
All outputs terminated 50
Ω to VCC – 2 V
mA
supply current
125°C
405
Includes pullup/pulldown resistors
IIN
Input current
–55°C, 25°C, 125°C
–150
150
μA
VIH = VCC, VIL= VCC–2V
VCC = 3 to 3.8 V, IBB= –0.2 mA
–55°C, 25°C, 125°C
VCC – 1.45
VCC – 1.3
VCC – 1.125
Internally generated
VBB
V
VCC = 2.375 to 2.75 V,
bias voltage
–55°C, 25°C, 125°C
VCC – 1.4
VCC – 1.25
VCC – 1.1
IBB = –0.2 mA
High-level input voltage
VIH
–55°C, 25°C, 125°C
VCC – 1.165
VCC – 0.88
V
(CLK_SEL)
Low-level input voltage
VIL
–55°C, 25°C, 125°C
VCC – 1.81
VCC – 1.475
V
(CLK_SEL)
Input amplitude (CLKn,
VID
–55°C, 25°C, 125°C
0.5
1.3
V
CLKn)
Difference of inpu, see (1),
Common-mode
VCM
DC offset relative to VEE
–55°C, 25°C, 125°C
1
VCC – 0.3
V
voltage (CLKn, CLKn)
–55°C
VCC – 1.26
VCC – 0.85
High-level output
VOH
IOH = –21 mA
25°C
VCC – 1.2
VCC – 0.85
V
voltage
125°C
VCC – 1.15
VCC – 0.8
25°C
VCC – 1.85
VCC – 1.425
Low-level output
VOL
IOL = –5 mA
V
voltage
–55°C, 125°C
VCC – 1.85
VCC – 1.25
Differential output
Terminated with 50
Ω to
VOD
–55°C, 25°C, 125°C
400
mV
voltage swing
VCC - 2 V, See Figure 4
(1)
VID minimum and maximum is required to maintain ac specifications, actual device function tolerates a minimum VID of 100 mV.
AC ELECTRICAL CHARACTERISTICS
Vsupply: VCC = 2.375 V to 3.8 V, VEE = 0 V or LVECL/LVPECL input VCC = 0 V, VEE = -2.375 V to -3.8 V over operating
temperature range TJ = –55°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Differential propagation delay CLKn,
tpd
See Note D in Figure 2
200
355
ps
CLKn to all Q0, Q0… Q9, Q9
tsk(o)
Output-to-output skew
See Notes A and D in Figure 2
15
50
ps
tsk(pp)
Part-to-part skew
See Notes B and D in Figure 2
70
ps
Integration bandwidth of 20 kHz to 20 MHz,
taj
Additive phase jitter(1)
0.125
0.8
ps
fout = 200 MHz at 25°C
f(max)
Maximum frequency(1)
Functional up to 3.5 GHz, see Figure 4
3500
MHz
tr/tf
Output rise and fall time (20%, 80%)
See Note D in Figure 2
240
ps
(1)
Specification is guaranteed by bench characterization and is not tested in production.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links :CDCLVP111-EP


Similar Part No. - CDCLVP111-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP111-EP TI1-CDCLVP111-EP Datasheet
570Kb / 23P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
More results

Similar Description - CDCLVP111-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP111 TI1-CDCLVP111 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111-SP TI1-CDCLVP111-SP Datasheet
570Kb / 23P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111 TI-CDCLVP111 Datasheet
619Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP110 TI-CDCLVP110 Datasheet
136Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL/HSTL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP110 TI1-CDCLVP110_14 Datasheet
675Kb / 14P
[Old version datasheet]   Low-Voltage 1:10 LVPECL/HSTL With Selectable Input Clock Driver
logo
Cypress Semiconductor
CY2DP1510 CYPRESS-CY2DP1510 Datasheet
303Kb / 13P
   1:10 LVPECL Fanout Buffer with Selectable Clock Input
CY2DP1504 CYPRESS-CY2DP1504 Datasheet
301Kb / 14P
   1:4 LVPECL Fanout Buffer with Selectable Clock Input
CY2CP1504 CYPRESS-CY2CP1504 Datasheet
298Kb / 13P
   1:4 LVCMOS to LVPECL Fanout Buffer with Selectable Clock Input
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111 Datasheet
131Kb / 8P
   Low-Voltage 1:10 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
December, 2008 ??Rev. 17
logo
Cypress Semiconductor
CY2DL15110 CYPRESS-CY2DL15110 Datasheet
430Kb / 13P
   1:10 Differential LVDS Fanout Buffer with Selectable Clock Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com