Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7475 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7475
Description  1 MSPS, 12-Bit ADCs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7475 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7475 Datasheet HTML 8Page - Analog Devices AD7475 Datasheet HTML 9Page - Analog Devices AD7475 Datasheet HTML 10Page - Analog Devices AD7475 Datasheet HTML 11Page - Analog Devices AD7475 Datasheet HTML 12Page - Analog Devices AD7475 Datasheet HTML 13Page - Analog Devices AD7475 Datasheet HTML 14Page - Analog Devices AD7475 Datasheet HTML 15Page - Analog Devices AD7475 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
REV. A
AD7475/AD7495
–14–
The conversion is also initiated at this point and will require
16 SCLK cycles to complete. Once 13 SCLK falling edges have
elapsed, the track and hold will go back into track on the next
SCLK rising edge as shown in Figure 20 at Point B. On the
16th SCLK falling edge the SDATA line will go back into three-
state. If the rising edge of
CS occurs before 16 SCLKs have
elapsed, the conversion will be terminated and the SDATA line
will go back into three-state, as shown in Figure 21, otherwise
SDATA returns to three-state on the 16th SCLK falling edge as
shown in Figure 20.
Sixteen serial clock cycles are required to perform the conversion
process and to access data from the AD7475/AD7495.
CS going
low provides the first leading zero to be read in by the micro-
controller or DSP. The remaining data is then clocked out by
subsequent SCLK falling edges beginning with the 2nd leading
zero, thus the first falling clock edge on the serial clock has the
second leading zero provided. The final bit in the data transfer
is valid on the sixteenth falling edge, having being clocked out on
the previous (15th) falling edge.
In applications with a slower SCLK, it may be possible to read in
data on each SCLK rising edge, although the first leading zero will
still have to be read on the first SCLK falling edge after the
CS
falling edge. Therefore, the first rising edge of SCLK after the
CS
falling edge would provide the second leading zero and the 15th
rising SCLK edge would have DB0 provided. This method may
not work with most Micros/DSPs, but could possibly be used
with FPGAs and ASICs.
MICROPROCESSOR INTERFACING
The serial interface on the AD7475/AD7495 allows the parts to
be directly connected to a range of many different microprocessors.
This section explains how to interface the AD7475/AD7495 with
some of the more common microcontroller and DSP serial
interface protocols.
AD7475/AD7495 to TMS320C5x/C54x
The serial interface on the TMS320C5x/C54x uses a continuous
serial clock and frame synchronization signals to synchronize the
data transfer operations with peripheral devices like the AD7475/
AD7495. The
CS input allows easy interfacing between the
TMS320C5x/C54x and the AD7475/AD7495 without any glue
logic required. The serial port of the TMS320C5x/C54x is set
up to operate in burst mode with internal CLKX (Tx serial clock)
and FSX (Tx frame sync). The serial port control register (SPC)
must have the following setup: FO = 0, FSM = 1, MCM = 1 and
TXM = 1. The format bit, FO, may be set to 1 to set the word
length to 8 bits, in order to implement the power-down modes
on the AD7475/AD7495.
The connection diagram is shown in Figure 22. It should be noted
that for signal processing applications, it is imperative that
the frame synchronization signal from the TMS320C5x/C54x
provide equidistant sampling. The VDRIVE pin of the AD7475/
AD7495 takes the same supply voltage as that of the TMS320C5x/
C54x. This allows the ADC to operate at a higher voltage than
the serial interface, i.e., TMS320C5x/C54x, if necessary.
AD7475/AD7495*
SCLK
CS
*ADDITIONAL PINS OMITTED FOR CLARITY
CLKX
DR
FBX
FSR
SDATA
VDRIVE
VDD
TMS320C5x/C54x*
CLKR
Figure 22. Interfacing to the TMS320C5x/C54x
AD7475/AD7495 to ADSP-21xx
The ADSP-21xx family of DSPs are interfaced directly to the
AD7475/AD7495 without any glue logic required. The VDRIVE pin
of the AD7475/AD7495 takes the same supply voltage as that of
the ADSP-21xx. This allows the ADC to operate at a higher
voltage than the serial interface, i.e., ADSP-21xx, if necessary.
The SPORT control register should be set up as follows:
TFSW = RFSW = 1, Alternate Framing
INVRFS = INVTFS = 1, Active Low Frame Signal
DTYPE = 00, Right Justify Data
SLEN = 1111, 16-Bit Data Words
ISCLK = 1, Internal Serial Clock
TFSR = RFSR = 1, Frame Every Word
IRFS = 0,
ITFS = 1.
To implement the power-down modes SLEN should be set to
1001 to issue an 8-bit SCLK burst.
The connection diagram is shown in Figure 23. The ADSP-
21xx has the TFS and RFS of the SPORT tied together, with
TFS set as an output and RFS set as an input. The DSP oper-
ates in Alternate Framing Mode and the SPORT control register is
set up as described. The Frame synchronizations signal generated
on the TFS is tied to
CS and as with all signal processing appli-
cations equidistant sampling is necessary. However, in this
example, the timer interrupt is used to control the sampling rate
of the ADC and under certain conditions, equidistant sampling
may not be achieved.
SCLK
1
5
13
15
SDATA
FOUR LEADING ZEROS
THREE-STATE
t4
2
34
16
t9
t3
tQUIET
tCONVERT
t2
THREE-STATE
DB11
DB10
DB2
t6
t7
14
0
0
0
0
B
CS
Figure 21. Serial Interface Timing Diagram—Conversion Termination


Similar Part No. - AD7475

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7475 AD-AD7475 Datasheet
453Kb / 24P
   1MSPS,12-Bit ADCs
REV. B
AD7475 AD-AD7475 Datasheet
519Kb / 24P
   1 MSPS,12-Bit ADCs
Rev. D
AD7475AR AD-AD7475AR Datasheet
453Kb / 24P
   1 MSPS,12-Bit ADCs
REV. B
AD7475AR AD-AD7475AR Datasheet
453Kb / 24P
   1MSPS,12-Bit ADCs
REV. B
AD7475AR-REEL AD-AD7475AR-REEL Datasheet
453Kb / 24P
   1 MSPS,12-Bit ADCs
REV. B
More results

Similar Description - AD7475

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7475 AD-AD7475_V01 Datasheet
519Kb / 24P
   1 MSPS,12-Bit ADCs
Rev. D
AD7495ARZ AD-AD7495ARZ Datasheet
453Kb / 24P
   1 MSPS,12-Bit ADCs
REV. B
AD7908BRUZ AD-AD7908BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
REV. D
EVAL-AD7922 AD-EVAL-AD7922_15 Datasheet
862Kb / 16P
   Evaluation Board for 1 MSPS, 2-Channel, 12-/10-Bit ADCs
REV. 0
EVAL-AD7912 AD-EVAL-AD7912_15 Datasheet
862Kb / 16P
   Evaluation Board for 1 MSPS, 2-Channel, 12-/10-Bit ADCs
REV. 0
AD7476 AD-AD7476_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478 AD-AD7478_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7470 AD-AD7470_15 Datasheet
529Kb / 21P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7470 AD-AD7470_03 Datasheet
325Kb / 20P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7477AAKS AD-AD7477AAKS Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com