Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7475 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7475
Description  1 MSPS, 12-Bit ADCs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7475 Datasheet(HTML) 5 Page - Analog Devices

  AD7475 Datasheet HTML 1Page - Analog Devices AD7475 Datasheet HTML 2Page - Analog Devices AD7475 Datasheet HTML 3Page - Analog Devices AD7475 Datasheet HTML 4Page - Analog Devices AD7475 Datasheet HTML 5Page - Analog Devices AD7475 Datasheet HTML 6Page - Analog Devices AD7475 Datasheet HTML 7Page - Analog Devices AD7475 Datasheet HTML 8Page - Analog Devices AD7475 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. A
AD7475/AD7495
–5–
SCLK
1
5
13
15
SDATA
FOUR LEADING ZEROS
THREE-STATE
t4
2
34
16
t5
t3
tQUIET
tCONVERT
t2
THREE-STATE
DB11
DB10
DB2
DB0
t6
t7
t8
14
0
0
0
0
B
DB1
CS
Figure 1. Serial Interface Timing Diagram
Timing Example 1
Having fSCLK = 20 MHz and a throughput of 1 MSPS gives a cycle
time of t2 + 12.5(1/fSCLK) + tACQ = 1
µs. With t2 = 10 ns min, this
leaves tACQ to be 365 ns. This 365 ns satisfies the requirement of
300 ns for tACQ. From Figure 2, tACQ comprises of 2.5(1/fSCLK) + t8
+ tQUIET, where t8 = 45 ns. This allows a value of 195 ns for tQUIET,
satisfying the minimum requirement of 100 ns.
Timing Example 2
Having fSCLK = 5 MHz and a throughput of 315 KSPS, gives a
cycle time of t2 + 12.5(1/fSCLK) + tACQ = 3.174 s.
With t2 = 10 ns min, this leaves tacq to be 664 ns. This 664 ns
satisfies the requirement of 300 ns for tACQ. From Figure 2, tACQ
is comprised of 2.5(1/fSCLK) + t8 + tQUIET, t8 = 45 ns. This allows
a value of 119 ns for tQUIET satisfying the minimum requirement
of 100 ns. As in this example and with other slower clock values,
the signal may already be acquired before the conversion is
complete, but it is still necessary to leave 100 ns minimum
tQUIET between conversions. In Example 2 the signal should be
fully acquired at approximately Point C in Figure 2.
SCLK
1
5
13
15
2
34
16
t5
tQUIET
tCONVERT
t2
t6
t8
14
B
CS
45ns
tACQUISITION
12.5 (1/fSCLK)
10ns
1/THROUGHPUT
C
Figure 2. Serial Interface Timing Example
200 A
IOL
200 A
IOH
CL
50pF
TO OUTPUT
PIN
1.6V
Figure 3. Load Circuit for Digital Output Timing Specifications


Similar Part No. - AD7475

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7475 AD-AD7475 Datasheet
453Kb / 24P
1MSPS,12-Bit ADCs
REV. B
AD7475 AD-AD7475 Datasheet
519Kb / 24P
1 MSPS,12-Bit ADCs
Rev. D
AD7475AR AD-AD7475AR Datasheet
453Kb / 24P
1 MSPS,12-Bit ADCs
REV. B
AD7475AR AD-AD7475AR Datasheet
453Kb / 24P
1MSPS,12-Bit ADCs
REV. B
AD7475AR-REEL AD-AD7475AR-REEL Datasheet
453Kb / 24P
1 MSPS,12-Bit ADCs
REV. B
More results

Similar Description - AD7475

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7475 AD-AD7475_V01 Datasheet
519Kb / 24P
1 MSPS,12-Bit ADCs
Rev. D
AD7495ARZ AD-AD7495ARZ Datasheet
453Kb / 24P
1 MSPS,12-Bit ADCs
REV. B
AD7908BRUZ AD-AD7908BRUZ Datasheet
456Kb / 32P
8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
REV. D
EVAL-AD7922 AD-EVAL-AD7922_15 Datasheet
862Kb / 16P
Evaluation Board for 1 MSPS, 2-Channel, 12-/10-Bit ADCs
REV. 0
EVAL-AD7912 AD-EVAL-AD7912_15 Datasheet
862Kb / 16P
Evaluation Board for 1 MSPS, 2-Channel, 12-/10-Bit ADCs
REV. 0
AD7476 AD-AD7476_15 Datasheet
560Kb / 25P
1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478 AD-AD7478_15 Datasheet
560Kb / 25P
1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7470 AD-AD7470_15 Datasheet
529Kb / 21P
1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7470 AD-AD7470_03 Datasheet
325Kb / 20P
1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7477AAKS AD-AD7477AAKS Datasheet
466Kb / 24P
1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com