Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54132 Datasheet(PDF) 14 Page - Texas Instruments

Part # SN54132
Description  QUADRUPLE 2-INPUT POSITIVE-NAND SCHMITT TRIGGERS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54132 Datasheet(HTML) 14 Page - Texas Instruments

Back Button SN54132_15 Datasheet HTML 10Page - Texas Instruments SN54132_15 Datasheet HTML 11Page - Texas Instruments SN54132_15 Datasheet HTML 12Page - Texas Instruments SN54132_15 Datasheet HTML 13Page - Texas Instruments SN54132_15 Datasheet HTML 14Page - Texas Instruments SN54132_15 Datasheet HTML 15Page - Texas Instruments SN54132_15 Datasheet HTML 16Page - Texas Instruments SN54132_15 Datasheet HTML 17Page - Texas Instruments SN54132_15 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
6-Sep-2015
Addendum-Page 3
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
SNJ54LS132FK
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
-55 to 125
SNJ54LS
132FK
SNJ54LS132J
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
7600401CA
SNJ54LS132J
SNJ54LS132J
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
7600401CA
SNJ54LS132J
SNJ54LS132W
ACTIVE
CFP
W
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
7600401DA
SNJ54LS132W
SNJ54LS132W
ACTIVE
CFP
W
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
7600401DA
SNJ54LS132W
SNJ54S132FK
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
-55 to 125
SNJ54S
132FK
SNJ54S132FK
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
-55 to 125
SNJ54S
132FK
SNJ54S132J
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
SNJ54S132J
SNJ54S132J
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
SNJ54S132J
SNJ54S132W
ACTIVE
CFP
W
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
SNJ54S132W
SNJ54S132W
ACTIVE
CFP
W
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
SNJ54S132W
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)


Similar Part No. - SN54132_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54132J TI-SN54132J Datasheet
362Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-NAND SCHMITT TRIGGERS
SN54132J TI-SN54132J Datasheet
928Kb / 23P
QUADRUPLE 2-INPUT POSITIVE-NAND SCHMITT TRIGGERS
SN54132W TI-SN54132W Datasheet
362Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-NAND SCHMITT TRIGGERS
SN54132 TI-SN54132_07 Datasheet
928Kb / 23P
QUADRUPLE 2-INPUT POSITIVE-NAND SCHMITT TRIGGERS
More results

Similar Description - SN54132_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54132 TI-SN54132 Datasheet
362Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-NAND SCHMITT TRIGGERS
logo
Hitachi Semiconductor
HD74LS132 HITACHI-HD74LS132 Datasheet
49Kb / 5P
Quadruple 2-input Positive NAND Schmitt-triggers
logo
List of Unclassifed Man...
UT54ACS132 ETC1-UT54ACS132 Datasheet
34Kb / 4P
Radiation-Hardened Quadruple 2-Input NAND Schmitt Triggers
logo
Texas Instruments
SN5413 TI-SN5413 Datasheet
374Kb / 11P
DUAL 4-INPUT POSITIVE-NAND SCHMITT TRIGGERS
SN54132 TI-SN54132_07 Datasheet
928Kb / 23P
QUADRUPLE 2-INPUT POSITIVE-NAND SCHMITT TRIGGERS
logo
Renesas Technology Corp
HD74LS132 RENESAS-HD74LS132 Datasheet
89Kb / 7P
Quadruple 2-Input Positive NAND Schmitt-triggers
logo
Texas Instruments
74AC11132 TI1-74AC11132 Datasheet
375Kb / 11P
QUADRUPLE 2-INPUT POSITIVE-NAND SCHMITT-TRIGGER
SN7413 TI1-SN7413 Datasheet
369Kb / 11P
DUAL 4-INPUT POSITIVE-NAND SCHMITT TRIGGERS
logo
Aeroflex Circuit Techno...
UT54ACS132 AEROFLEX-UT54ACS132 Datasheet
231Kb / 9P
Quadruple 2-Input NAND Schmitt Triggers
UT54ACS132E AEROFLEX-UT54ACS132E Datasheet
133Kb / 7P
Quadruple 2-Input NAND Schmitt Triggers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com