Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC124S085CIMM Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DAC124S085CIMM
Description  DAC124S085 12-Bit Micro Power Quad Digital-to-Analog Converter With Rail-to-Rail Output
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC124S085CIMM Datasheet(HTML) 3 Page - Texas Instruments

  DAC124S085CIMM Datasheet HTML 1Page - Texas Instruments DAC124S085CIMM Datasheet HTML 2Page - Texas Instruments DAC124S085CIMM Datasheet HTML 3Page - Texas Instruments DAC124S085CIMM Datasheet HTML 4Page - Texas Instruments DAC124S085CIMM Datasheet HTML 5Page - Texas Instruments DAC124S085CIMM Datasheet HTML 6Page - Texas Instruments DAC124S085CIMM Datasheet HTML 7Page - Texas Instruments DAC124S085CIMM Datasheet HTML 8Page - Texas Instruments DAC124S085CIMM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
ExposedPad
1
VA
10
SCLK
2
VOUTA
9
SYNC
3
VOUTB
8
DIN
4
VOUTC
7
VREFIN
5
VOUTD
6
GND
1
VA
10
SCLK
2
VOUTA
9
SYNC
3
VOUTB
8
DIN
4
VOUTC
7
VREFIN
5
VOUTD
6
GND
3
DAC124S085
www.ti.com
SNAS348G – MAY 2006 – REVISED APRIL 2016
Product Folder Links: DAC124S085
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
5 Description (continued)
A power-on reset circuit ensures that the DAC output powers up to zero volts and remains there until there is a
valid write to the device. A power-down feature reduces power consumption to less than a microWatt with three
different termination options.
The low power consumption and small packages of the DAC124S085 make it an excellent choice for use in
battery-operated equipment.
The DAC124S085 is one of a family of pin-compatible DACs, including the 8-bit DAC084S085 and the 10-bit
DAC104S085. The DAC124S085 operates over the extended industrial temperature range of
−40°C to 105°C.
6 Pin Configuration and Functions
DGS Package
10-Pin VSSOP
Top View
DSC Package
10-Pin WSON
Top View
(1)
G = Ground, I = Input, O = Output, and S = Supply
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NO.
NAME
1
VA
S
Power supply input. Must be decoupled to GND.
2
VOUTA
O
Channel A analog output voltage.
3
VOUTB
O
Channel B analog output voltage.
4
VOUTC
O
Channel C analog output voltage.
5
VOUTD
O
Channel D analog output voltage.
6
GND
G
Ground reference for all on-chip circuitry.
7
VREFIN
I
Unbuffered reference voltage shared by all channels. Must be decoupled to GND.
8
DIN
I
Serial data input. Data is clocked into the 16-bit shift register on the falling edges of SCLK after the
fall of SYNC.
9
SYNC
I
Frame synchronization input for the data input. When this pin goes low, it enables the input shift
register and data is transferred on the falling edges of SCLK. The DAC is updated on the 16th clock
cycle unless SYNC is brought high before the 16th clock, in which case the rising edge of SYNC
acts as an interrupt and the write sequence is ignored by the DAC.
10
SCLK
I
Serial clock input. Data is clocked into the input shift register on the falling edges of this pin.
11
PAD
(WSON only)
G
Exposed die attach pad can be connected to ground or left floating. Soldering the pad to the PCB
offers optimal thermal performance and enhances package self-alignment during reflow.


Similar Part No. - DAC124S085CIMM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC124S085CIMM NSC-DAC124S085CIMM Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085CIMMX NSC-DAC124S085CIMMX Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
More results

Similar Description - DAC124S085CIMM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC124S085 NSC-DAC124S085 Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
11696 TI-11696 Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC084S085 NSC-DAC084S085 Datasheet
832Kb / 18P
   8-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC104S085 TI-DAC104S085 Datasheet
1Mb / 29P
[Old version datasheet]   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC104S085 NSC-DAC104S085 Datasheet
832Kb / 18P
   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC121S101QML TI1-DAC121S101QML_16 Datasheet
791Kb / 26P
[Old version datasheet]   DAC121S101QML 12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC122S085 NSC-DAC122S085 Datasheet
821Kb / 18P
   12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC122S085 TI1-DAC122S085_14 Datasheet
1Mb / 28P
[Old version datasheet]   DAC122S085 12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com