Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC124S085CIMM Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # DAC124S085CIMM
Description  DAC124S085 12-Bit Micro Power Quad Digital-to-Analog Converter With Rail-to-Rail Output
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC124S085CIMM Datasheet(HTML) 19 Page - Texas Instruments

Back Button DAC124S085CIMM Datasheet HTML 15Page - Texas Instruments DAC124S085CIMM Datasheet HTML 16Page - Texas Instruments DAC124S085CIMM Datasheet HTML 17Page - Texas Instruments DAC124S085CIMM Datasheet HTML 18Page - Texas Instruments DAC124S085CIMM Datasheet HTML 19Page - Texas Instruments DAC124S085CIMM Datasheet HTML 20Page - Texas Instruments DAC124S085CIMM Datasheet HTML 21Page - Texas Instruments DAC124S085CIMM Datasheet HTML 22Page - Texas Instruments DAC124S085CIMM Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
DAC124S085
DIN
SCLK
SYNC
VOUT
0.1 PF
+
10 PF
+
-
+5V
R1
R2
-5V
+5V
±5V
10 pF
Copyright © 2016, Texas Instruments Incorporated
19
DAC124S085
www.ti.com
SNAS348G – MAY 2006 – REVISED APRIL 2016
Product Folder Links: DAC124S085
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
Figure 35 is an example of the DAC124S085 in a typical application. This circuit is basic and generally requires
modification for specific circumstances.
9.2 Typical Application
9.2.1 Bipolar Operation
The DAC124S085 is designed for single-supply operation and thus has a unipolar output. However, a bipolar
output may be obtained with the circuit in Figure 35. This circuit provides an output voltage range of ±5 V. A rail-
to-rail amplifier must be used if the amplifier supplies are limited to ±5 V.
Figure 35. Bipolar Operation
9.2.1.1 Design Requirements
The DAC124S085 uses a single supply.
The output is required to be bipolar with a voltage range of ±5 V.
Dual supplies are used for the output amplifier.
9.2.1.2 Detailed Design Procedure
The output voltage of this circuit for any code is found with Equation 2.
VO = (VA × (D / 4096) × ((R1 + R2) / R1) – VA × R2 / R1
where
D is the input code in decimal form
(2)
Equation 3 is calculated with VA = 5 V and R1 = R2.
VO = (10 × D / 4096) – 5 V
(3)
A list of rail-to-rail amplifiers suitable for this application are indicated in Table 2.


Similar Part No. - DAC124S085CIMM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC124S085CIMM NSC-DAC124S085CIMM Datasheet
831Kb / 18P
12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC124S085CIMM/NO.A TI2-DAC124S085CIMM/NO.A Datasheet
1Mb / 34P
DAC124S085 12-Bit Micro Power Quad Digital-to-Analog Converter With Rail-to-Rail Output
REVISED APRIL 2016
DAC124S085CIMM/NOPB TI2-DAC124S085CIMM/NOPB Datasheet
1Mb / 34P
DAC124S085 12-Bit Micro Power Quad Digital-to-Analog Converter With Rail-to-Rail Output
REVISED APRIL 2016
logo
National Semiconductor ...
DAC124S085CIMMX NSC-DAC124S085CIMMX Datasheet
831Kb / 18P
12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC124S085CIMMX/NO.A TI2-DAC124S085CIMMX/NO.A Datasheet
1Mb / 34P
DAC124S085 12-Bit Micro Power Quad Digital-to-Analog Converter With Rail-to-Rail Output
REVISED APRIL 2016
More results

Similar Description - DAC124S085CIMM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 NSC-DAC124S085 Datasheet
831Kb / 18P
12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC084S085 NSC-DAC084S085 Datasheet
832Kb / 18P
8-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC104S085 NSC-DAC104S085 Datasheet
832Kb / 18P
10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC122S085 NSC-DAC122S085 Datasheet
821Kb / 18P
12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC104S085 TI-DAC104S085 Datasheet
1Mb / 29P
10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
11696 TI-11696 Datasheet
913Kb / 19P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC121S101QML TI1-DAC121S101QML_16 Datasheet
791Kb / 26P
DAC121S101QML 12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC122S085 TI1-DAC122S085_14 Datasheet
1Mb / 28P
DAC122S085 12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com