Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC124S085CIMM Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DAC124S085CIMM
Description  DAC124S085 12-Bit Micro Power Quad Digital-to-Analog Converter With Rail-to-Rail Output
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC124S085CIMM Datasheet(HTML) 16 Page - Texas Instruments

Back Button DAC124S085CIMM Datasheet HTML 12Page - Texas Instruments DAC124S085CIMM Datasheet HTML 13Page - Texas Instruments DAC124S085CIMM Datasheet HTML 14Page - Texas Instruments DAC124S085CIMM Datasheet HTML 15Page - Texas Instruments DAC124S085CIMM Datasheet HTML 16Page - Texas Instruments DAC124S085CIMM Datasheet HTML 17Page - Texas Instruments DAC124S085CIMM Datasheet HTML 18Page - Texas Instruments DAC124S085CIMM Datasheet HTML 19Page - Texas Instruments DAC124S085CIMM Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
16
DAC124S085
SNAS348G – MAY 2006 – REVISED APRIL 2016
www.ti.com
Product Folder Links: DAC124S085
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Feature Description (continued)
8.3.4 Power-On Reset
The power-on reset circuit controls the output voltages of the four DACs during power-up. Upon application of
power, the DAC registers are filled with zeros and the output voltages are 0 V. The outputs remain at 0 V until a
valid write sequence is made to the DAC.
8.4 Device Functional Modes
8.4.1 Power-Down Modes
The DAC124S085 has four power-down modes, two of which are identical. In power-down mode, the supply
current drops to 20 µA at 3 V and 30 µA at 5 V. The DAC124S085 is set in power-down mode by setting OP1
and OP0 to 11. Because this mode powers down all four DACs, the address bits, A1 and A0, are used to select
different output terminations for the DAC outputs. Setting A1 and A0 to 00 or 11 causes the outputs to be tri-
stated (a high impedance state). While setting A1 and A0 to 01 or 10 causes the outputs to be terminated by 2.5
k
Ω or 100 kΩ to ground respectively (see Table 1).
Table 1. Power-Down Modes
A1
A0
OP1
OP0
OPERATING MODE
0
0
1
1
High-Z outputs
0
1
1
1
2.5 k
Ω to GND
1
0
1
1
100 k
Ω to GND
1
1
1
1
High-Z outputs
The bias generator, output amplifiers, resistor strings, and other linear circuitry are all shut down in any of the
power-down modes. However, the contents of the DAC registers are unaffected when in power down. Each DAC
register maintains its value prior to the ADC124S085 being powered down unless it is changed during the write
sequence which instructed it to recover from power down. Minimum power consumption is achieved in the
power-down mode with SYNC and DIN idled low and SCLK disabled. The time to exit power down (Wake-Up
Time) is typically tWU, which is stated in Timing Requirements.
8.5 Programming
8.5.1 Serial Interface
The three-wire interface is compatible with SPI, QSPI, and MICROWIRE, as well as most DSPs and operates at
clock rates up to 40 MHz. See Timing Requirements for information on a write sequence.
A write sequence begins by bringing the SYNC line low. Once SYNC is low, the data on the DIN line is clocked
into the 16-bit serial input register on the falling edges of SCLK. To avoid misclocking data into the shift register,
it is critical that SYNC not be brought low simultaneously with a falling edge of SCLK (see Figure 2). On the 16th
falling clock edge, the last data bit is clocked in and the programmed function (a change in the DAC channel
address, mode of operation, or register contents) is executed. At this point the SYNC line may be kept low or
brought high. Any data and clock pulses after the 16th falling clock edge are ignored. In either case, SYNC must
be brought high for the minimum specified time before the next write sequence is initiated with a falling edge of
SYNC.
Because the SYNC and DIN buffers draw more current when they are high, they must be idled low between write
sequences to minimize power consumption.
8.5.2 Input Shift Register
The input shift register, Figure 30, has sixteen bits. The first two bits are address bits. They determine whether
the register data is for DAC A, DAC B, DAC C, or DAC D. The address bits are followed by two bits that
determine the mode of operation (writing to a DAC register without updating the outputs of all four DACs, writing
to a DAC register and updating the outputs of all four DACs, writing to the register of all four DACs and updating
their outputs, or powering down all four outputs). The final twelve bits of the shift register are the data bits. The
data format is straight binary (MSB first, LSB last), with all 0s corresponding to an output of 0 V and all 1s
corresponding to a full-scale output of VREFIN – 1 LSB. The contents of the serial input register are transferred to
the DAC register on the sixteenth falling edge of SCLK (see Figure 2).


Similar Part No. - DAC124S085CIMM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC124S085CIMM NSC-DAC124S085CIMM Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085CIMMX NSC-DAC124S085CIMMX Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
More results

Similar Description - DAC124S085CIMM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC124S085 NSC-DAC124S085 Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
11696 TI-11696 Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC084S085 NSC-DAC084S085 Datasheet
832Kb / 18P
   8-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC104S085 TI-DAC104S085 Datasheet
1Mb / 29P
[Old version datasheet]   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC104S085 NSC-DAC104S085 Datasheet
832Kb / 18P
   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC121S101QML TI1-DAC121S101QML_16 Datasheet
791Kb / 26P
[Old version datasheet]   DAC121S101QML 12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC122S085 NSC-DAC122S085 Datasheet
821Kb / 18P
   12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC122S085 TI1-DAC122S085_14 Datasheet
1Mb / 28P
[Old version datasheet]   DAC122S085 12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com