Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC124S085 Datasheet(PDF) 15 Page - Texas Instruments

Part # DAC124S085
Description  DAC124S085 12-Bit Micro Power Quad Digital-to-Analog Converter With Rail-to-Rail Output
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC124S085 Datasheet(HTML) 15 Page - Texas Instruments

Back Button DAC124S085_16 Datasheet HTML 11Page - Texas Instruments DAC124S085_16 Datasheet HTML 12Page - Texas Instruments DAC124S085_16 Datasheet HTML 13Page - Texas Instruments DAC124S085_16 Datasheet HTML 14Page - Texas Instruments DAC124S085_16 Datasheet HTML 15Page - Texas Instruments DAC124S085_16 Datasheet HTML 16Page - Texas Instruments DAC124S085_16 Datasheet HTML 17Page - Texas Instruments DAC124S085_16 Datasheet HTML 18Page - Texas Instruments DAC124S085_16 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
VA
R
R
R
R
To Output Amplifier
R
15
DAC124S085
www.ti.com
SNAS348G – MAY 2006 – REVISED APRIL 2016
Product Folder Links: DAC124S085
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 DAC Section
The DAC124S085 is fabricated on a CMOS process with an architecture that consists of switches and resistor
strings that are followed by an output buffer. The reference voltage is externally applied at VREFIN and is shared
by all four DACs.
For simplicity, a single resistor string is shown in Figure 29. This string consists of 4096 equal valued resistors
with a switch at each junction of two resistors, plus a switch to ground. The code loaded into the DAC register
determines which switch is closed, connecting the proper node to the amplifier. The input coding is straight
binary with an ideal output voltage calculated with Equation 1.
VOUTA,B,C,D = VREFIN × (D / 4096)
where
D is the decimal equivalent of the binary code that is loaded into the DAC register
(1)
D can take on any value between 0 and 4095. This configuration ensures that the DAC is monotonic.
Figure 29. DAC Resistor String
8.3.2 Output Amplifiers
The output amplifiers are rail-to-rail, providing an output voltage range of 0 V to VA when the reference is VA. All
amplifiers, even rail-to-rail types, exhibit a loss of linearity as the output approaches the supply rails (0 V and VA,
in this case). For this reason, linearity is specified over less than the full output range of the DAC. However, if the
reference is less than VA, there is only a loss in linearity in the lowest codes. The output capabilities of the
amplifier are described in Electrical Characteristics.
The output amplifiers are capable of driving a load of 2 k
Ω in parallel with 1500 pF to ground or to VA. The zero-
code and full-scale outputs for given load currents are available in Electrical Characteristics.
8.3.3 Reference Voltage
The DAC124S085 uses a single external reference that is shared by all four channels. The reference pin, VREFIN,
is not buffered and has an input impedance of 30 k
Ω. TI recommends driving the VREFIN by a voltage source with
low-output impedance. The reference voltage range is 1 V to VA, providing the widest possible output dynamic
range.


Similar Part No. - DAC124S085_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC124S085CIMM NSC-DAC124S085CIMM Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085CIMMX NSC-DAC124S085CIMMX Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
More results

Similar Description - DAC124S085_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC124S085 NSC-DAC124S085 Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
11696 TI-11696 Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC084S085 NSC-DAC084S085 Datasheet
832Kb / 18P
   8-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC104S085 TI-DAC104S085 Datasheet
1Mb / 29P
[Old version datasheet]   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC104S085 NSC-DAC104S085 Datasheet
832Kb / 18P
   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC121S101QML TI1-DAC121S101QML_16 Datasheet
791Kb / 26P
[Old version datasheet]   DAC121S101QML 12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC122S085 NSC-DAC122S085 Datasheet
821Kb / 18P
   12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC122S085 TI1-DAC122S085_14 Datasheet
1Mb / 28P
[Old version datasheet]   DAC122S085 12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com