Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC124S085 Datasheet(PDF) 10 Page - Texas Instruments

Part # DAC124S085
Description  DAC124S085 12-Bit Micro Power Quad Digital-to-Analog Converter With Rail-to-Rail Output
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC124S085 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC124S085_16 Datasheet HTML 6Page - Texas Instruments DAC124S085_16 Datasheet HTML 7Page - Texas Instruments DAC124S085_16 Datasheet HTML 8Page - Texas Instruments DAC124S085_16 Datasheet HTML 9Page - Texas Instruments DAC124S085_16 Datasheet HTML 10Page - Texas Instruments DAC124S085_16 Datasheet HTML 11Page - Texas Instruments DAC124S085_16 Datasheet HTML 12Page - Texas Instruments DAC124S085_16 Datasheet HTML 13Page - Texas Instruments DAC124S085_16 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
10
DAC124S085
SNAS348G – MAY 2006 – REVISED APRIL 2016
www.ti.com
Product Folder Links: DAC124S085
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
TA = 25°C, VREF = VA, fSCLK = 30 MHz, and input code range 48 to 4047 (unless otherwise noted)
Figure 9. INL/DNL vs fSCLK
at VA = 2.7 V
Figure 10. INL/DNL vs VA
Figure 11. INL/DNL vs Clock Duty Cycle
at VA = 3 V
Figure 12. INL/DNL vs Clock Duty Cycle
at VA = 5 V
Figure 13. INL/DNL vs Temperature
at VA = 3 V
Figure 14. INL/DNL vs Temperature
at VA = 5 V


Similar Part No. - DAC124S085_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC124S085CIMM NSC-DAC124S085CIMM Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085CIMMX NSC-DAC124S085CIMMX Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
More results

Similar Description - DAC124S085_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC124S085 NSC-DAC124S085 Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
11696 TI-11696 Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC084S085 NSC-DAC084S085 Datasheet
832Kb / 18P
   8-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC104S085 TI-DAC104S085 Datasheet
1Mb / 29P
[Old version datasheet]   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC104S085 NSC-DAC104S085 Datasheet
832Kb / 18P
   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC121S101QML TI1-DAC121S101QML_16 Datasheet
791Kb / 26P
[Old version datasheet]   DAC121S101QML 12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC122S085 NSC-DAC122S085 Datasheet
821Kb / 18P
   12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC122S085 TI1-DAC122S085_14 Datasheet
1Mb / 28P
[Old version datasheet]   DAC122S085 12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com