Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC124S085 Datasheet(PDF) 1 Page - Texas Instruments

Part # DAC124S085
Description  DAC124S085 12-Bit Micro Power Quad Digital-to-Analog Converter With Rail-to-Rail Output
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC124S085 Datasheet(HTML) 1 Page - Texas Instruments

  DAC124S085_16 Datasheet HTML 1Page - Texas Instruments DAC124S085_16 Datasheet HTML 2Page - Texas Instruments DAC124S085_16 Datasheet HTML 3Page - Texas Instruments DAC124S085_16 Datasheet HTML 4Page - Texas Instruments DAC124S085_16 Datasheet HTML 5Page - Texas Instruments DAC124S085_16 Datasheet HTML 6Page - Texas Instruments DAC124S085_16 Datasheet HTML 7Page - Texas Instruments DAC124S085_16 Datasheet HTML 8Page - Texas Instruments DAC124S085_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DAC124S085
SNAS348G – MAY 2006 – REVISED APRIL 2016
DAC124S085 12-Bit Micro Power Quad Digital-to-Analog
Converter With Rail-to-Rail Output
1
1 Features
1
Ensured Monotonicity
Low Power Operation
Rail-to-Rail Voltage Output
Power-On Reset to 0 V
Simultaneous Output Updating
Wide Power Supply Range: 2.7 V to 5.5 V
Industry's Smallest Package
Power-Down Modes
Resolution: 12 Bits
INL: ±8 LSB (Maximum)
DNL: 0.7 to
−0.5 LSB (Maximum)
Setting Time: 8.5 µs (Maximum)
Zero Code Error: 15 mV (Maximum)
Full-Scale Error:
−0.75% FS (Maximum)
Supply Power:
Normal: 1.1 mW at 3 V or 2.4 mW at 5 V
(Typical)
Power Down: 0.3 µW at 3 V or 0.8 µW at 5 V
(Typical)
2 Applications
Battery-Powered Instruments
Digital Gain and Offset Adjustment
Programmable Voltage and Current Sources
Programmable Attenuators
3 Description
The DAC124S085 device is a full-featured, general-
purpose,
quad,
12-bit,
voltage-output,
digital-to-
analog converter (DAC) that can operate from a
single 2.7-V to 5.5-V supply and consumes 1.1 mW
at 3 V and 2.4 mW at 5 V. The DAC124S085 is
packaged in 10-pin WSON and VSSOP packages.
The 10-pin SON package makes the DAC124S085
the smallest quad DAC in its class. The on-chip
output amplifier allows rail-to-rail output swing and the
three-wire serial interface operates at clock rates up
to 40 MHz over the entire supply voltage range.
Competitive devices are limited to 25-MHz clock rates
at supply voltages in the 2.7-V to 3.6-V range. The
serial interface is compatible with standard SPI,
QSPI, MICROWIRE, and DSP interfaces.
The reference for the DAC124S085 serves all four
channels and can vary in voltage between 1 V and
VA, providing the widest possible output dynamic
range. The DAC124S085 has a 16-bit input shift
register that controls the outputs to be updated, the
mode of operation, the power-down condition, and
the binary input data. All four outputs can be updated
simultaneously or individually depending on the
setting of the two mode of operation bits.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DAC124S085
VSSOP (10)
3.00 mm × 3.00 mm
WSON (10)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
DNL at VA = 3 V


Similar Part No. - DAC124S085_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC124S085CIMM NSC-DAC124S085CIMM Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085CIMMX NSC-DAC124S085CIMMX Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
More results

Similar Description - DAC124S085_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC124S085 NSC-DAC124S085 Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
11696 TI-11696 Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC084S085 NSC-DAC084S085 Datasheet
832Kb / 18P
   8-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC104S085 TI-DAC104S085 Datasheet
1Mb / 29P
[Old version datasheet]   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC104S085 NSC-DAC104S085 Datasheet
832Kb / 18P
   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC121S101QML TI1-DAC121S101QML_16 Datasheet
791Kb / 26P
[Old version datasheet]   DAC121S101QML 12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC122S085 NSC-DAC122S085 Datasheet
821Kb / 18P
   12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC122S085 TI1-DAC122S085_14 Datasheet
1Mb / 28P
[Old version datasheet]   DAC122S085 12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com