Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC124S085 Datasheet(PDF) 23 Page - Texas Instruments

Part # DAC124S085
Description  DAC124S085 12-Bit Micro Power Quad Digital-to-Analog Converter With Rail-to-Rail Output
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC124S085 Datasheet(HTML) 23 Page - Texas Instruments

Back Button DAC124S085_16 Datasheet HTML 19Page - Texas Instruments DAC124S085_16 Datasheet HTML 20Page - Texas Instruments DAC124S085_16 Datasheet HTML 21Page - Texas Instruments DAC124S085_16 Datasheet HTML 22Page - Texas Instruments DAC124S085_16 Datasheet HTML 23Page - Texas Instruments DAC124S085_16 Datasheet HTML 24Page - Texas Instruments DAC124S085_16 Datasheet HTML 25Page - Texas Instruments DAC124S085_16 Datasheet HTML 26Page - Texas Instruments DAC124S085_16 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
23
DAC124S085
www.ti.com
SNAS348G – MAY 2006 – REVISED APRIL 2016
Product Folder Links: DAC124S085
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Using References as Power Supplies (continued)
Like any low dropout regulator, the LP2980 requires an output capacitor for loop stability. This output capacitor
must be at least 1 µF over temperature, but values of 2.2 µF or more provides even better performance. The
ESR of this capacitor must be within the range specified in the LP2980 data sheet. Surface-mount solid tantalum
capacitors offer a good combination of small size and ESR. Ceramic capacitors are attractive due to their small
size but generally have ESR values that are too low for use with the LP2980. Aluminum electrolytic capacitors
are typically not a good choice due to their large size and have ESR values that may be too high at low
temperatures.
11 Layout
11.1 Layout Guidelines
For best accuracy and minimum noise, the printed-circuit board containing the DAC124S085 must have separate
analog and digital areas. The areas are defined by the locations of the analog and digital power planes. Both of
these planes must be placed in the same board layer. There must be a single ground plane. A single ground
plane is preferred if digital return current does not flow through the analog ground area. Frequently a single
ground plane design uses a fencing technique to prevent the mixing of analog and digital ground current.
Separate ground planes must only be used when the fencing technique is inadequate. The separate ground
planes must be connected in one place, preferably near the DAC124S085. Take special care to ensure that
digital signals with fast edge rates do not pass over split ground planes. They must always have a continuous
return path below their traces.
The DAC124S085 power supply must be bypassed with a 10-µF and a 0.1-µF capacitor as close as possible to
the device with the 0.1 µF right at the device supply pin. The 10-µF capacitor must be a tantalum type and the
0.1-µF capacitor must be a low ESL, low ESR type. The power supply for the DAC124S085 must only be used
for analog circuits.
Avoid crossover of analog and digital signals and keep the clock and data lines on the component side of the
board. The clock and data lines must have controlled impedances.
11.2 Layout Example
Figure 41. DAC124S085 Layout Example


Similar Part No. - DAC124S085_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC124S085CIMM NSC-DAC124S085CIMM Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085CIMMX NSC-DAC124S085CIMMX Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
More results

Similar Description - DAC124S085_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC124S085 NSC-DAC124S085 Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
11696 TI-11696 Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC084S085 NSC-DAC084S085 Datasheet
832Kb / 18P
   8-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC104S085 TI-DAC104S085 Datasheet
1Mb / 29P
[Old version datasheet]   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC104S085 NSC-DAC104S085 Datasheet
832Kb / 18P
   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC121S101QML TI1-DAC121S101QML_16 Datasheet
791Kb / 26P
[Old version datasheet]   DAC121S101QML 12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC122S085 NSC-DAC122S085 Datasheet
821Kb / 18P
   12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC122S085 TI1-DAC122S085_14 Datasheet
1Mb / 28P
[Old version datasheet]   DAC122S085 12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com