Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC124S085 Datasheet(PDF) 17 Page - Texas Instruments

Part # DAC124S085
Description  DAC124S085 12-Bit Micro Power Quad Digital-to-Analog Converter With Rail-to-Rail Output
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC124S085 Datasheet(HTML) 17 Page - Texas Instruments

Back Button DAC124S085_16 Datasheet HTML 13Page - Texas Instruments DAC124S085_16 Datasheet HTML 14Page - Texas Instruments DAC124S085_16 Datasheet HTML 15Page - Texas Instruments DAC124S085_16 Datasheet HTML 16Page - Texas Instruments DAC124S085_16 Datasheet HTML 17Page - Texas Instruments DAC124S085_16 Datasheet HTML 18Page - Texas Instruments DAC124S085_16 Datasheet HTML 19Page - Texas Instruments DAC124S085_16 Datasheet HTML 20Page - Texas Instruments DAC124S085_16 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
80C51/80L51
DAC124S085
P3.3
TXD
RXD
SCLK
DIN
SYNC
ADSP-2101/
ADSP2103
DAC124S085
TFS
DT
SCLK
DIN
SCLK
SYNC
MSB
A1
A0 OP1 OP0 D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
DATA BITS
0 0 Write to specified register but do not update outputs.
0 1 Write to specified register and update outputs.
1 0 Write to all registers and update outputs.
1 1 Power-down outputs.
LSB
0 0 DAC A
0 1 DAC B
1 0 DAC C
1 1 DAC D
17
DAC124S085
www.ti.com
SNAS348G – MAY 2006 – REVISED APRIL 2016
Product Folder Links: DAC124S085
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Programming (continued)
Figure 30. Input Register Contents
Normally, the SYNC line is kept low for at least 16 falling edges of SCLK and the DAC is updated on the 16th
SCLK falling edge. However, if SYNC is brought high before the 16th falling edge, the data transfer to the shift
register is aborted and the write sequence is invalid. Under this condition, the DAC register is not updated and
there is no change in the mode of operation or in the DAC output voltages.
8.5.3 DSP or Microprocessor Interfacing
Interfacing the DAC124S085 to microprocessors and DSPs is quite simple. The following guidelines are offered
to hasten the design process.
8.5.3.1 ADSP-2101 or ADSP2103 Interfacing
Figure 31 shows a serial interface between the DAC124S085 and the ADSP-2101/ADSP2103. The DSP must be
set to operate in the SPORT Transmit Alternate Framing Mode. It is programmed through the SPORT control
register and must be configured for Internal Clock Operation, Active-Low Framing and 16-bit Word Length.
Transmission is started by writing a word to the Tx register after the SPORT mode has been enabled.
Figure 31. ADSP-2101/2103 Interface
8.5.3.2 80C51 or 80L51 Interface
A serial interface between the DAC124S085 and the 80C51/80L51 microcontroller is shown in Figure 32. The
SYNC signal comes from a bit-programmable pin on the microcontroller. The example shown here uses port line
P3.3. This line is taken low when data is transmitted to the DAC124S085. Because the 80C51/80L51 transmits 8-
bit bytes, only eight falling clock edges occur in the transmit cycle. To load data into the DAC, the P3.3 line must
be left low after the first eight bits are transmitted. A second write cycle is initiated to transmit the second byte of
data, after which port line P3.3 is brought high. The 80C51/80L51 transmit routine must recognize that the
80C51/80L51 transmits data with the LSB first while the DAC124S085 requires data with the MSB first.
Figure 32. 80C51/80L51 Interface
8.5.3.3 68HC11 Interface
A serial interface between the DAC124S085 and the 68HC11 microcontroller is shown in Figure 33. The SYNC
line of the DAC124S085 is driven from a port line (PC7 in the figure), similar to the 80C51/80L51.


Similar Part No. - DAC124S085_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC124S085CIMM NSC-DAC124S085CIMM Datasheet
831Kb / 18P
12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085CIMMX NSC-DAC124S085CIMMX Datasheet
831Kb / 18P
12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
More results

Similar Description - DAC124S085_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 NSC-DAC124S085 Datasheet
831Kb / 18P
12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC084S085 NSC-DAC084S085 Datasheet
832Kb / 18P
8-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC104S085 NSC-DAC104S085 Datasheet
832Kb / 18P
10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC122S085 NSC-DAC122S085 Datasheet
821Kb / 18P
12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC104S085 TI-DAC104S085 Datasheet
1Mb / 29P
10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
11696 TI-11696 Datasheet
913Kb / 19P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC121S101QML TI1-DAC121S101QML_16 Datasheet
791Kb / 26P
DAC121S101QML 12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC122S085 TI1-DAC122S085_14 Datasheet
1Mb / 28P
DAC122S085 12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com