Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC121S101QML Datasheet(PDF) 5 Page - Texas Instruments

Part # DAC121S101QML
Description  DAC121S101QML 12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC121S101QML Datasheet(HTML) 5 Page - Texas Instruments

  DAC121S101QML_16 Datasheet HTML 1Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 2Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 3Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 4Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 5Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 6Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 7Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 8Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
DAC121S101QML
www.ti.com
SNAS410E – MAY 2008 – REVISED MARCH 2013
DAC121S101 Electrical Characteristics DC Parameters (Continued)
The following specifications apply for VA = +2.7 V to +5.5 V, RL = ∞, CL = 200 pF to GND, fSCLK = 20 MHz, input code range
48 to 4047. Boldface limits apply for TMIN ≤ TA ≤ TMAX: all other limits TA = 25°C, unless otherwise specified.
Typical
Sub-
Parameter
Test Conditions
Notes
Min
Max
Units
(1)
groups
LOGIC INPUT
IIN
Input Current
6
−200
+200
nA
1, 2, 3
VA = 5 V
0.8
V
1, 2, 3
VIL
Input Low Voltage
VA = 3 V
0.5
V
1, 2, 3
VA = 5 V
2.4
V
1, 2, 3
VIH
Input High Voltage
VA = 3 V
2.1
V
1, 2, 3
CIN
Input Capacitance
See(2)
5
pF
POWER REQUIREMENTS
5.5 V
216
270
µA
1, 2, 3
Normal Mode
fSCLK = 20 MHz 3.6 V
145
200
µA
1, 2, 3
5.5 V
185
230
µA
1, 2, 3
Normal Mode
fSCLK = 10 MHz 3.6 V
132
175
µA
1, 2, 3
5.5 V
150
190
µA
1, 2, 3
Normal Mode
fSCLK = 0
3.6 V
115
160
µA
1, 2, 3
IA
Supply Current (output unloaded)
5.5 V
22
60
µA
1, 2, 3
All PD Modes,
fSCLK = 20 MHz 3.6 V
12
30
µA
1, 2, 3
5.5 V
12
40
µA
1, 2, 3
All PD Modes,
fSCLK = 10 MHz 3.6 V
6
20
µA
1, 2, 3
5.5 V
.006
1.0
µA
1, 2, 3
All PD Modes,
fSCLK = 0
3.6 V
.004
1.0
µA
1, 2, 3
5.5 V
1.19
1.49
mW
Normal Mode
See(2)
fSCLK = 20 MHz 3.6 V
0.52
.72
mW
5.5 V
1.02
1.27
mW
Normal Mode
See(2)
fSCLK = 10 MHz 3.6 V
0.47
.63
mW
5.5 V
0.82
1.05
mW
Normal Mode
See(2)
fSCLK = 0
3.6 V
0.41
.58
mW
Power Consumption (output
PC
unloaded)
5.5 V
0.12
.33
mW
All PD Modes,
See(2)
fSCLK = 20 MHz 3.6 V
0.07
.11
mW
5.5 V
0.04
.22
mW
All PD Modes,
See(2)
fSCLK = 10 MHz 3.6 V
0.02
.08
mW
5.5 V
0.033
5.5
µW
All PD Modes,
See(2)
fSCLK = 0
3.6 V
0.014
3.6
µW
91
%
IOUT / IA
Power Efficiency
ILOAD = 2 mA
See(2)
94
%
(1)
Typical figures are at TJ = 25°C, and represent most likely parametric norms.
(2)
This parameter is guaranteed by design and/or characterization and is not tested in production.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DAC121S101QML


Similar Part No. - DAC121S101QML_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
More results

Similar Description - DAC121S101QML_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
11696 TI-11696 Datasheet
913Kb / 19P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC122S085 NSC-DAC122S085 Datasheet
821Kb / 18P
12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 NSC-DAC124S085 Datasheet
831Kb / 18P
12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC122S085 TI1-DAC122S085_14 Datasheet
1Mb / 28P
DAC122S085 12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 TI1-DAC124S085_16 Datasheet
1Mb / 32P
DAC124S085 12-Bit Micro Power Quad Digital-to-Analog Converter With Rail-to-Rail Output
logo
National Semiconductor ...
DAC081S101 NSC-DAC081S101 Datasheet
899Kb / 19P
8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC101S101 NSC-DAC101S101 Datasheet
905Kb / 19P
10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC128S085 NSC-DAC128S085 Datasheet
526Kb / 24P
12-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com