Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC121S101QML Datasheet(PDF) 20 Page - Texas Instruments

Part # DAC121S101QML
Description  DAC121S101QML 12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC121S101QML Datasheet(HTML) 20 Page - Texas Instruments

Back Button DAC121S101QML_16 Datasheet HTML 16Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 17Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 18Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 19Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 20Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 21Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 22Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 23Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
DAC121S101
DIN
SCLK
SYNC
VOUT
0.1 PF
+
10 PF
+
-
+5V
R1
R2
-5V
+5V
±5V
10 pF
DAC121S101QML
SNAS410E – MAY 2008 – REVISED MARCH 2013
www.ti.com
Like any low dropout regulator, the LP2980 requires an output capacitor for loop stability. This output capacitor
must be at least 1.0µF over temperature, but values of 2.2µF or more will provide even better performance. The
ESR of this capacitor should be within the range specified in the LP2980 data sheet. Surface-mount solid
tantalum capacitors offer a good combination of small size and ESR. Ceramic capacitors are attractive due to
their small size but generally have ESR values that are too low for use with the LP2980. Aluminum electrolytic
capacitors are typically not a good choice due to their large size and have ESR values that may be too high at
low temperatures.
BIPOLAR OPERATION
The DAC121S101 is designed for single supply operation and thus has a unipolar output. However, a bipolar
output may be obtained with the circuit in Figure 43. This circuit will provide an output voltage range of ±5 Volts.
A rail-to-rail amplifier should be used if the amplifier supplies are limited to ±5V.
Figure 43. Bipolar Operation
The output voltage of this circuit for any code is found to be
VO = (VA x (D / 4096) x ((R1 + R2) / R1) - VA x R2 / R1)
(5)
where D is the input code in decimal form. With VA = 5V and R1 = R2,
VO = (10 x D / 4096) - 5V
(6)
A list of rail-to-rail amplifiers suitable for this application are indicated in Table 2.
Table 2. Some Rail-to-Rail Amplifiers
AMP
PKGS
Typ VOS
Typ ISUPPLY
DIP-8
LMC7111
0.9 mV
25 µA
SOT23-5
SO-8
LM7301
0.03 mV
620 µA
SOT23-5
LM8261
SOT23-5
0.7 mV
1 mA
LAYOUT, GROUNDING, AND BYPASSING
For best accuracy and minimum noise, the printed circuit board containing the DAC121S101 should have
separate analog and digital areas. The areas are defined by the locations of the analog and digital power planes.
Both of these planes should be located in the same board layer. There should be a single ground plane. A single
ground plane is preferred if digital return current does not flow through the analog ground area. Frequently a
single ground plane design will utilize a "fencing" technique to prevent the mixing of analog and digital ground
current. Separate ground planes should only be utilized when the fencing technique is inadequate. The separate
ground planes must be connected in one place, preferably near the DAC121S101. Special care is required to
guarantee that digital signals with fast edge rates do not pass over split ground planes. They must always have a
continuous return path below their traces.
The DAC121S101 power supply should be bypassed with a 10µF and a 0.1µF capacitor as close as possible to
the device with the 0.1µF right at the device supply pin. The 10µF capacitor should be a tantalum type and the
0.1µF capacitor should be a low ESL, low ESR type. The power supply for the DAC121S101 should only be
used for analog circuits.
20
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: DAC121S101QML


Similar Part No. - DAC121S101QML_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
More results

Similar Description - DAC121S101QML_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC081S101 NSC-DAC081S101 Datasheet
899Kb / 19P
8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC101S101 NSC-DAC101S101 Datasheet
905Kb / 19P
10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 NSC-DAC124S085 Datasheet
831Kb / 18P
12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC122S085 NSC-DAC122S085 Datasheet
821Kb / 18P
12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC128S085 NSC-DAC128S085 Datasheet
526Kb / 24P
12-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
11696 TI-11696 Datasheet
913Kb / 19P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC122S085 TI1-DAC122S085_14 Datasheet
1Mb / 28P
DAC122S085 12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 TI1-DAC124S085_16 Datasheet
1Mb / 32P
DAC124S085 12-Bit Micro Power Quad Digital-to-Analog Converter With Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com