Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC121S101QML Datasheet(PDF) 19 Page - Texas Instruments

Part # DAC121S101QML
Description  DAC121S101QML 12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC121S101QML Datasheet(HTML) 19 Page - Texas Instruments

Back Button DAC121S101QML_16 Datasheet HTML 15Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 16Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 17Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 18Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 19Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 20Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 21Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 22Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
LP2980
DAC121S101
DIN
SCLK
SYNC
VOUT = 0V to 5V
1 PF
Input
Voltage
ON / OFF
VIN
VOUT
LP3985
DAC121S101
DIN
SCLK
SYNC
VOUT = 0V to 5V
1 PF
0.1 PF
Input
Voltage
0.01 PF
DAC121S101QML
www.ti.com
SNAS410E – MAY 2008 – REVISED MARCH 2013
The minimum resistor value in the circuit of Figure 40 should be chosen such that the maximum current through
the LM4050 does not exceed its 15 mA rating. The conditions for maximum current include the input voltage at
its maximum, the LM4050 voltage at its minimum, the resistor value at its minimum due to tolerance, and the
DAC121S101 draws zero current. The maximum resistor value must allow the LM4050 to draw more than its
minimum current for regulation plus the maximum DAC121S101 current in full operation. The conditions for
minimum current include the input voltage at its minimum, the LM4050 voltage at its maximum, the resistor value
at its maximum due to tolerance, and the DAC121S101 draws its maximum current. These conditions can be
summarized as
R(min) = ( VIN(max) − VZ(min) / (IA(min) + IZ(max))
(3)
and
R(max) = ( VIN(min) − VZ(max) / (IA(max) + IZ(min) )
(4)
where VZ(min) and VZ(max) are the nominal LM4050 output voltages ± the LM4050 output tolerance over
temperature, IZ(max) is the maximum allowable current through the LM4050, IZ(min) is the minimum current
required by the LM4050 for proper regulation, IA(max) is the maximum DAC121S101 supply current, and IA(min)
is the minimum DAC121S101 supply current.
LP3985
The LP3985 is a low noise, ultra low dropout voltage regulator with a 3% accuracy over temperature. It is a good
choice for applications that do not require a precision reference for the DAC121S101. It comes in 3.0V, 3.3V and
5V versions, among others, and sports a low 30 µV noise specification at low frequencies. Since low frequency
noise is relatively difficult to filter, this specification could be important for some applications. The LP3985 comes
in a space-saving 5-pin SOT-23 and 5-bump DSBGA packages.
Figure 41. Using the LP3985 regulator
An input capacitance of 1.0µF without any ESR requirement is required at the LP3985 input, while a 1.0µF
ceramic capacitor with an ESR requirement of 5m
Ω to 500mΩ is required at the output. Careful interpretation
and understanding of the capacitor specification is required to ensure correct device operation.
LP2980
The LP2980 is an ultra low dropout regulator with a 0.5% or 1.0% accuracy over temperature, depending upon
grade. It is available in 3.0V, 3.3V and 5V versions, among others.
Figure 42. Using the LP2980 regulator
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: DAC121S101QML


Similar Part No. - DAC121S101QML_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
More results

Similar Description - DAC121S101QML_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC081S101 NSC-DAC081S101 Datasheet
899Kb / 19P
8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC101S101 NSC-DAC101S101 Datasheet
905Kb / 19P
10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 NSC-DAC124S085 Datasheet
831Kb / 18P
12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC122S085 NSC-DAC122S085 Datasheet
821Kb / 18P
12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC128S085 NSC-DAC128S085 Datasheet
526Kb / 24P
12-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
11696 TI-11696 Datasheet
913Kb / 19P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC122S085 TI1-DAC122S085_14 Datasheet
1Mb / 28P
DAC122S085 12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 TI1-DAC124S085_16 Datasheet
1Mb / 32P
DAC124S085 12-Bit Micro Power Quad Digital-to-Analog Converter With Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com