Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC121S101QML Datasheet(PDF) 18 Page - Texas Instruments

Part # DAC121S101QML
Description  DAC121S101QML 12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC121S101QML Datasheet(HTML) 18 Page - Texas Instruments

Back Button DAC121S101QML_16 Datasheet HTML 14Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 15Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 16Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 17Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 18Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 19Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 20Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 21Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
LM4050-4.1
or
LM4050-5.0
DAC121S101
DIN
SCLK
SYNC
VOUT = 0V to 5V
0.47 PF
Input
Voltage
R
VZ
LM4130-4.1
DAC121S101
DIN
SCLK
SYNC
VOUT = 0V to 4.095V
C1
0.1 PF
C2
2.2 PF
Input
Voltage
MICROWIRE
DEVICE
DAC121S101
CS
SK
SO
SCLK
DIN
SYNC
DAC121S101QML
SNAS410E – MAY 2008 – REVISED MARCH 2013
www.ti.com
Microwire Interface
Figure 38 shows an interface between a Microwire compatible device and the DAC121S101. Data is clocked out
on the rising edges of the SCLK signal.
Figure 38. Microwire Interface
USING REFERENCES AS POWER SUPPLIES
Recall the need for a quiet supply source for devices that use their power supply voltage as a reference voltage.
Since the DAC121S101 consumes very little power, a reference source may be used as the supply voltage. The
advantages of using a reference source over a voltage regulator are accuracy and stability. Some low noise
regulators can also be used for the power supply of the DAC121S101. Listed below are a few power supply
options for the DAC121S101.
LM4130
The LM4130 reference, with its 0.05% accuracy over temperature, is a good choice as a power source for the
DAC121S101. Its primary disadvantage is the lack of 3 V and 5 V versions. However, the 4.096 V version is
useful if a 0 to 4.095 V output range is desirable or acceptable. Bypassing the LM4130 VIN pin with a 0.1 µF
capacitor and the VOUT pin with a 2.2 µF capacitor will improve stability and reduce output noise. The LM4130
comes in a space-saving 5-pin SOT23.
Figure 39. The LM4130 as a power supply
LM4050
Available with accuracy of 0.44%, the LM4050 shunt reference is also a good choice as a power regulator for the
DAC121S101. It does not come in a 3 Volt version, but 4.096 V and 5 V versions are available. It comes in a
space-saving 3-pin SOT23.
Figure 40. The LM4050 as a power supply
18
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: DAC121S101QML


Similar Part No. - DAC121S101QML_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
More results

Similar Description - DAC121S101QML_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC081S101 NSC-DAC081S101 Datasheet
899Kb / 19P
8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC101S101 NSC-DAC101S101 Datasheet
905Kb / 19P
10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 NSC-DAC124S085 Datasheet
831Kb / 18P
12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC122S085 NSC-DAC122S085 Datasheet
821Kb / 18P
12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC128S085 NSC-DAC128S085 Datasheet
526Kb / 24P
12-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
11696 TI-11696 Datasheet
913Kb / 19P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC122S085 TI1-DAC122S085_14 Datasheet
1Mb / 28P
DAC122S085 12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 TI1-DAC124S085_16 Datasheet
1Mb / 32P
DAC124S085 12-Bit Micro Power Quad Digital-to-Analog Converter With Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com