Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC121S101QML Datasheet(PDF) 17 Page - Texas Instruments

Part # DAC121S101QML
Description  DAC121S101QML 12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC121S101QML Datasheet(HTML) 17 Page - Texas Instruments

Back Button DAC121S101QML_16 Datasheet HTML 13Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 14Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 15Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 16Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 17Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 18Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 19Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 20Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
68HC11
DAC121S101
PC7
SCK
MOSI
SCLK
DIN
SYNC
80C51/80L51
DAC121S101
P3.3
TXD
RXD
SCLK
DIN
SYNC
ADSP-2101/
ADSP2103
DAC121S101
TFS
DT
SCLK
DIN
SCLK
SYNC
DAC121S101QML
www.ti.com
SNAS410E – MAY 2008 – REVISED MARCH 2013
Applications Information
The simplicity of the DAC121S101 implies ease of use. However, it is important to recognize that any data
converter that utilizes its supply voltage as its reference voltage will have essentially zero PSRR (Power Supply
Rejection Ratio). Therefore, it is necessary to provide a noise-free supply voltage to the device.
DSP/MICROPROCESSOR INTERFACING
Interfacing the DAC121S101 to microprocessors and DSPs is quite simple. The following guidelines are offered
to hasten the design process.
ADSP-2101/ADSP2103 Interfacing
Figure 35 shows a serial interface between the DAC121S101 and the ADSP-2101/ADSP2103. The DSP should
be set to operate in the SPORT Transmit Alternate Framing Mode. It is programmed through the SPORT control
register and should be configured for Internal Clock Operation, Active Low Framing and 16-bit Word Length.
Transmission is started by writing a word to the Tx register after the SPORT mode has been enabled.
Figure 35. ADSP-2101/2103 Interface
80C51/80L51 Interface
A serial interface between the DAC121S101 and the 80C51/80L51 microcontroller is shown in Figure 36. The
SYNC signal comes from a bit-programmable pin on the microcontroller. The example shown here uses port line
P3.3. This line is taken low when data is to transmitted to the DAC121S101. Since the 80C51/80L51 transmits 8-
bit bytes, only eight falling clock edges occur in the transmit cycle. To load data into the DAC, the P3.3 line must
be left low after the first eight bits are transmitted. A second write cycle is initiated to transmit the second byte of
data, after which port line P3.3 is brought high. The 80C51/80L51 transmit routine must recognize that the
80C51/80L51 transmits data with the LSB first while the DAC121S101 requires data with the MSB first.
Figure 36. 80C51/80L51 Interface
68HC11 Interface
A serial interface between the DAC121S101 and the 68HC11 microcontroller is shown in Figure 37. The SYNC
line of the DAC121S101 is driven from a port line (PC7 in the figure), similar to the 80C51/80L51.
The 68HC11 should be configured with its CPOL bit as a zero and its CPHA bit as a one. This configuration
causes data on the MOSI output to be valid on the falling edge of SCLK. PC7 is taken low to transmit data to the
DAC. The 68HC11 transmits data in 8-bit bytes with eight falling clock edges. Data is transmitted with the MSB
first. PC7 must remain low after the first eight bits are transferred. A second write cycle is initiated to transmit the
second byte of data to the DAC, after which PC7 should be raised to end the write sequence.
Figure 37. 68HC11 Interface
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: DAC121S101QML


Similar Part No. - DAC121S101QML_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
More results

Similar Description - DAC121S101QML_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC081S101 NSC-DAC081S101 Datasheet
899Kb / 19P
8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC101S101 NSC-DAC101S101 Datasheet
905Kb / 19P
10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 NSC-DAC124S085 Datasheet
831Kb / 18P
12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC122S085 NSC-DAC122S085 Datasheet
821Kb / 18P
12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC128S085 NSC-DAC128S085 Datasheet
526Kb / 24P
12-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
11696 TI-11696 Datasheet
913Kb / 19P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC122S085 TI1-DAC122S085_14 Datasheet
1Mb / 28P
DAC122S085 12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 TI1-DAC124S085_16 Datasheet
1Mb / 32P
DAC124S085 12-Bit Micro Power Quad Digital-to-Analog Converter With Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com