Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC121S101QML Datasheet(PDF) 16 Page - Texas Instruments

Part # DAC121S101QML
Description  DAC121S101QML 12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC121S101QML Datasheet(HTML) 16 Page - Texas Instruments

Back Button DAC121S101QML_16 Datasheet HTML 12Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 13Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 14Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 15Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 16Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 17Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 18Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 19Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
DB15 (MSB)
X
X
PD1 PD0 D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
DATA BITS
DB0 (LSB)
5 k:
100 k:
Power-Down Modes
0 0 Normal Operation
0 1
to GND
1 0
to GND
1 1 High Impedance
DAC121S101QML
SNAS410E – MAY 2008 – REVISED MARCH 2013
www.ti.com
Since the SYNC and DIN buffers draw more current when they are high, they should be idled low between write
sequences to minimize power consumption.
INPUT SHIFT REGISTER
The input shift register, Figure 34, has sixteen bits. The first two bits are "don't cares" and are followed by two
bits that determine the mode of operation (normal mode or one of three power-down modes). The contents of the
serial input register are transferred to the DAC register on the sixteenth falling edge of SCLK. See Timing
Diagram, Figure 4.
Figure 34. Input Register Contents
Normally, the SYNC line is kept low for at least 16 falling edges of SCLK and the DAC is updated on the 16th
SCLK falling edge. However, if SYNC is brought high before the 16th falling edge, the shift register is reset and
the write sequence is invalid. The DAC register is not updated and there is no change in the mode of operation
or in the output voltage.
POWER-ON RESET
The power-on reset circuit controls the output voltage during power-up. Upon application of power the DAC
register is filled with zeros and the output voltage is 0 Volts and remains there until a valid write sequence is
made to the DAC.
POWER-DOWN MODES
The DAC121S101 has four modes of operation. These modes are set with two bits (DB13 and DB12) in the
control register.
Table 1. Modes of Operation
DB13
DB12
Operating Mode
0
0
Normal Operation
0
1
Power-Down with 5k
Ω to GND
1
0
Power-Down with 100k
Ω to GND
1
1
Power-Down with Hi-Z
When both DB13 and DB12 are 0, the device operates normally. For the other three possible combinations of
these bits the supply current drops to its power-down level and the output is pulled down with either a 5k
Ω or a
100k
Ω resistor, or is in a high impedance state, as described in Table 1.
The bias generator, output amplifier, the resistor string and other linear circuitry are all shut down in any of the
power-down modes. Minimum power consumption is achieved in the power-down mode with SCLK disabled and
SYNC and DIN idled low.
16
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: DAC121S101QML


Similar Part No. - DAC121S101QML_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
More results

Similar Description - DAC121S101QML_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC081S101 NSC-DAC081S101 Datasheet
899Kb / 19P
8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC101S101 NSC-DAC101S101 Datasheet
905Kb / 19P
10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 NSC-DAC124S085 Datasheet
831Kb / 18P
12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC122S085 NSC-DAC122S085 Datasheet
821Kb / 18P
12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC128S085 NSC-DAC128S085 Datasheet
526Kb / 24P
12-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
11696 TI-11696 Datasheet
913Kb / 19P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC122S085 TI1-DAC122S085_14 Datasheet
1Mb / 28P
DAC122S085 12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 TI1-DAC124S085_16 Datasheet
1Mb / 32P
DAC124S085 12-Bit Micro Power Quad Digital-to-Analog Converter With Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com