Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC121S101QML Datasheet(PDF) 15 Page - Texas Instruments

Part # DAC121S101QML
Description  DAC121S101QML 12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC121S101QML Datasheet(HTML) 15 Page - Texas Instruments

Back Button DAC121S101QML_16 Datasheet HTML 11Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 12Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 13Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 14Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 15Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 16Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 17Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 18Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
VA
R
R
R
R
To Output Amplifier
R
DAC121S101QML
www.ti.com
SNAS410E – MAY 2008 – REVISED MARCH 2013
FUNCTIONAL DESCRIPTION
DAC SECTION
The DAC121S101 is fabricated on a CMOS process with an architecture that consists of switches and a resistor
string that are followed by an output buffer. The power supply serves as the reference voltage. The input coding
is straight binary with an ideal output voltage of:
VOUT = VA x (D / 4096)
(2)
where D is the decimal equivalent of the binary code that is loaded into the DAC register and can take on any
value between 0 and 4095.
RESISTOR STRING
The simplified resistor string is shown in Figure 33. Conceptually, this string consists of 4096 equal valued
resistors with a switch at each junction of two resistors, plus a switch to ground. The code loaded into the DAC
register determines which switch is closed, connecting the proper node to the amplifier. This configuration
guarantees that the DAC is monotonic.
Figure 33. DAC Resistor String
OUTPUT AMPLIFIER
The output buffer amplifier is a rail-to-rail type, providing an output voltage range of 0V to VA. All amplifiers, even
rail-to-rail types, exhibit a loss of linearity as the output approaches the supply rails (0V and VA, in this case). For
this reason, linearity is specified over less than the full output range of the DAC. The output capabilities of the
amplifier are described in the Electrical Tables.
SERIAL INTERFACE
The three-wire interface is compatible with SPI, QSPI and MICROWIRE, as well as most DSPs. See the Timing
Diagram for information on a write sequence.
A write sequence begins by bringing the SYNC line low. Once SYNC is low, the data on the DIN line is clocked
into the 16-bit serial input register on the falling edges of SCLK. On the 16th falling clock edge, the last data bit is
clocked in and the programmed function (a change in the mode of operation and/or a change in the DAC register
contents) is executed. At this point the SYNC line may be kept low or brought high. In either case, it must be
brought high for the minimum specified time before the next write sequence as a falling edge of SYNC can
initiate the next write cycle.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: DAC121S101QML


Similar Part No. - DAC121S101QML_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
More results

Similar Description - DAC121S101QML_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC081S101 NSC-DAC081S101 Datasheet
899Kb / 19P
8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC101S101 NSC-DAC101S101 Datasheet
905Kb / 19P
10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 NSC-DAC124S085 Datasheet
831Kb / 18P
12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC122S085 NSC-DAC122S085 Datasheet
821Kb / 18P
12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC128S085 NSC-DAC128S085 Datasheet
526Kb / 24P
12-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
11696 TI-11696 Datasheet
913Kb / 19P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC122S085 TI1-DAC122S085_14 Datasheet
1Mb / 28P
DAC122S085 12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 TI1-DAC124S085_16 Datasheet
1Mb / 32P
DAC124S085 12-Bit Micro Power Quad Digital-to-Analog Converter With Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com