Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24705 Datasheet(PDF) 15 Page - Texas Instruments

Part # BQ24705
Description  Host-Controlled Multi-Cell Battery Charger
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24705 Datasheet(HTML) 15 Page - Texas Instruments

Back Button BQ24705_15 Datasheet HTML 11Page - Texas Instruments BQ24705_15 Datasheet HTML 12Page - Texas Instruments BQ24705_15 Datasheet HTML 13Page - Texas Instruments BQ24705_15 Datasheet HTML 14Page - Texas Instruments BQ24705_15 Datasheet HTML 15Page - Texas Instruments BQ24705_15 Datasheet HTML 16Page - Texas Instruments BQ24705_15 Datasheet HTML 17Page - Texas Instruments BQ24705_15 Datasheet HTML 18Page - Texas Instruments BQ24705_15 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
DETAILED DESCRIPTION
BATTERY VOLTAGE REGULATION
x
x
VADJ
BAT
REF
V
V
= cell count
4V + 0.512
V
é
ù
æ
ö÷
ç
ê
ú
÷
ç
÷
ê
ú
ç
÷
çè
ø
ê
ú
ë
û
(1)
BATTERY CURRENT REGULATION
x
SRSET
CHARGE
REF
SR
V
0.10
I
=
V
R
(2)
INPUT ADAPTER CURRENT REGULATION
bq24705
www.ti.com............................................................................................................................................... SLUS779B – DECEMBER 2007 – REVISED MARCH 2009
The bq24705 uses a high-accuracy voltage regulator for charging voltage. The internal default battery voltage
setting VBATT= 4.2 V × cell count. The regulation voltage is ratio-metric with respect to VREF. The ratio of VADJ
and VREF provides extra 12.5% adjust range on VBATT regulation voltage. By limiting the adjust range to 12.5%
of the regulation voltage, the external resistor mismatch error is reduced from ±1% to ±0.1%. Therefore, an
overall voltage accuracy as good as 0.5% is maintained, while using 1% mis-match resistors. Ratio-metric
conversion also allows compatibility with D/As or microcontrollers (
µC). The battery voltage is programmed
through VADJ and VREF using Equation 1.
VADJ is set between 0 and VREF. VBATT defaults to 4.2 V × cell count when VADJ is connected to REGN.
CELLS pin is the logic input for selecting cell count. Connect CELLS to charge 2,3, or 4 Li+ cells. When charging
other cell chemistries, use CELLS to select an output voltage range for the charger.
CELLS
CELL COUNT
Float
2
AGND
3
VREF
4
The per-cell battery termination voltage is function of the battery chemistry. Consult the battery manufacturer to
determine this voltage.
The BAT pin is used to sense the battery voltage for voltage regulation and should be connected as close to the
battery as possible, or directly on the output capacitor. A 0.1-
µF ceramic capacitor from BAT to AGND is
recommended to be as close to the BAT pin as possible to decouple high frequency noise.
The SRSET input sets the maximum charging current. Battery current is sensed by resistor RSR connected
between SRP and SRN. The full-scale differential voltage between SRP and SRN is 100 mV. Thus, for a 0.010
sense resistor, the maximum charging current is 10 A. SRSET is ratio-metric with respect to VREF using
Equation 2:
The input voltage range of SRSET is between 0 and VREF, up to 3.3 V.
The SRP and SRN pins are used to sense across RSR with default value of 10 mΩ. However, resistors of other
values can also be used. A larger the sense resistor, gives a larger sense voltage, and a higher regulation
accuracy, but at the expense of higher conduction loss.
The total input from an AC adapter or other DC sources is a function of the system supply current and the battery
charging current. System current normally fluctuates as portions of the systems are powered up or down. Without
Dynamic Power Management (DPM), the source must be able to supply the maximum system current and the
maximum charger input current simultaneously. By using DPM, the input current regulator reduces the charging
current when the input current exceeds the input current limit set by ACSET. The current capability of the AC
adapter can be lowered, which may reduce the system cost.
Similar to setting battery regulation current, adapter current is sensed by resistor RAC connected between ACP
and ACN. The maximum value is set by ACSET, which is a ratio-metric with respect to VREF, using Equation 3.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s) :bq24705
Not Recommended for New Designs


Similar Part No. - BQ24705_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24705 TI1-BQ24705_17 Datasheet
1Mb / 32P
[Old version datasheet]   600-kHz, Host-Controlled Multi-Cell Battery Charger With Input Overvoltage Protection
More results

Similar Description - BQ24705_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24751RHDRG4 TI-BQ24751RHDRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger
BQ24740 TI1-BQ24740_14 Datasheet
1Mb / 33P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger
BQ24705 TI1-BQ24705_17 Datasheet
1Mb / 32P
[Old version datasheet]   600-kHz, Host-Controlled Multi-Cell Battery Charger With Input Overvoltage Protection
BQ24705 TI-BQ24705 Datasheet
1Mb / 30P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger With Low Input Power Detect
BQ24740 TI-BQ24740 Datasheet
1Mb / 29P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24740 TI-BQ24740_07 Datasheet
1Mb / 32P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24261 TI1-BQ24261 Datasheet
6Mb / 46P
[Old version datasheet]   3A, 30V, Host-Controlled Single-Input, Single Cell Switchmode Li-Ion Battery Charger
BQ24765 TI1-BQ24765_15 Datasheet
1Mb / 43P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger
BQ24753 TI-BQ24753 Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24751B TI1-BQ24751B Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com