Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24705 Datasheet(PDF) 14 Page - Texas Instruments

Part # BQ24705
Description  Host-Controlled Multi-Cell Battery Charger
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24705 Datasheet(HTML) 14 Page - Texas Instruments

Back Button BQ24705_15 Datasheet HTML 10Page - Texas Instruments BQ24705_15 Datasheet HTML 11Page - Texas Instruments BQ24705_15 Datasheet HTML 12Page - Texas Instruments BQ24705_15 Datasheet HTML 13Page - Texas Instruments BQ24705_15 Datasheet HTML 14Page - Texas Instruments BQ24705_15 Datasheet HTML 15Page - Texas Instruments BQ24705_15 Datasheet HTML 16Page - Texas Instruments BQ24705_15 Datasheet HTML 17Page - Texas Instruments BQ24705_15 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
bq24705
IADAPT
BTST
HIDRV
PH
REGN
LODRV
PGND
BAT
6VLDO
V(ACP-ACN)
+
V(SRP-SRN)
COMP
ERROR
AMPLIFIER
V(IADAPT)
+
20x
ACP
ACN
ENA_BIAS
20 A
m
20 A
m
IIN_ER
BAT_ER
ICH_ER
1V
IIN_REG
VBAT_REG
IBAT_REG
DC-DC
CONVERTER
PWMLOGIC
PVCC
PH
4V
+
_
BTST
REFRESH
C
BTST
CHGEN
155°C
ICTj
TSHUT
LEVEL
SHIFTER
+
+
+
+
+
+
V(SRP-SRN)
CHG_OCP
+
145%XIBAT_REG
VREF
VBAT_REG
IBAT_REG
IIN_REG
VBATSET
IBATSET
IINSET
RATIO
PROGRAM
BAT
BAT_OVP
+
104%XVBAT_REG
ACDET
ACOV
+
+
3.1V
3.3V
LDO
PVCC
DPMDET
DPM_LOOP_ON
ACGOOD
PVCC_BAT
+
PVCC
+
BAT
AGND
PVCC
CHGEN
SYNCH
+
V(SRP-SRN)
ISYNSET
ACSET
SRSET
VADJ
CELLS
PGND
FBO
EAI
EAO
0.6V
ACDET
VREF
ACP
ACN
+
VREFGOOD
AC_VGOOD
2.4V
+
Rising
Delay
8ms
Rising
Delay
700ms
SYNCH
+
20x
3.5mA
3.5mA
CHRG_ON
SRN
SRP
185mV
20x
PVCC
UVLO
+
+
4.0V
UVLO
UVLO
VREFGOOD
bq24705
SLUS779B – DECEMBER 2007 – REVISED MARCH 2009............................................................................................................................................... www.ti.com
FUNCTIONAL BLOCK DIAGRAM
14
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s) :bq24705
Not Recommended for New Designs


Similar Part No. - BQ24705_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24705 TI1-BQ24705_17 Datasheet
1Mb / 32P
[Old version datasheet]   600-kHz, Host-Controlled Multi-Cell Battery Charger With Input Overvoltage Protection
More results

Similar Description - BQ24705_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24751RHDRG4 TI-BQ24751RHDRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger
BQ24740 TI1-BQ24740_14 Datasheet
1Mb / 33P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger
BQ24705 TI1-BQ24705_17 Datasheet
1Mb / 32P
[Old version datasheet]   600-kHz, Host-Controlled Multi-Cell Battery Charger With Input Overvoltage Protection
BQ24705 TI-BQ24705 Datasheet
1Mb / 30P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger With Low Input Power Detect
BQ24740 TI-BQ24740 Datasheet
1Mb / 29P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24740 TI-BQ24740_07 Datasheet
1Mb / 32P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24261 TI1-BQ24261 Datasheet
6Mb / 46P
[Old version datasheet]   3A, 30V, Host-Controlled Single-Input, Single Cell Switchmode Li-Ion Battery Charger
BQ24765 TI1-BQ24765_15 Datasheet
1Mb / 43P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger
BQ24753 TI-BQ24753 Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24751B TI1-BQ24751B Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com