Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24705 Datasheet(PDF) 11 Page - Texas Instruments

Part # BQ24705
Description  Host-Controlled Multi-Cell Battery Charger
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24705 Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ24705_15 Datasheet HTML 7Page - Texas Instruments BQ24705_15 Datasheet HTML 8Page - Texas Instruments BQ24705_15 Datasheet HTML 9Page - Texas Instruments BQ24705_15 Datasheet HTML 10Page - Texas Instruments BQ24705_15 Datasheet HTML 11Page - Texas Instruments BQ24705_15 Datasheet HTML 12Page - Texas Instruments BQ24705_15 Datasheet HTML 13Page - Texas Instruments BQ24705_15 Datasheet HTML 14Page - Texas Instruments BQ24705_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
ACSET Varied
-2
-1
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
InputCurrentRegulationSetpoint- A
4-Cell,VBAT =16V
Iadapt AmplifierGain
-25
-20
-15
-10
-5
0
5
0
1
2
3
4
5
6
7
8
9
10
I
- A
(ACPWR)
V =20V,CHG=EN
I
V =20V,CHG=DIS
I
V =20V,
4-Cell,
V
=16V
I
bat
0
1
2
3
4
5
0
1
2
3
4
SystemCurrent- A
ChargeCurrent
SystemCurrent
InputCurrent
0
1
2
3
4
5
0
2
4
6
8
10
12
14
16
18
BatteryVoltage-V
Ichrg_set=4 A
70
80
90
100
0
2000
4000
6000
8000
BatteryChargeCurrent-mA
T
=20 C
A
o
V =21V
V
=16.8V
I
(BAT)
V =20V
V
=12.6V
I
(BAT)
V =20V
V
=8.4V
I
(BAT)
bq24705
www.ti.com............................................................................................................................................... SLUS779B – DECEMBER 2007 – REVISED MARCH 2009
INPUT CURRENT REGULATION (DPM) ACCURACY
VIADAPT INPUT CURRENT SENSE AMPLIFIER ACCURACY
Figure 12.
Figure 13.
INPUT REGULATION CURRENT (DPM), AND CHARGE
CURRENT
vs
SYSTEM CURRENT
TRANSIENT SYSTEM LOAD (DPM) RESPONSE
Figure 14.
Figure 15.
CHARGE CURRENT REGULATION
EFFICIENCY
vs
vs
BAT VOLTAGE
BATTERY CHARGE CURRENT
Figure 16.
Figure 17.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :bq24705
Not Recommended for New Designs


Similar Part No. - BQ24705_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24705 TI1-BQ24705_17 Datasheet
1Mb / 32P
[Old version datasheet]   600-kHz, Host-Controlled Multi-Cell Battery Charger With Input Overvoltage Protection
More results

Similar Description - BQ24705_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24751RHDRG4 TI-BQ24751RHDRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger
BQ24740 TI1-BQ24740_14 Datasheet
1Mb / 33P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger
BQ24705 TI1-BQ24705_17 Datasheet
1Mb / 32P
[Old version datasheet]   600-kHz, Host-Controlled Multi-Cell Battery Charger With Input Overvoltage Protection
BQ24705 TI-BQ24705 Datasheet
1Mb / 30P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger With Low Input Power Detect
BQ24740 TI-BQ24740 Datasheet
1Mb / 29P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24740 TI-BQ24740_07 Datasheet
1Mb / 32P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24261 TI1-BQ24261 Datasheet
6Mb / 46P
[Old version datasheet]   3A, 30V, Host-Controlled Single-Input, Single Cell Switchmode Li-Ion Battery Charger
BQ24765 TI1-BQ24765_15 Datasheet
1Mb / 43P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger
BQ24753 TI-BQ24753 Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24751B TI1-BQ24751B Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com