Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24705 Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ24705
Description  Host-Controlled Multi-Cell Battery Charger
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24705 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ24705_15 Datasheet HTML 3Page - Texas Instruments BQ24705_15 Datasheet HTML 4Page - Texas Instruments BQ24705_15 Datasheet HTML 5Page - Texas Instruments BQ24705_15 Datasheet HTML 6Page - Texas Instruments BQ24705_15 Datasheet HTML 7Page - Texas Instruments BQ24705_15 Datasheet HTML 8Page - Texas Instruments BQ24705_15 Datasheet HTML 9Page - Texas Instruments BQ24705_15 Datasheet HTML 10Page - Texas Instruments BQ24705_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
bq24705
www.ti.com............................................................................................................................................... SLUS779B – DECEMBER 2007 – REVISED MARCH 2009
ELECTRICAL CHARACTERISTICS (continued)
7 V
≤ VPVCC ≤ 24 V, 0°C < TJ < +125°C, typical values are at TA = 25°C, with respect to AGND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ACDET COMPARATOR
VPVCC-BAT_OP
Differential Voltage from PVCC to BAT
–20
24
V
VACDET_CHG
Min voltage to enable charging,
ACDET adapter-detect rising threshold
2.376
2.40
2.424
V
VACDET rising
VACDET_CHG_HYS ACDET falling hysteresis
VACDET falling
40
mV
ACDET rising deglitch(1)
VACDET rising
6.4
8
9.6
ms
ACDET falling deglitch
VACDET falling
10
µs
Min voltage to enable all bias, VACDET
VACDET_BIAS
ACDET enable-bias rising threshold
0.56
0.62
0.68
V
rising
VACDET_BIAS_HYS Adapter present falling hysteresis
VACDET falling
20
mV
ACDET_BIAS rising deglitch (1)
VACDET rising
10
µs
ACDET_BIAS falling deglitch
VACDET falling
10
OPEN-DRAIN LOGIC OUTPUT PIN CHARACTERISTICS (ACGOOD)
VO(LO)
Output low saturation voltage
Sink Current = 4 mA
0.5
V
ACGOOD falling delay
VACDET rising
6.4
8
9.6
ms
ACGOOD rising delay
VACDET falling
10
µs
INPUT OVERVOLTAGE COMPARATOR (ACOV)
AC Overvoltage rising threshold on
VACOV
ACDET
3.007
3.1
3.193
V
(See ACDET in Terminal Functions)
VACOV_HYS
AC Overvoltage rising deglitch
1.3
ms
AC Overvoltage falling deglitch
1.3
PVCC / BAT COMPARATOR
VPVCC-BAT_FALL
PVCC to BAT falling threshold
VPVCC – VBAT falling to disable
140
185
240
mV
Charger
VPVCC-BAT__HYS
PVCC to BAT hysteresis
50
mV
PVCC to BAT Rising Deglitch
VPVCC – VBAT > VPVCC-BAT_RISE
7
9
11
ms
PVCC to BAT Falling Deglitch
VPVCC – VBAT < VPVCC-BAT_FALL
10
µs
INPUT UNDERVOLTAGE LOCK-OUT COMPARATOR (UVLO)
AC Undervoltage rising threshold
Measure on PVCC
3.5
4
4.5
V
UVLO
AC Undervoltage hysteresis, falling
260
mV
BAT OVERVOLTAGE COMPARATOR
Overvoltage rising threshold (1)
104%
VO
As percentage of VBAT_REG
Overvoltage falling threshold (1)
102%
CHARGE OVERCURRENT COMPARATOR
VOC
Charge overcurrent falling threshold
As percentage of IREG_CHG
145%
Minimum Current Limit (SRP-SRN)
50
mV
THERMAL SHUTDOWN COMPARATOR
TSHUT
Thermal shutdown rising temperature
Temperature Increasing
155
°C
TSHUT_HYS
Thermal shutdown hysteresis, falling
20
PWM HIGH SIDE DRIVER (HIDRV)
High side driver turn-on resistance
VBTST – VPH = 5.5 V, tested at 100 mA
3
6
RDS(on)
High side driver turn-off resistance
VBTST – VPH = 5.5 V, tested at 100 mA
0.7
1.4
Bootstrap refresh comparator threshold
VBTST – VPH when low side refresh
VBTST_REFRESH
4
V
voltage
pulse is requested
(1)
Specified by design.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s) :bq24705
Not Recommended for New Designs


Similar Part No. - BQ24705_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24705 TI1-BQ24705_17 Datasheet
1Mb / 32P
[Old version datasheet]   600-kHz, Host-Controlled Multi-Cell Battery Charger With Input Overvoltage Protection
More results

Similar Description - BQ24705_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24751RHDRG4 TI-BQ24751RHDRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger
BQ24740 TI1-BQ24740_14 Datasheet
1Mb / 33P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger
BQ24705 TI1-BQ24705_17 Datasheet
1Mb / 32P
[Old version datasheet]   600-kHz, Host-Controlled Multi-Cell Battery Charger With Input Overvoltage Protection
BQ24705 TI-BQ24705 Datasheet
1Mb / 30P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger With Low Input Power Detect
BQ24740 TI-BQ24740 Datasheet
1Mb / 29P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24740 TI-BQ24740_07 Datasheet
1Mb / 32P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24261 TI1-BQ24261 Datasheet
6Mb / 46P
[Old version datasheet]   3A, 30V, Host-Controlled Single-Input, Single Cell Switchmode Li-Ion Battery Charger
BQ24765 TI1-BQ24765_15 Datasheet
1Mb / 43P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger
BQ24753 TI-BQ24753 Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24751B TI1-BQ24751B Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com