Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24705 Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ24705
Description  Host-Controlled Multi-Cell Battery Charger
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24705 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ24705_15 Datasheet HTML 2Page - Texas Instruments BQ24705_15 Datasheet HTML 3Page - Texas Instruments BQ24705_15 Datasheet HTML 4Page - Texas Instruments BQ24705_15 Datasheet HTML 5Page - Texas Instruments BQ24705_15 Datasheet HTML 6Page - Texas Instruments BQ24705_15 Datasheet HTML 7Page - Texas Instruments BQ24705_15 Datasheet HTML 8Page - Texas Instruments BQ24705_15 Datasheet HTML 9Page - Texas Instruments BQ24705_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ELECTRICAL CHARACTERISTICS
bq24705
SLUS779B – DECEMBER 2007 – REVISED MARCH 2009............................................................................................................................................... www.ti.com
7 V
≤ VPVCC ≤ 24 V, 0°C < TJ < +125°C, typical values are at TA = 25°C, with respect to AGND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OPERATING CONDITIONS
VPVCC_OP
PVCC Input voltage operating range
5
24
V
CHARGE VOLTAGE REGULATION
VBAT_REG_RNG
BAT voltage regulation range
4V-4.512V per cell, times 2,3,4 cell
8
18
V
VADJ_OP
VADJ voltage range
0
REGN
V
8 V, 8.4 V, 9.024 V
–0.5%
0.5%
Charge voltage regulation accuracy
12 V, 12.6 V, 13.536 V
–0.5%
0.5%
16 V, 16.8 V, 18.048 V
–0.5%
0.5%
Charge voltage regulation set to default to
VADJ connected to REGN, 8.4 V, 12.6
–0.5%
0.5%
4.2 V per cell
V, 16.8 V
CHARGE CURRENT REGULATION
VIREG_CHG
Charge current regulation differential
VIREG_CHG = VSRP – VSRN
0
100
mV
voltage range
VSRSET_OP
SRSET voltage range
0
VREF
V
VIREG_CHG = 40–100 mV
–3%
3%
VIREG_CHG = 20 mV
–5%
5%
Charge current regulation accuracy
VIREG_CHG = 5 mV
–25%
25%
VIREG_CHG = 1.5 mV ( VBAT ≥ 4V)
–33%
33%
INPUT CURRENT REGULATION
Adapter current regulation differential
VIREG_DPM
VIREG_DPM = VACP – VACN
0
100
mV
voltage range
VACSET_OP
ACSET voltage range
0
VREF
V
VIREG_DPM = 40–100 mV
–3%
3%
VIREG_DPM = 20 mV
–5%
5%
Input current regulation accuracy
VIREG_DPM = 5 mV
–25%
25%
VIREG_DPM = 1.5 mV
–33%
33%
VREF REGULATOR
VVREF_REG
VREF regulator voltage
VACDET > 0.6 V, 0-30 mA
3.267
3.3
3.333
V
IVREF_LIM
VREF current limit
VVREF = 0 V, VACDET > 0.6 V
35
75
mA
REGN REGULATOR
VACDET > 0.6 V, 0-75 mA,
VREGN_REG
REGN regulator voltage
5.6
5.9
6.2
V
PVCC > 10 V
IREGN_LIM
REGN current limit
VREGN = 0 V, VACDET > 0.6 V
90
135
mA
ADAPTER CURRENT SENSE AMPLIFIER
VACP/N_OP
Input common mode range
Voltage on ACP/ACN
0
24
V
VIADAPT
IADAPT output voltage range
0
2
V
IIADAPT
IADAPT output current
0
1
mA
AIADAPT
Current sense amplifier voltage gain
AIADAPT = VIADAPT / VIREG_DPM
20
V/V
VIREG_DPM = 40–100 mV
–2%
2%
VIREG_DPM = 20 mV
–3%
3%
Adapter current sense accuracy
VIREG_DPM = 5 mV
–25%
25%
VIREG_DPM = 1.5 mV
–30%
30%
IIADAPT_LIM
Output current limit
VIADAPT = 0 V
1
mA
CIADAPT_MAX
Maximum output load capacitance
For stability with 0 mA to 1 mA load
100
pF
6
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s) :bq24705
Not Recommended for New Designs


Similar Part No. - BQ24705_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24705 TI1-BQ24705_17 Datasheet
1Mb / 32P
[Old version datasheet]   600-kHz, Host-Controlled Multi-Cell Battery Charger With Input Overvoltage Protection
More results

Similar Description - BQ24705_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24751RHDRG4 TI-BQ24751RHDRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger
BQ24740 TI1-BQ24740_14 Datasheet
1Mb / 33P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger
BQ24705 TI1-BQ24705_17 Datasheet
1Mb / 32P
[Old version datasheet]   600-kHz, Host-Controlled Multi-Cell Battery Charger With Input Overvoltage Protection
BQ24705 TI-BQ24705 Datasheet
1Mb / 30P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger With Low Input Power Detect
BQ24740 TI-BQ24740 Datasheet
1Mb / 29P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24740 TI-BQ24740_07 Datasheet
1Mb / 32P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24261 TI1-BQ24261 Datasheet
6Mb / 46P
[Old version datasheet]   3A, 30V, Host-Controlled Single-Input, Single Cell Switchmode Li-Ion Battery Charger
BQ24765 TI1-BQ24765_15 Datasheet
1Mb / 43P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger
BQ24753 TI-BQ24753 Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24751B TI1-BQ24751B Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com