Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24705 Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ24705
Description  Host-Controlled Multi-Cell Battery Charger
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24705 Datasheet(HTML) 4 Page - Texas Instruments

  BQ24705_15 Datasheet HTML 1Page - Texas Instruments BQ24705_15 Datasheet HTML 2Page - Texas Instruments BQ24705_15 Datasheet HTML 3Page - Texas Instruments BQ24705_15 Datasheet HTML 4Page - Texas Instruments BQ24705_15 Datasheet HTML 5Page - Texas Instruments BQ24705_15 Datasheet HTML 6Page - Texas Instruments BQ24705_15 Datasheet HTML 7Page - Texas Instruments BQ24705_15 Datasheet HTML 8Page - Texas Instruments BQ24705_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
bq24705
SLUS779B – DECEMBER 2007 – REVISED MARCH 2009............................................................................................................................................... www.ti.com
Table 1. TERMINAL FUNCTIONS – 24-PIN QFN
TERMINAL
DESCRIPTION
NAME
NO.
PVCC
1
IC power positive supply. Place a 0.1-
µF ceramic capacitor from PVCC to PGND pin close to the IC.
CHGEN
2
Charge enable active-low logic input. LO enables charge. HI disables charge.
Adapter current sense resistor, negative input. A 0.1-
µF ceramic capacitor is placed from ACN to ACP to provide
ACN
3
ACN 2 differential-mode filtering. An optional 0.1-
µF ceramic capacitor is placed from ACN pin to AGND for
common-mode filtering.
Adapter current sense resistor, positive input. A 0.1-
µF ceramic capacitor is placed from ACN to ACP to provide
ACP
4
differential-mode filtering. A 0.1-
µF ceramic capacitor is placed from ACP pin to AGND for common-mode filtering.
Adapter detected voltage set input. Program the adapter detect threshold by connecting a resistor divider from
adapter input to ACDET pin to AGND pin. Adapter voltage is detected if ACDET-pin voltage is greater than 2.4 V.
ACDET
5
The IADAPT current sense amplifier is active when the ACDET pin voltage is greater than 0.6 V. ACOV is input
overvoltage protection. It disables charge when ACDET > 3.1 V. ACOV does not latch and normal charge resumes
when ACDET<3.1V.
Adapter current set input. The voltage ratio of ACSET voltage versus VREF voltage programs the input current
ACSET
6
regulation set-point during Dynamic Power Management (DPM). Program by connecting a resistor divider from VREF
to ACSET to AGND; or by connecting the output of an external DAC to the ACSET pin.
Analog ground. Ground connection for low-current sensitive analog and digital signals. On PCB layout, connect to the
AGND
7
analog ground plane, and only connect to PGND through the PowerPad underneath the IC.
3.3-V regulated voltage output. Place a 1-
µF ceramic capacitor from VREF to AGND pin close to the IC. This voltage
VREF
8
could be used for ratiometric programming of voltage and current regulation. VREF is the source for the internal
circuit.
Charge voltage set input. The voltage ratio of VADJ voltage versus VREF voltage programs the battery voltage
VADJ
9
regulation set-point. Program by connecting a resistor divider from VREF to VADJ, to AGND; or, by connecting the
output of an external DAC to VADJ. VADJ connected to REGN programs the default of 4.2 V per cell.
Valid adapter active-low detect logic open-drain output. Pulled low when input voltage is above ACDET programmed
ACGOOD
10
threshold. Connect a 10-k
Ω pullup resistor from ACGOOD pin to pullup supply rail.
Synchronous mode current set input. Place a resistor from ISYNSET to AGND to program the charge undercurrent
ISYNSET
11
threshold to force non-synchronous converter operation at low output current, and to prevent negative inductor
current. Threshold should be set at greater than half of the maximum inductor ripple current (50% duty cycle).
Adapter current sense amplifier output. IADAPT voltage is 20 times the differential voltage across ACP-ACN. Place a
IADAPT
12
100-pF or less ceramic decoupling capacitor from IADAPT to AGND.
Charge current set input. The voltage ratio of SRSET voltage versus VREF voltage programs the charge current
SRSET
13
regulation set-point. Program by connecting a resistor divider from VREF to SRSET to AGND; or by connecting the
output of an external DAC to SRSET pin.
Battery voltage remote sense. Directly connect a kelvin sense trace from the battery pack positive terminal to the
BAT
14
BAT pin to accurately sense the battery pack voltage. Place a 0.1-
µF capacitor from BAT to AGND close to the IC to
filter high-frequency noise.
Charge current sense resistor, negative input. A 0.1-
µF ceramic capacitor is placed from SRN to SRP to provide
SRN
15
differential-mode filtering. An optional 0.1-
µF ceramic capacitor is placed from SRN pin to AGND for common-mode
filtering.
Charge current sense resistor, positive input. A 0.1-
µF ceramic capacitor is placed from SRN to SRP to provide
SRP
16
differential-mode filtering. A 0.1-
µF ceramic capacitor is placed from SRP pin to AGND for common-mode filtering.
CELLS
17
2, 3 or 4 cells selection logic input. Logic low programs 3 cell. Logic high programs 4 cell. Floating programs 2 cell.
Dynamic power management (DPM) input current loop active, open-drain output status. Logic low indicates input
DPMDET
18
current is being limited by reducing the charge current. Connect 10-k
Ω pullup resistor from DPMDET to VREF or a
different pullup-supply rail.
Power ground. Ground connection for high-current power converter node. On PCB layout, connect directly to source
PGND
19
of low-side power MOSFET, to ground connection of in put and output capacitors of the charger. Only connect to
AGND through the PowerPad underneath the IC.
LODRV
20
PWM low side driver output. Connect to the gate of the low-side power MOSFET with a short trace.
PWM low side driver positive 6-V supply output. Connect a 1-
µF ceramic capacitor from REGN to PGND, close to the
REGN
21
IC. Use for high-side driver bootstrap voltage by connecting a small-signal Schottky diode from REGN to BTST.
PWM high side driver negative supply. Connect to the phase switching node (junction of the low-side power
PH
22
MOSFET drain, high-side power MOSFET source, and output inductor). Connect the 0.1-
µF bootstrap capacitor from
from PH to BTST.
HIDRV
23
PWM high side driver output. Connect to the gate of the high-side power MOSFET with a short trace.
PWM high side driver positive supply. Connect a 0.1-
µF bootstrap ceramic capacitor from BTST to PH. Connect a
BTST
24
small bootstrap Schottky diode from REGN to BTST.
4
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s) :bq24705
Not Recommended for New Designs


Similar Part No. - BQ24705_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24705 TI1-BQ24705_17 Datasheet
1Mb / 32P
[Old version datasheet]   600-kHz, Host-Controlled Multi-Cell Battery Charger With Input Overvoltage Protection
More results

Similar Description - BQ24705_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24751RHDRG4 TI-BQ24751RHDRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger
BQ24740 TI1-BQ24740_14 Datasheet
1Mb / 33P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger
BQ24705 TI1-BQ24705_17 Datasheet
1Mb / 32P
[Old version datasheet]   600-kHz, Host-Controlled Multi-Cell Battery Charger With Input Overvoltage Protection
BQ24705 TI-BQ24705 Datasheet
1Mb / 30P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger With Low Input Power Detect
BQ24740 TI-BQ24740 Datasheet
1Mb / 29P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24740 TI-BQ24740_07 Datasheet
1Mb / 32P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24261 TI1-BQ24261 Datasheet
6Mb / 46P
[Old version datasheet]   3A, 30V, Host-Controlled Single-Input, Single Cell Switchmode Li-Ion Battery Charger
BQ24765 TI1-BQ24765_15 Datasheet
1Mb / 43P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger
BQ24753 TI-BQ24753 Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24751B TI1-BQ24751B Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com