Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24705 Datasheet(PDF) 21 Page - Texas Instruments

Part # BQ24705
Description  Host-Controlled Multi-Cell Battery Charger
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24705 Datasheet(HTML) 21 Page - Texas Instruments

Back Button BQ24705_15 Datasheet HTML 17Page - Texas Instruments BQ24705_15 Datasheet HTML 18Page - Texas Instruments BQ24705_15 Datasheet HTML 19Page - Texas Instruments BQ24705_15 Datasheet HTML 20Page - Texas Instruments BQ24705_15 Datasheet HTML 21Page - Texas Instruments BQ24705_15 Datasheet HTML 22Page - Texas Instruments BQ24705_15 Datasheet HTML 23Page - Texas Instruments BQ24705_15 Datasheet HTML 24Page - Texas Instruments BQ24705_15 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
APPLICATION INFORMATION
Input Capacitance Calculation
V
i
R
i
L
i
C
i
R
c
V
IN
Charger
I
IN
t
t
e
t
e
t
t
i
t
i
R
2L
i
C
IN
IN
C
Ci
i
I
i
R
2L
t
Ci
i
I
i
t
t
i
C
In
i
i
i
2
R - R
V (t)
I (t) x R
+ V (t) = V - V
sin t + cos
L
R
V (t)
V - V
sin t + cos
2 L
R
I
R
R + R
I (t)
L C
2L
w
w
w
w
w
w
w
é
ù
ê
ú
=
ê
ú
ë
û
é
ù
ê
ú
=
ê
ú
ë
û
æ
ö÷
ç
÷
=
=
÷
ç
÷
çè
ø
t
e
t
i
R
2L
i
i
V
=
sin t
L
w
w
(6)
bq24705
www.ti.com............................................................................................................................................... SLUS779B – DECEMBER 2007 – REVISED MARCH 2009
Table 2. Component List for Typical System Circuit of Figure 2
PART DESIGNATOR
QTY
DESCRIPTION
Q1, Q2, Q3
3
P-channel MOSFET, –30V,-6A, SO-8, Vishay-Siliconix, Si4435
Q4, Q5
2
N-channel MOSFET, 30V, 12.5A, SO-8, Fairchild, FDS6680A
D1, D2
2
Diode, Dual Schottky, 30V, 200mA, SOT23, Fairchild, BAT54C
RAC, RSR
2
Sense Resistor, 10 m
Ω, 1%, 1W, 2010, Vishay-Dale, WSL2010R0100F
L1
1
Inductor, 4.7
µH, Vishay-Dale, IHLP5050CE-01
C6, C7, C11, C12
4
Capacitor, Ceramic, 10
µF, 25V, 20%, X5R, 1206, Panasonic, ECJ-3YB1E106M
C4, C10
2
Capacitor, Ceramic, 1
µF, 25V, 10%, X7R, 2012, TDK, C2012X7R1E105K
C2, C3, C8, C9, C13, C14, C15
7
Capacitor, Ceramic, 0.1
µF, 50V, 10%, X7R, 0805, Kemet, C0805C104K5RACTU
C5
1
Capacitor, Ceramic, 100pF, 25V, 10%, X7R, 0805, Kemet, C0805C101K5RACTU
C1
1
Capacitor, Ceramic, 2.2
µF, 25V, 10%, X7R, 2012, TDK, C2012X7R1E225K
R3, R4
2
Resistor, Chip, 10 k
Ω, 1/16W, 5%, 0402
R1
1
Resistor, Chip, 432 k
Ω, 1/16W, 1%, 0402
R2
1
Resistor, Chip, 66.5 k
Ω, 1/16W, 1%, 0402
R10
1
Resistor, Chip, 2
Ω, 1W, 1%, 1210
R6
1
Resistor, Chip, 30 k
Ω, 1/16W, 1%, 0402
During the adapter hot plug-in, the ACFET has not been turned on. The AC switch is off and the simplified
equivalent circuit of the input is shown in Figure 30.
A.
Ri: Equivalent resistance of cable
B.
Li: Equivalent inductance of cable
C.
RC ESR of Ci
D.
Ci: Decoupling capacitor
Figure 30. Simplified Equivalent Circuit During Adapter Insertion
The voltage on the input capacitor(s) is given by:
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s) :bq24705
Not Recommended for New Designs


Similar Part No. - BQ24705_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24705 TI1-BQ24705_17 Datasheet
1Mb / 32P
[Old version datasheet]   600-kHz, Host-Controlled Multi-Cell Battery Charger With Input Overvoltage Protection
More results

Similar Description - BQ24705_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24751RHDRG4 TI-BQ24751RHDRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger
BQ24740 TI1-BQ24740_14 Datasheet
1Mb / 33P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger
BQ24705 TI1-BQ24705_17 Datasheet
1Mb / 32P
[Old version datasheet]   600-kHz, Host-Controlled Multi-Cell Battery Charger With Input Overvoltage Protection
BQ24705 TI-BQ24705 Datasheet
1Mb / 30P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger With Low Input Power Detect
BQ24740 TI-BQ24740 Datasheet
1Mb / 29P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24740 TI-BQ24740_07 Datasheet
1Mb / 32P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24261 TI1-BQ24261 Datasheet
6Mb / 46P
[Old version datasheet]   3A, 30V, Host-Controlled Single-Input, Single Cell Switchmode Li-Ion Battery Charger
BQ24765 TI1-BQ24765_15 Datasheet
1Mb / 43P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger
BQ24753 TI-BQ24753 Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24751B TI1-BQ24751B Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com