Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24705 Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ24705
Description  Host-Controlled Multi-Cell Battery Charger
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24705 Datasheet(HTML) 2 Page - Texas Instruments

  BQ24705_15 Datasheet HTML 1Page - Texas Instruments BQ24705_15 Datasheet HTML 2Page - Texas Instruments BQ24705_15 Datasheet HTML 3Page - Texas Instruments BQ24705_15 Datasheet HTML 4Page - Texas Instruments BQ24705_15 Datasheet HTML 5Page - Texas Instruments BQ24705_15 Datasheet HTML 6Page - Texas Instruments BQ24705_15 Datasheet HTML 7Page - Texas Instruments BQ24705_15 Datasheet HTML 8Page - Texas Instruments BQ24705_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
DESCRIPTION (CONTINUED)
VREF
R
AC
0.01 Ω
Q1 (ACFET)
SI4435
Q3(BATFET)
SI4435
Controlled by
HOST
P
P
ACN
ACP
ACDET
ACGOOD
SRSET
ACSET
VREF
GPIO
CELLS
CHGEN
VADJ
ADC
IADAPT
HOST
PVCC
HIDRV
PH
BTST
REGN
LODRV
PGND
SRP
SRN
P
PACK+
PACK–
SYSTEM
ADAPTER +
ADAPTER–
ACGOOD
AGND
bq24705
432 kΩ
1%
66.5 kΩ
1%
R1
R2
C4
C2
C5
C8
Q4
FDS6680A
C9
D1
BAT54
C10
BAT
ISYNSET
R6
30 kΩ
DPMDET
R4
Q2 (ACFET)
SI4435
Controlled by
HOST
C6
C15
0.1 µF
C1
2 Ω
R10
2.2 µF
0.1 µF
1 µF
10 kΩ
100 pF
C14
0.1 µF
0.1 µF
1 µF
R
SR
0.01 Ω
0.1 µF
10 µF
C7
10 µF
C12
10 µF
PowerPad
D2
BAT54
DAC
Q5
FDS6680A
L1
4.7 µH
C3
0.1µF
R3
10kΩ
C13
0.1 µF
C11
10 µF
bq24705
SLUS779B – DECEMBER 2007 – REVISED MARCH 2009............................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
The bq24705 features Dynamic Power Management (DPM) and input power limiting. These features reduce
battery charge current when the input power limit is reached to avoid overloading the AC adapter when supplying
the load and the battery charger simultaneously. A highly-accurate current-sense amplifier enables precise
measurement of input current from the AC adapter to monitor the overall system power.
(1)
Pull-up rail could be either VREF or other system rail.
(2)
SRSET/ACSET could come from either DAC or resistor dividers.
(3)
VIN = 20 V, VBAT = 3-cell Li-Ion, ICHARGE = 3 A, IADAPTER_LIMIT = 4 A
Figure 2. Typical System Schematic, Voltage and Current Programmed by DAC
2
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s) :bq24705
Not Recommended for New Designs


Similar Part No. - BQ24705_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24705 TI1-BQ24705_17 Datasheet
1Mb / 32P
[Old version datasheet]   600-kHz, Host-Controlled Multi-Cell Battery Charger With Input Overvoltage Protection
More results

Similar Description - BQ24705_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24751RHDRG4 TI-BQ24751RHDRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger
BQ24740 TI1-BQ24740_14 Datasheet
1Mb / 33P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger
BQ24705 TI1-BQ24705_17 Datasheet
1Mb / 32P
[Old version datasheet]   600-kHz, Host-Controlled Multi-Cell Battery Charger With Input Overvoltage Protection
BQ24705 TI-BQ24705 Datasheet
1Mb / 30P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger With Low Input Power Detect
BQ24740 TI-BQ24740 Datasheet
1Mb / 29P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24740 TI-BQ24740_07 Datasheet
1Mb / 32P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24261 TI1-BQ24261 Datasheet
6Mb / 46P
[Old version datasheet]   3A, 30V, Host-Controlled Single-Input, Single Cell Switchmode Li-Ion Battery Charger
BQ24765 TI1-BQ24765_15 Datasheet
1Mb / 43P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger
BQ24753 TI-BQ24753 Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24751B TI1-BQ24751B Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com