Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24705 Datasheet(PDF) 16 Page - Texas Instruments

Part # BQ24705
Description  Host-Controlled Multi-Cell Battery Charger
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24705 Datasheet(HTML) 16 Page - Texas Instruments

Back Button BQ24705_15 Datasheet HTML 12Page - Texas Instruments BQ24705_15 Datasheet HTML 13Page - Texas Instruments BQ24705_15 Datasheet HTML 14Page - Texas Instruments BQ24705_15 Datasheet HTML 15Page - Texas Instruments BQ24705_15 Datasheet HTML 16Page - Texas Instruments BQ24705_15 Datasheet HTML 17Page - Texas Instruments BQ24705_15 Datasheet HTML 18Page - Texas Instruments BQ24705_15 Datasheet HTML 19Page - Texas Instruments BQ24705_15 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
x
ACSET
ADAPTER
REF
AC
V
0.10
I
=
V
R
(3)
ADAPTER DETECT AND POWER UP
ENABLE AND DISABLE CHARGING
AUTOMATIC INTERNAL SOFT-START CHARGER CURRENT
bq24705
SLUS779B – DECEMBER 2007 – REVISED MARCH 2009............................................................................................................................................... www.ti.com
The input voltage range of ACSET is between 0 and VREF, up to 3.3 V.
The ACP and ACN pins are used to sense RAC with default value of 10mΩ. However, resistors of other values
can also be used. A larger the sense resistor, gives a larger sense voltage, and a higher regulation accuracy;
but, at the expense of higher conduction loss.
An external resistor voltage divider attenuates the adapter voltage before it goes to ACDET. The adapter detect
threshold should typically be programmed to a value greater than the maximum battery voltage, and lower than
the minimum allowed adapter voltage. The ACDET divider should be placed before the ACFET in order to sense
the true adapter input voltage whether the ACFET is on or off.
If PVCC is below 4 V, the device is disabled.
If ACDET is below 0.6 V but PVCC is above 4 V, part of the bias is enabled, including a crude bandgap
reference. IADAPT is disabled and pulled down to GND. The total quiescent current is less than 10
µA.
Once ACDET rises above 0.6 V and PVCC is above 4 V, all the bias circuits are enabled. VREF goes to 3.3 V
and REGN output goes to 6 V. IADAPT becomes valid to proportionally reflect the adapter current.
When ACDET rises and passes 2.4 V, a valid AC adapter is present. Then the following occurs:
• ACGOOD becomes high through external pull-up resistor to the host digital voltage rail;
• Charger turns on if all the conditions are satisfied (see Enable and Disable Charging).
The following conditions must be valid before a charge is enabled:
• CHGEN is LOW;
• PVCC > UVLO;
• Adapter is detected;
• Adapter is higher than PVCC-BAT threshold;
• Adapter is not over voltage;
• 700 ms delay is complete after adapter detected;
• REGNGOOD and VREFGOOD are valid;
• Thermal Shut (TSHUT) is not valid;
One of the following conditions will stop on-going charging:
• CHGEN is HIGH;
• PVCC < UVLO;
• Adapter is removed;
• Adapter is less than PVCC-BAT threshold;
• Adapter is over voltage;
• Adapter is over current;
• TSHUT IC temperature threshold is reached (155°C on rising-edge with 20°C hysteresis).
The charger automatically soft-starts the charger regulation current every time the charger is enabled to ensure
there is no overshoot or stress on the output capacitors or the power converter. The soft-start consists of
stepping-up the charge regulation current into 8 evenly divided steps up to the programmed charge current. Each
step lasts around 1.7ms, for a typical rise time of 13.6ms. No external components are needed for this function.
16
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s) :bq24705
Not Recommended for New Designs


Similar Part No. - BQ24705_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24705 TI1-BQ24705_17 Datasheet
1Mb / 32P
[Old version datasheet]   600-kHz, Host-Controlled Multi-Cell Battery Charger With Input Overvoltage Protection
More results

Similar Description - BQ24705_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24751RHDRG4 TI-BQ24751RHDRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger
BQ24740 TI1-BQ24740_14 Datasheet
1Mb / 33P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger
BQ24705 TI1-BQ24705_17 Datasheet
1Mb / 32P
[Old version datasheet]   600-kHz, Host-Controlled Multi-Cell Battery Charger With Input Overvoltage Protection
BQ24705 TI-BQ24705 Datasheet
1Mb / 30P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger With Low Input Power Detect
BQ24740 TI-BQ24740 Datasheet
1Mb / 29P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24740 TI-BQ24740_07 Datasheet
1Mb / 32P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24261 TI1-BQ24261 Datasheet
6Mb / 46P
[Old version datasheet]   3A, 30V, Host-Controlled Single-Input, Single Cell Switchmode Li-Ion Battery Charger
BQ24765 TI1-BQ24765_15 Datasheet
1Mb / 43P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger
BQ24753 TI-BQ24753 Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24751B TI1-BQ24751B Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com