Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF630PBF Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # IRF630PBF
Description  9A,200V Heatsink N-Channel Type Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

IRF630PBF Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  IRF630PBF Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. IRF630PBF Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. IRF630PBF Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd. IRF630PBF Datasheet HTML 4Page - Thinki Semiconductor Co., Ltd. IRF630PBF Datasheet HTML 5Page - Thinki Semiconductor Co., Ltd. IRF630PBF Datasheet HTML 6Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
VDSS
Drain to Source Voltage
200
V
ID
Continuous Drain Current(@TC = 25°C)
9A
Continuous Drain Current(@TC = 100°C)
5.8
A
IDM
Drain Current Pulsed
(Note 1)
36
A
VGS
Gate to Source Voltage
±30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
180
mJ
EAR
Repetitive Avalanche Energy
(Note 1)
7.8
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
5.5
V/ns
PD
Total Power Dissipation(@TC = 25 °C)
78
W
Derating Factor above 25 °C
0.62
W/°C
TSTG, TJ
Operating Junction Temperature & Storage Temperature
- 55 ~ 150
°C
TL
Maximum Lead Temperature for soldering purpose,
1/8 from Case for 5 seconds.
300
°C
Thermal Characteristics
Symbol
Parameter
Value
Units
Min.
Typ.
Max.
RTJC
Thermal Resistance, Junction-to-Case
-
-
1.61
°C/W
RTCS
Thermal Resistance, Case to Sink
-
0.5
-
°C/W
RTJA
Thermal Resistance, Junction-to-Ambient
-
-
62.5
°C/W
Features
RDS(on) (Max 0.4
)@VGS=10V
Gate Charge (Typical 44nC)
Improved dv/dt Capability
High ruggedness
100% Avalanche Tested
RDS(ON) = 0.4 ohm
ID = 9A
BVDSS = 200V
1.Gate
2.Drain
3.Source
®
IRF630PBF
Pb Free Plating Product
IRF630PBF
Pb
9A,200V Heatsink N-Channel Type Power MOSFET
TO-220C
1
2
3
General Description
This N-channel enhancement mode field-effect power transistor
using THINKI Semiconductor advanced planar stripe, DMOS technol-
ogy intended for off-line switch mode power supply.
Also, especially designed to minimize rds(on) and high rugged
avalanche characteristics. The TO-220C pkg is well suited for
adaptor power unit and small power inverter application.
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 1/6
Rev.05


Similar Part No. - IRF630PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF630PBF IRF-IRF630PBF Datasheet
2Mb / 8P
   HEXFET Power MOSFET ( VDSS = 200V , RDS(on) = 0.40廓 , ID = 9.0A )
logo
Vishay Siliconix
IRF630PBF VISHAY-IRF630PBF Datasheet
579Kb / 8P
   Power MOSFET
Rev. B, 21-Mar-11
logo
Kersemi Electronic Co.,...
IRF630PBF KERSEMI-IRF630PBF Datasheet
5Mb / 8P
   Power MOSFET Dynamic dV/dt Rating Repetitive Avalanche Rated
logo
VBsemi Electronics Co.,...
IRF630PBF VBSEMI-IRF630PBF Datasheet
1Mb / 6P
   N-Channel 200 V (D-S) MOSFET
More results

Similar Description - IRF630PBF

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF630 UTC-UF630_11 Datasheet
389Kb / 7P
   200V, 9A N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
BRI630 FS-BRI630 Datasheet
600Kb / 4P
   N-Channel Power MOSFET (200V/9A)
logo
Thinki Semiconductor Co...
IRF640PBF THINKISEMI-IRF640PBF Datasheet
1,002Kb / 6P
   18A,200V Heatsink N-Channel Type Power MOSFET
logo
Jiangsu Donghai Semicon...
630 WXDH-630 Datasheet
1Mb / 11P
   9A 200V N-channel Enhancement Mode Power MOSFET
Rev. 1.0
logo
Unisonic Technologies
UF630 UTC-UF630 Datasheet
167Kb / 8P
   9A, 200V, 0.4??, N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
2N6757 FAIRCHILD-2N6757 Datasheet
141Kb / 5P
   N-Channel Power MOSFETs, 9A, 150V/200V
logo
Intersil Corporation
IRF630 INTERSIL-IRF630 Datasheet
62Kb / 7P
   9A, 200V, 0.400 Ohm, N-Channel Power MOSFETs
logo
International Rectifier
JANTX2N6758 IRF-JANTX2N6758 Datasheet
236Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.40ohm, Id=9A)
logo
STMicroelectronics
IRF630S STMICROELECTRONICS-IRF630S Datasheet
85Kb / 8P
   N - CHANNEL 200V - 0.35ohm - 9A - D2PAK MESH OVERLAY] MOSFET
logo
Unisonic Technologies
9N90_1112 UTC-9N90_1112 Datasheet
255Kb / 6P
   9A, 900V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com