Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12J1600 Datasheet(PDF) 14 Page - Texas Instruments

Part # ADC12J1600
Description  GSPS ADCs With Integrated DDC
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12J1600 Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADC12J1600_16 Datasheet HTML 10Page - Texas Instruments ADC12J1600_16 Datasheet HTML 11Page - Texas Instruments ADC12J1600_16 Datasheet HTML 12Page - Texas Instruments ADC12J1600_16 Datasheet HTML 13Page - Texas Instruments ADC12J1600_16 Datasheet HTML 14Page - Texas Instruments ADC12J1600_16 Datasheet HTML 15Page - Texas Instruments ADC12J1600_16 Datasheet HTML 16Page - Texas Instruments ADC12J1600_16 Datasheet HTML 17Page - Texas Instruments ADC12J1600_16 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 98 page
background image
ADC12J1600, ADC12J2700
SLAS969C – JANUARY 2014 – REVISED JULY 2015
www.ti.com
Electrical Characteristics (continued)
Unless otherwise noted, these specifications apply for V(VA12) = V(VD12) = 1.2 V, V(VA19) = 1.9 V, VIN full scale range at default
setting (725 mVPP), VIN = –1 dBFS, differential AC-coupled sinewave input clock, ƒ(DEVCLK) = 2.7 or 1.6 GHz at 0.5 VPP with
50% duty cycle, R(RBIAS) = 3.3 kΩ ±0.1%, after a foreground (FG) mode calibration with timing calibration enabled. Typical
values are at TA = 25°C.
(1)(2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
–70
Interleaving offset spur at ¼
FIN = 600 MHz, –1 dBFS, decimate-by-8
ƒS/4
dBFS
sampling rate
(3)
mode
Calibration = BG
–69
Interleaving spur at ½
–78
FIN = 600 MHz, –1 dBFS, decimate-by-8
ƒS/2 – FIN
sampling rate – input
dBFS
mode
Calibration = BG
–79
frequency
(3)
Interleaving spur at ¼
–76
FIN = 600 MHz, –1 dBFS, decimate-by-8
ƒS/4 + FIN
sampling rate + input
dBFS
mode
Calibration = BG
–77
frequency
(3)
Interleaving spur at ¼
–77
FIN = 600 MHz, –1 dBFS, decimate-by-8
ƒS/4 – FIN
sampling rate – input
dBFS
mode
Calibration = BG
–72
frequency
(3)
–71
FIN = 600 MHz, –1 dBFS, decimate-by-8
mode
THD
Total harmonic distortion
(3)
Calibration = BG
–71
dBFS
FIN = 2400 MHz, –1 dBFS, decimate-by-8 mode
–63
–77
FIN = 600 MHz, –1 dBFS, decimate-by-8
mode
HD2
Second harmonic distortion
(3)
Calibration = BG
–78
dBFS
FIN = 2400 MHz, –1 dBFS, decimate-by-8 mode
–65
–80
FIN = 600 MHz, –1 dBFS, decimate-by-8
mode
HD3
Third harmonic distortion
(3)
Calibration = BG
–77
dBFS
FIN = 2400 MHz, –1 dBFS, decimate-by-8 mode
–74
DDC CHARACTERISTICS
Alias protection
(4)
80
dB
% of
Alias protected bandwidth
(4)
80
output BW
Spurious-free dynamic range
SFDR-DDC
100
dB
of digital down-converter
(4)
Implementation loss
(4)
0.5
dB
ANALOG INPUT CHARACTERISTICS
Minimum FSR setting
(5)
500
Full-scale analog-differential
VID(VIN)
Default FSR setting, TA = TMIN to TMAX
650
725
800
mVPP
input range
Maximum FSR setting
(5)
950
Differential
0.05
pF
CI(VIN)
Analog input capacitance
(4)
Each input pin to ground
1.5
pF
RID(VIN)
Differential input resistance
80
95
110
–3 dB — calibration = BG
2.8
FPBW
Full power bandwidth
GHz
–3 dB — calibration = FG
3.2
DC to 2 GHz
1.2
2 GHz to 4 GHz
3.8
Gain flatness
dB
DC to 2 GHz — calibration = BG
1.5
2 GHz to 4 GHz — calibration = BG
4.5
ANALOG OUTPUT CHARACTERISTICS (VCMO, VBG)
I(VCMO) = ±100 µA, TA = 25°C
1.225
Common-mode output
V(VCMO)
V
voltage
I(VCMO) = ±100 µA, TA = TMIN to TMAX
1.185
1.265
Common-mode output-
TCVO(VCMO)
voltage temperature
TA = TMIN to TMAX
-21
ppm/°C
coefficient
Maximum VCMO output load
C(LOAD_VCMO)
80
pF
capacitance
I(BG) = ±100 µA, TA = 25°C
1.248
Bandgap reference output
VO(BG)
V
voltage
I(BG) = ±100 µA, TA = TMIN to TMAX
1.195
1.3
Bandgap reference voltage
TA = TMIN to TMAX,
TCVref(BG)
0
ppm/°C
temperature coefficient
I(BG) = ±100 µA
Maximum bandgap reference
C(LOAD_BG)
80
pF
output load capacitance
(4)
This parameter is specified by design and is not tested in production.
(5)
This parameter is specified by design, characterization, or both and is not tested in production.
14
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ADC12J1600 ADC12J2700


Similar Part No. - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
GSPS ADCs With Integrated DDC
More results

Similar Description - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
GSPS ADCs With Integrated DDC
ADC12J4000 TI1-ADC12J4000 Datasheet
1Mb / 94P
12-Bit 4 GSPS ADC With Integrated DDC
AFE7950 TI-AFE7950 Datasheet
573Kb / 9P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7900 TI1-AFE7900 Datasheet
597Kb / 8P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7950 TI1-AFE7950_V01 Datasheet
605Kb / 9P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7950 TI-AFE7950_V02 Datasheet
740Kb / 13P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
SEPTEMBER 2021
AFE7900 TI-AFE7900_V01 Datasheet
16Mb / 157P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MARCH 2022
AFE7901 TI-AFE7901 Datasheet
15Mb / 160P
AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
APRIL 2023
AFE7951 TI-AFE7951 Datasheet
13Mb / 135P
AFE7951 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MAY 2023
AFE7953 TI1-AFE7953 Datasheet
13Mb / 127P
AFE7953 2T2R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com