Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12J1600 Datasheet(PDF) 13 Page - Texas Instruments

Part # ADC12J1600
Description  GSPS ADCs With Integrated DDC
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12J1600 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADC12J1600_16 Datasheet HTML 9Page - Texas Instruments ADC12J1600_16 Datasheet HTML 10Page - Texas Instruments ADC12J1600_16 Datasheet HTML 11Page - Texas Instruments ADC12J1600_16 Datasheet HTML 12Page - Texas Instruments ADC12J1600_16 Datasheet HTML 13Page - Texas Instruments ADC12J1600_16 Datasheet HTML 14Page - Texas Instruments ADC12J1600_16 Datasheet HTML 15Page - Texas Instruments ADC12J1600_16 Datasheet HTML 16Page - Texas Instruments ADC12J1600_16 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 98 page
background image
ADC12J1600, ADC12J2700
www.ti.com
SLAS969C – JANUARY 2014 – REVISED JULY 2015
Electrical Characteristics (continued)
Unless otherwise noted, these specifications apply for V(VA12) = V(VD12) = 1.2 V, V(VA19) = 1.9 V, VIN full scale range at default
setting (725 mVPP), VIN = –1 dBFS, differential AC-coupled sinewave input clock, ƒ(DEVCLK) = 2.7 or 1.6 GHz at 0.5 VPP with
50% duty cycle, R(RBIAS) = 3.3 kΩ ±0.1%, after a foreground (FG) mode calibration with timing calibration enabled. Typical
values are at TA = 25°C.
(1)(2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
–145
dBFS/Hz
50-
Ω AC-coupled terminated input
Noise spectral density,
–146.8
dBm/Hz
12-bit DDC bypass mode, ADC12J1600,
NSD
average NSD across Nyquist
ƒ(DEVCLK) = 1.6 GHz
–143.9
dBFS/Hz
bandwidth
FIN = 600 MHz, –1 dBFS
–145.7
dBm/Hz
DECIMATE-BY-8 MODE, ADC12J2700, ƒ(DEVCLK) = 2.7 GHz
62.8
Signal-to-noise ratio,
FIN = 600 MHz, –1 dBFS, decimate-by-8
integrated across DDC output
mode
SNR
Calibration = BG
62.7
dBFS
bandwidth
Interleaving spurs included
FIN = 2400 MHz, –1 dBFS, Decimate-by-8 mode
53.3
62.8
Signal-to-noise and distortion
FIN = 600 MHz, –1 dBFS, decimate-by-8
ratio, integrated across DDC
mode
SINAD
Calibration = BG
62.7
dBFS
output bandwidth
Interleaving spurs included
FIN = 2400 MHz, –1 dBFS, decimate-by-8 mode
53.3
10.1
Effective number of bits,
FIN = 600 MHz, –1 dBFS, decimate-by-8
integrated across DDC output
mode
ENOB
Calibration = BG
10.1
Bits
bandwidth
Interleaving spurs included
FIN = 2400 MHz, –1 dBFS, decimate-by-8 mode
8.6
75.9
Spurious-free dynamic range
FIN = 600 MHz, –1 dBFS, decimate-by-8
SFDR
dBFS
Interleaving spurs included
mode
Calibration = BG
74.7
–73
Interleaving offset spur at ½
FIN = 600 MHz, –1 dBFS, decimate-by-8
ƒS/2
dBFS
sampling rate
(3)
mode
Calibration = BG
–72
–70
Interleaving offset spur at ¼
FIN = 600 MHz, –1 dBFS, decimate-by-8
ƒS/4
dBFS
sampling rate
(3)
mode
Calibration = BG
–70
Interleaving spur at ½
–80
FIN = 600 MHz, –1 dBFS, decimate-by-8
ƒS/2 – FIN
sampling rate – input
dBFS
mode
Calibration = BG
–79
frequency
(3)
Interleaving spur at ¼
–73
FIN = 600 MHz, –1 dBFS, decimate-by-8
ƒS/4 + FIN
sampling rate + input
dBFS
mode
Calibration = BG
–70
frequency
(3)
Interleaving spur at ¼
–77
FIN = 600 MHz, –1 dBFS, decimate-by-8
ƒS/4 – FIN
sampling rate – input
dBFS
mode
Calibration = BG
–77
frequency
(3)
–70
FIN = 600 MHz, –1 dBFS, decimate-by-8
mode
THD
Total harmonic distortion
(3)
calibration = BG
–71
dBFS
FIN = 2400 MHz, –1 dBFS, decimate-by-8 mode
–65
–78
FIN = 600 MHz, –1 dBFS, decimate-by-8
mode
HD2
Second harmonic distortion
(3)
Calibration = BG
–76
dBFS
FIN = 2400 MHz, –1 dBFS, decimate-by-8 mode
–67
–74
FIN = 600 MHz, –1 dBFS, decimate-by-8
mode
HD3
Third harmonic distortion
(3)
Calibration = BG
–81
dBFS
FIN = 2400 MHz, –1 dBFS, decimate-by-8 mode
–73
DECIMATE-BY-8 MODE, ADC12J1600, ƒ(DEVCLK) = 1.6 GHz
63.5
Signal-to-noise ratio,
FIN = 600 MHz, –1 dBFS, decimate-by-8
integrated across DDC output
mode
SNR
Calibration = BG
63.4
dBFS
bandwidth
Interleaving spurs included
FIN = 2400 MHz, –1 dBFS, decimate-by-8 mode
55.8
63.5
Signal-to-noise and distortion
FIN = 600 MHz, –1 dBFS, decimate-by-8
ratio, integrated across DDC
mode
SINAD
Calibration = BG
63.4
dBFS
output bandwidth
Interleaving spurs included
FIN = 2400 MHz, –1 dBFS, decimate-by-8 mode
55.8
10.3
Effective number of bits,
FIN = 600 MHz, –1 dBFS, decimate-by-8
integrated across DDC output
mode
ENOB
Calibration = BG
10.2
Bits
bandwidth
Interleaving spurs included
FIN = 2400 MHz, –1 dBFS, decimate-by-8 mode
9.0
76.2
Spurious-free dynamic range
FIN = 600 MHz, –1 dBFS, decimate-by-8
SFDR
dBFS
Interleaving Spurs Included
mode
Calibration = BG
76.7
–73
Interleaving offset spur at ½
FIN = 600 MHz, –1 dBFS, decimate-by-8
ƒS/2
dBFS
sampling rate
(3)
mode
Calibration = BG
–72
(3)
Magnitude of reported tones in output spectrum of ADC core. This tone will only be present in the DDC output for specific Decimation
and NCO settings. Careful frequency planning can be used to intentionally place unwanted tones outside the DDC output spectrum.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ADC12J1600 ADC12J2700


Similar Part No. - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
GSPS ADCs With Integrated DDC
More results

Similar Description - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
GSPS ADCs With Integrated DDC
ADC12J4000 TI1-ADC12J4000 Datasheet
1Mb / 94P
12-Bit 4 GSPS ADC With Integrated DDC
AFE7950 TI-AFE7950_V02 Datasheet
740Kb / 13P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
SEPTEMBER 2021
AFE7950 TI1-AFE7950_V01 Datasheet
605Kb / 9P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7953 TI1-AFE7953 Datasheet
13Mb / 127P
AFE7953 2T2R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
AFE7900 TI-AFE7900_V01 Datasheet
16Mb / 157P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MARCH 2022
AFE7950 TI-AFE7950 Datasheet
573Kb / 9P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7900 TI1-AFE7900 Datasheet
597Kb / 8P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7901 TI-AFE7901 Datasheet
15Mb / 160P
AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
APRIL 2023
AFE7951 TI-AFE7951 Datasheet
13Mb / 135P
AFE7951 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com