Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12J1600 Datasheet(PDF) 10 Page - Texas Instruments

Part # ADC12J1600
Description  GSPS ADCs With Integrated DDC
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12J1600 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADC12J1600_16 Datasheet HTML 6Page - Texas Instruments ADC12J1600_16 Datasheet HTML 7Page - Texas Instruments ADC12J1600_16 Datasheet HTML 8Page - Texas Instruments ADC12J1600_16 Datasheet HTML 9Page - Texas Instruments ADC12J1600_16 Datasheet HTML 10Page - Texas Instruments ADC12J1600_16 Datasheet HTML 11Page - Texas Instruments ADC12J1600_16 Datasheet HTML 12Page - Texas Instruments ADC12J1600_16 Datasheet HTML 13Page - Texas Instruments ADC12J1600_16 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 98 page
background image
ADC12J1600, ADC12J2700
SLAS969C – JANUARY 2014 – REVISED JULY 2015
www.ti.com
Electrical Characteristics (continued)
Unless otherwise noted, these specifications apply for V(VA12) = V(VD12) = 1.2 V, V(VA19) = 1.9 V, VIN full scale range at default
setting (725 mVPP), VIN = –1 dBFS, differential AC-coupled sinewave input clock, ƒ(DEVCLK) = 2.7 or 1.6 GHz at 0.5 VPP with
50% duty cycle, R(RBIAS) = 3.3 kΩ ±0.1%, after a foreground (FG) mode calibration with timing calibration enabled. Typical
values are at TA = 25°C.
(1)(2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DDC BYPASS Mode, ADC12J2700, ƒ(DEVCLK) = 2.7 GHz
FIN = 350 MHz, –1 dBFS, 12-bit DDC bypass mode
55.1
TA = 25°C
54.9
Signal-to-noise ratio,
TA = TMIN to TMAX
52.5
FIN = 600 MHz, –1 dBFS, 12-bit DDC bypass
integrated across entire
mode
SNR
Nyquist bandwidth
TA = 25°C, calibration = BG
54.8
dBFS
Input frequency-dependent
TA = TMIN to TMAX, calibration = BG
52.4
interleaving spurs included
FIN = 1500 MHz, –1 dBFS, 12-bit DDC bypass mode
52.5
FIN = 2400 MHz, –1 dBFS, 12-bit DDC bypass mode
50
FIN = 350 MHz, –1 dBFS, 12-bit DDC bypass mode
55
TA = 25°C
54.8
Signal-to-noise and distortion
TA = TMIN to TMAX
52.3
FIN = 600 MHz, –1 dBFS, 12-bit DDC bypass
ratio, integrated across entire
mode
SINAD
Nyquist bandwidth
TA = 25°C, calibration = BG
54.7
dBFS
Input frequency-dependent
TA = TMIN to TMAX, calibration = BG
52.2
interleaving spurs included
FIN = 1500 MHz, –1 dBFS, 12-bit DDC bypass mode
52.4
FIN = 2400 MHz, –1 dBFS, 12-bit DDC bypass mode
50
FIN = 350 MHz, –1 dBFS, 12-bit DDC bypass mode
8.8
TA = 25°C
8.8
Effective number of bits,
TA = TMIN to TMAX
8.4
FIN = 600 MHz, –1 dBFS, 12-bit DDC bypass
integrated across entire
mode
ENOB
Nyquist bandwidth
TA = 25°C, calibration = BG
8.8
Bits
Input frequency-dependent
TA = TMIN to TMAX, calibration = BG
8.4
interleaving spurs included
FIN = 1500 MHz, –1 dBFS, 12-bit DDC bypass mode
8.4
FIN = 2400 MHz, –1 dBFS, 12-bit DDC bypass mode
8
FIN = 350 MHz, –1 dBFS, 12-bit DDC bypass mode
66.7
TA = 25°C
71.6
TA = TMIN to TMAX
61
FIN = 600 MHz, –1 dBFS, 12-bit DDC bypass
Spurious-free dynamic range
mode
SFDR
Input frequency-dependent
TA = 25°C, calibration = BG
70
dBFS
interleaving spurs included
TA = TMIN to TMAX, calibration = BG
59
FIN = 1500 MHz, –1 dBFS, 12-bit DDC bypass mode
65.2
FIN = 2400 MHz, –1 dBFS, 12-bit DDC bypass mode
58.6
TA = 25°C
–77
TA = TMIN to TMAX
–59.5
Interleaving offset spur at ½
FIN = 600 MHz, –1 dBFS, 12-bit DDC bypass
ƒS/2
dBFS
sampling rate
mode
TA = 25°C, calibration = BG
–74
TA = TMIN to TMAX, calibration = BG
–57.5
TA = 25°C
–70
TA = TMIN to TMAX
–54.5
Interleaving offset spur at ¼
FIN = 600 MHz, –1 dBFS, 12-bit DDC bypass
ƒS/4
dBFS
sampling rate
mode
TA = 25°C, calibration = BG
–68
TA = TMIN to TMAX, calibration = BG
–53
TA = 25°C
–78
Interleaving offset spur at ½
TA = TMIN to TMAX
–62
FIN = 600 MHz, –1 dBFS, 12-bit DDC bypass
ƒS/2 – FIN
sampling rate – input
dBFS
mode
TA = 25°C, calibration = BG
–76
frequency
TA = TMIN to TMAX, calibration = BG
–61
TA = 25°C
–76
Interleaving offset spur at ¼
TA = TMIN to TMAX
–61
FIN = 600 MHz, –1 dBFS, 12-bit DDC bypass
ƒS/4 + FIN
sampling rate + input
dBFS
mode
TA = 25°C, calibration = BG
–71
frequency
TA = TMIN to TMAX, calibration = BG
–59
TA = 25°C
–77
Interleaving offset spur at ¼
TA = TMIN to TMAX
–61.4
FIN = 600 MHz, –1 dBFS, 12-bit DDC bypass
ƒS/4 – FIN
sampling rate – input
dBFS
mode
TA = 25°C, calibration = BG
–76
frequency
TA = TMIN to TMAX, calibration = BG
–61
10
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ADC12J1600 ADC12J2700


Similar Part No. - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
More results

Similar Description - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
ADC12J4000 TI1-ADC12J4000 Datasheet
1Mb / 94P
[Old version datasheet]   12-Bit 4 GSPS ADC With Integrated DDC
AFE7950 TI-AFE7950_V02 Datasheet
740Kb / 13P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
SEPTEMBER 2021
AFE7950 TI1-AFE7950_V01 Datasheet
605Kb / 9P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7953 TI1-AFE7953 Datasheet
13Mb / 127P
[Old version datasheet]   AFE7953 2T2R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
AFE7900 TI-AFE7900_V01 Datasheet
16Mb / 157P
[Old version datasheet]   AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MARCH 2022
AFE7950 TI-AFE7950 Datasheet
573Kb / 9P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7900 TI1-AFE7900 Datasheet
597Kb / 8P
[Old version datasheet]   AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7901 TI-AFE7901 Datasheet
15Mb / 160P
[Old version datasheet]   AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
APRIL 2023
AFE7951 TI-AFE7951 Datasheet
13Mb / 135P
[Old version datasheet]   AFE7951 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com