Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12J1600 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADC12J1600
Description  GSPS ADCs With Integrated DDC
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12J1600 Datasheet(HTML) 1 Page - Texas Instruments

  ADC12J1600_16 Datasheet HTML 1Page - Texas Instruments ADC12J1600_16 Datasheet HTML 2Page - Texas Instruments ADC12J1600_16 Datasheet HTML 3Page - Texas Instruments ADC12J1600_16 Datasheet HTML 4Page - Texas Instruments ADC12J1600_16 Datasheet HTML 5Page - Texas Instruments ADC12J1600_16 Datasheet HTML 6Page - Texas Instruments ADC12J1600_16 Datasheet HTML 7Page - Texas Instruments ADC12J1600_16 Datasheet HTML 8Page - Texas Instruments ADC12J1600_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 98 page
background image
-100
-80
-60
-40
-20
0
0
225
450
675
900
1125
1350
Frequency (MHz)
C001
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
ADC12J1600, ADC12J2700
SLAS969C – JANUARY 2014 – REVISED JULY 2015
ADC12Jxx00 12-Bit 1.6 or 2.7 GSPS ADCs With Integrated DDC
1 Features
2 Applications
1
Excellent Noise and Linearity up to and beyond
Wireless Infrastructure
FIN = 3 GHz
RF-Sampling Software Defined Radio
Configurable DDC
Wideband Microwave Backhaul
Decimation Factors from 4 to 32 (Complex
Military Communications
Baseband Out)
SIGINT
Bypass Mode for Full Nyquist Output Bandwidth
RADAR and LIDAR
Usable Output Bandwidth of 540 MHz at
DOCSIS / Cable Infrastructure
4x Decimation and 2700 MSPS
Test and Measurement
Usable Output Bandwidth of 320 MHz at
4x Decimation and 1600 MSPS
3 Description
Usable Output Bandwidth of 67.5 MHz at
The ADC12J1600 and ADC12J2700 devices are
32x Decimation and 2700 MSPS
wideband sampling and digital tuning devices. Texas
Instruments' giga-sample analog-to-digital converter
Usable Output Bandwidth of 40 MHz at
(ADC) technology enables a large block of frequency
32x Decimation and 1600 MSPS
spectrum to be sampled directly at RF. An integrated
Low Pin-Count JESD204B Subclass 1 Interface
DDC (Digital Down Converter) provides digital filtering
Automatically Optimized Output Lane Count
and down-conversion. The selected frequency block
is made available on a JESD204B serial interface.
Embedded Low Latency Signal Range Indication
Data
is
output
as
baseband
15-bit
complex
Low Power Consumption
information for ease of downstream processing.
Key Specifications
Based
on
the
digital
down-converter
(DDC)
Max Sampling Rate: 1600 or 2700 MSPS
decimation and link output rate settings, this data is
output on 1 to 5 lanes of the serial interface.
Min Sampling Rate: 1000 MSPS
A DDC bypass mode allows the full rate 12-bit raw
DDC Output Word Size: 15-Bit Complex (30
ADC data to also be output. This mode of operation
bits total)
requires 8 lanes of serial output.
Bypass Output Word Size: 12-Bit Offset Binary
The ADC12J1600 and ADC12J2700 devices are
Noise Floor: –147.3 dBFS/Hz (ADC12J2700)
available in a 68-pin VQFN package. The device
Noise Floor: –145 dBFS/Hz (ADC12J1600)
operates over the Industrial (–40°C
≤ TA ≤ 85°C)
IMD3:
−64 dBc (FIN = 2140 MHz ± 30 MHz at
ambient temperature range.
−13 dBFS)
Device Information(1)
FPBW (–3 dB): 3.2 GHz
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Peak NPR: 46 dB
ADC12J1600
VQFN (68)
10.00 mm × 10.00 mm
Supply Voltages: 1.9 V and 1.2 V
ADC12J2700
VQFN (68)
10.00 mm × 10.00 mm
Power Consumption
(1) For all available packages, see the orderable addendum at
Bypass (2700 MSPS): 1.8 W
the end of the datasheet.
Bypass (1600 MSPS): 1.6 W
Bypass — Spectral Response
Power Down Mode: <50 mW
ƒS = 2.7 GHz, FIN = 1897 MHz at –1 dBFS
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
More results

Similar Description - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
ADC12J4000 TI1-ADC12J4000 Datasheet
1Mb / 94P
[Old version datasheet]   12-Bit 4 GSPS ADC With Integrated DDC
AFE7950 TI-AFE7950_V02 Datasheet
740Kb / 13P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
SEPTEMBER 2021
AFE7950 TI1-AFE7950_V01 Datasheet
605Kb / 9P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7953 TI1-AFE7953 Datasheet
13Mb / 127P
[Old version datasheet]   AFE7953 2T2R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
AFE7900 TI-AFE7900_V01 Datasheet
16Mb / 157P
[Old version datasheet]   AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MARCH 2022
AFE7950 TI-AFE7950 Datasheet
573Kb / 9P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7900 TI1-AFE7900 Datasheet
597Kb / 8P
[Old version datasheet]   AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7901 TI-AFE7901 Datasheet
15Mb / 160P
[Old version datasheet]   AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
APRIL 2023
AFE7951 TI-AFE7951 Datasheet
13Mb / 135P
[Old version datasheet]   AFE7951 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com