Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12J1600 Datasheet(PDF) 89 Page - Texas Instruments

Part # ADC12J1600
Description  GSPS ADCs With Integrated DDC
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12J1600 Datasheet(HTML) 89 Page - Texas Instruments

Back Button ADC12J1600_16 Datasheet HTML 85Page - Texas Instruments ADC12J1600_16 Datasheet HTML 86Page - Texas Instruments ADC12J1600_16 Datasheet HTML 87Page - Texas Instruments ADC12J1600_16 Datasheet HTML 88Page - Texas Instruments ADC12J1600_16 Datasheet HTML 89Page - Texas Instruments ADC12J1600_16 Datasheet HTML 90Page - Texas Instruments ADC12J1600_16 Datasheet HTML 91Page - Texas Instruments ADC12J1600_16 Datasheet HTML 92Page - Texas Instruments ADC12J1600_16 Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 98 page
background image
0.0040''
0.0041''
0.0067''
0.0040''
L1 ± SIG
L2 ± GND
L5 ± PWR
L10 ± SIG
L7 ± GND
L6 ± SIG
1/2 oz. Copper on L1, L3, L6, L8, L10
1 oz. Copper on L2, L4, L5, L7, L9
100 Differential Signaling on SIG Layers
Low loss dielectric adjacent very high speed trace layers
Finished thickness 0.0620" including plating and solder mask
0.0578''
0.0060''
L4 ± GND
0.0067''
L3 ± SIG
0.0073''
L9 ± GND
L8 ± SIG
0.0040''
0.0060''
VA19
VA12
VNEG
VA19
VNEG
VA12
VA19
VIN+
VIN±
VCMO
VA19
DEVCLK+
VA12
RBIAS+
VA12
RBIAS±
DEVCLK±
VD12
DS2±
DS2+
VD12
DS3±
DS3+
DS6+/NCO_1
DS6±/NCO_1
VD12
DS5+/NCO_0
DS5±/NCO_0
DS4+
DS4±
VD12
VD12
DS1±
DS1+
1
17
35
51
2
3
4
5
7
6
8
9
10
11
12
13
14
15
16
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
Additional decoupling capacitors near
device.
Decoupling
capacitors power
pins near VIN and
DEVCLK on this
side of board.
RBIAS resistor
near to RBIAS+
and RBIAS- pins.
Larger bulk
decoupling
capacitors on this
side of board, near
device.
Optional differential VIN path
selected if capacitors or
resistors installed here.
DEVCLK path A
selected if capacitors
installed here.
ADC12J1600, ADC12J2700
www.ti.com
SLAS969C – JANUARY 2014 – REVISED JULY 2015
Layout Example (continued)
Figure 116. ADC12J1600 and ADC12J2700 Layout Example 2 — Bottom Side
Figure 117. ADC12J1600 and ADC12J2700 Typical Stackup — 10 Layer Board
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
89
Product Folder Links: ADC12J1600 ADC12J2700


Similar Part No. - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
More results

Similar Description - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
ADC12J4000 TI1-ADC12J4000 Datasheet
1Mb / 94P
[Old version datasheet]   12-Bit 4 GSPS ADC With Integrated DDC
AFE7950 TI-AFE7950_V02 Datasheet
740Kb / 13P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
SEPTEMBER 2021
AFE7950 TI1-AFE7950_V01 Datasheet
605Kb / 9P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7953 TI1-AFE7953 Datasheet
13Mb / 127P
[Old version datasheet]   AFE7953 2T2R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
AFE7900 TI-AFE7900_V01 Datasheet
16Mb / 157P
[Old version datasheet]   AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MARCH 2022
AFE7950 TI-AFE7950 Datasheet
573Kb / 9P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7900 TI1-AFE7900 Datasheet
597Kb / 8P
[Old version datasheet]   AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7901 TI-AFE7901 Datasheet
15Mb / 160P
[Old version datasheet]   AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
APRIL 2023
AFE7951 TI-AFE7951 Datasheet
13Mb / 135P
[Old version datasheet]   AFE7951 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com