Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12J1600 Datasheet(PDF) 87 Page - Texas Instruments

Part # ADC12J1600
Description  GSPS ADCs With Integrated DDC
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12J1600 Datasheet(HTML) 87 Page - Texas Instruments

Back Button ADC12J1600_16 Datasheet HTML 83Page - Texas Instruments ADC12J1600_16 Datasheet HTML 84Page - Texas Instruments ADC12J1600_16 Datasheet HTML 85Page - Texas Instruments ADC12J1600_16 Datasheet HTML 86Page - Texas Instruments ADC12J1600_16 Datasheet HTML 87Page - Texas Instruments ADC12J1600_16 Datasheet HTML 88Page - Texas Instruments ADC12J1600_16 Datasheet HTML 89Page - Texas Instruments ADC12J1600_16 Datasheet HTML 90Page - Texas Instruments ADC12J1600_16 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 98 page
background image
ADC12J1600, ADC12J2700
www.ti.com
SLAS969C – JANUARY 2014 – REVISED JULY 2015
9 Power Supply Recommendations
Data-converter-based systems draw sufficient transient current to corrupt their own power supplies if not
adequately bypassed. A 10-µF capacitor must be placed within one inch (2.5 cm) of the device power pins for
each supply voltage. A 0.1-µF capacitor must be placed as close as possible to each supply pin, preferably
within 0.5 cm. Leadless chip capacitors are preferred due to their low-lead inductance.
As is the case with all high-speed converters, the ADC12J1600 and ADC12J2700 devices must be assumed to
have little power-supply noise-rejection. Any power supply used for digital circuitry in a system where a large
amount of digital power is consumed must not be used to supply power to the ADC12J1600 and ADC12J2700
devices. If not a dedicated supply, the ADC supplies must be the same supply used for other analog circuitry.
9.1 Supply Voltage
The ADC12J1600 and ADC12J2700 devices are specified to operate with nominal supply voltages of 1.9 V
(VA19) and 1.2 V (VA12, VD12). For detailed information regarding the operating voltage minimums and
maximums see the Recommended Operating Conditions table.
During power-up the voltage on all 1.9-V supplies must always be equal to or greater than the voltage on the 1.2-
V supplies. Similarly, during power-down, the voltage on the 1.2-V supplies must always be lower than or equal
to that of the 1.9-V supplies. In general, supplying all 1.9-V buses from a single regulator, and all 1.2-V buses
from a single regulator is the easiest method to ensure that the 1.9-V supplies are greater than the 1.2-V
supplies. If the 1.2-V buses are generated from separate regulators, they must rise and fall together (within 200
mV).
The voltage on a pin, including a transient basis, must not have a voltage that is in excess of the supply voltage
or below ground by more than 150 mV. A pin voltage that is higher than the supply or that is below ground can
be a problem during startup and shutdown of power. Ensure that the supplies to circuits driving any of the input
pins, analog or digital, do not rise faster than the voltage at the ADC12J1600 and ADC12J2700 power pins.
The values in the Absolute Maximum Ratings table must be strictly observed including during power up and
power down. A power supply that produces a voltage spike at power turnon, turnoff, or both can destroy the
ADC12J1600 and ADC12J2700 devices. Many linear regulators produce output spiking at power on unless there
is a minimum load provided. Active devices draw very little current until the supply voltages reach a few hundred
millivolts. The result can be a turn-on spike that destroys the ADC12J1600 and ADC12J2700 devices, unless a
minimum load is provided for the supply. A 100-
Ω resistor at the regulator output provides a minimum output
current during power up to ensure that no turn-on spiking occurs. Whether a linear or switching regulator is used,
TI recommends using a soft-start circuit to prevent overshoot of the supply.
10 Layout
10.1 Layout Guidelines
Proper grounding and proper routing of all signals is essential to ensure accurate conversion. Each ground layer
should be a single unified ground plane, rather than splitting the ground planes into analog and digital areas.
Because digital switching transients are composed largely of high frequency components, the skin effect dictates
that the total ground-plane copper weight has little effect upon the logic-generated noise. Total surface area is
more important than the total ground-plane volume. Coupling between the typically-noisy digital circuitry and the
sensitive analog circuitry can lead to poor performance that can be impossible to isolate and remedy. The
solution is to keep the analog circuitry well separated from the digital circuitry.
High-power digital components must not be located on or near any linear component or power-supply trace or
plane that services analog or mixed-signal components because the resulting common return current path could
cause fluctuation in the analog input ground return of the ADC which causes excessive noise in the conversion
result.
In general, assume that analog and digital lines must cross each other at 90° to avoid digital noise into the
analog path. In high frequency systems, however, avoid crossing analog and digital lines altogether. The input
clock lines must be isolated from all other lines, both analog and digital. The generally-accepted 90° crossing
must be avoided because even a same amount of coupling causes problems at high frequencies. Best
performance at high frequencies is obtained with a straight signal path.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
87
Product Folder Links: ADC12J1600 ADC12J2700


Similar Part No. - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
GSPS ADCs With Integrated DDC
More results

Similar Description - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
GSPS ADCs With Integrated DDC
ADC12J4000 TI1-ADC12J4000 Datasheet
1Mb / 94P
12-Bit 4 GSPS ADC With Integrated DDC
AFE7950 TI-AFE7950_V02 Datasheet
740Kb / 13P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
SEPTEMBER 2021
AFE7950 TI1-AFE7950_V01 Datasheet
605Kb / 9P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7953 TI1-AFE7953 Datasheet
13Mb / 127P
AFE7953 2T2R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
AFE7900 TI-AFE7900_V01 Datasheet
16Mb / 157P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MARCH 2022
AFE7950 TI-AFE7950 Datasheet
573Kb / 9P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7900 TI1-AFE7900 Datasheet
597Kb / 8P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7901 TI-AFE7901 Datasheet
15Mb / 160P
AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
APRIL 2023
AFE7951 TI-AFE7951 Datasheet
13Mb / 135P
AFE7951 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com