Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12J1600 Datasheet(PDF) 85 Page - Texas Instruments

Part # ADC12J1600
Description  GSPS ADCs With Integrated DDC
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12J1600 Datasheet(HTML) 85 Page - Texas Instruments

Back Button ADC12J1600_16 Datasheet HTML 81Page - Texas Instruments ADC12J1600_16 Datasheet HTML 82Page - Texas Instruments ADC12J1600_16 Datasheet HTML 83Page - Texas Instruments ADC12J1600_16 Datasheet HTML 84Page - Texas Instruments ADC12J1600_16 Datasheet HTML 85Page - Texas Instruments ADC12J1600_16 Datasheet HTML 86Page - Texas Instruments ADC12J1600_16 Datasheet HTML 87Page - Texas Instruments ADC12J1600_16 Datasheet HTML 88Page - Texas Instruments ADC12J1600_16 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 98 page
background image
Sample Number (n)
0
8
16
24
32
40
0
800
1600
2400
3200
4000
D097
Frequency (MHz)
0
80
160
240
320
400
480
560
640
720
800
-100
-80
-60
-40
-20
0
D098
ADC12J1600, ADC12J2700
www.ti.com
SLAS969C – JANUARY 2014 – REVISED JULY 2015
8.2.2.1 Design Requirements
For this design example, use the parameters listed in Table 88.
Table 88. Design Parameters
DESIGN PARAMETERS
EXAMPLE VALUES
Maximum sample rate
1600 MSPS
Maximum input frequency
1500 MHz
1-dB flat-frequency range
0 to 1000 MHz
Signal maximum amplitude
6 dBm
Signal minimum amplitude
48 dBc
Maximum capture depth
1 million points
8.2.2.2 Detailed Design Procedure
Use the following primary steps to design a 12-bit oscilloscope:
Select the desired sampling rate based on the maximum sampling-rate requirement.
Select the input path components (LNA, amplifier, and other components) based on the maximum input
frequency and 1-dB flat-frequency range requirements.
Set the attenuation range steps based on the required minimum and maximum values for the signal
amplitude.
Select the memory size based on the resolution of the ADC output (12 bits) and the required maximum
number of sample points.
8.2.2.3 Application Curves
The following curves show the time-domain sample data for a 150-MHz input signal at –1 dBFS, sampled at
1600 MSPS using the ADC12J1600 device. Figure 113 shows the raw time-domain data. Figure 114 shows the
spectrum of the captured signal which shows the additional capability of a 12-bit ADC oscilloscope to provide
basic spectrum-analysis functions with reasonable performance.
FIN = 147.97 MHz at –1 dBFS
ƒS = 1600 MSPS
FIN = 147.97 MHz at –1 dBFS
ƒS = 1600 MSPS
Figure 113. Raw Time-Domain Data
Figure 114. Captured Signal Spectrum
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
85
Product Folder Links: ADC12J1600 ADC12J2700


Similar Part No. - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
More results

Similar Description - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
ADC12J4000 TI1-ADC12J4000 Datasheet
1Mb / 94P
[Old version datasheet]   12-Bit 4 GSPS ADC With Integrated DDC
AFE7950 TI-AFE7950_V02 Datasheet
740Kb / 13P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
SEPTEMBER 2021
AFE7950 TI1-AFE7950_V01 Datasheet
605Kb / 9P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7953 TI1-AFE7953 Datasheet
13Mb / 127P
[Old version datasheet]   AFE7953 2T2R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
AFE7900 TI-AFE7900_V01 Datasheet
16Mb / 157P
[Old version datasheet]   AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MARCH 2022
AFE7950 TI-AFE7950 Datasheet
573Kb / 9P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7900 TI1-AFE7900 Datasheet
597Kb / 8P
[Old version datasheet]   AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7901 TI-AFE7901 Datasheet
15Mb / 160P
[Old version datasheet]   AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
APRIL 2023
AFE7951 TI-AFE7951 Datasheet
13Mb / 135P
[Old version datasheet]   AFE7951 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com