Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12J1600 Datasheet(PDF) 84 Page - Texas Instruments

Part # ADC12J1600
Description  GSPS ADCs With Integrated DDC
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12J1600 Datasheet(HTML) 84 Page - Texas Instruments

Back Button ADC12J1600_16 Datasheet HTML 80Page - Texas Instruments ADC12J1600_16 Datasheet HTML 81Page - Texas Instruments ADC12J1600_16 Datasheet HTML 82Page - Texas Instruments ADC12J1600_16 Datasheet HTML 83Page - Texas Instruments ADC12J1600_16 Datasheet HTML 84Page - Texas Instruments ADC12J1600_16 Datasheet HTML 85Page - Texas Instruments ADC12J1600_16 Datasheet HTML 86Page - Texas Instruments ADC12J1600_16 Datasheet HTML 87Page - Texas Instruments ADC12J1600_16 Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 98 page
background image
ADC
JESD204
Receiver
8 Lanes
SPI
Master
Over-Range Logic
Data Processing /
Storage
JESD204
Clock Generator
SYSREF
and FPGA
CLKs
SYNC~
VCMO
LMH6518
Output Amp
LMH6518
Aux Amp
Trigger Logic
LMH7220
DAC
DAC101C085
JFET LNA
1 nF
MUX
900 k
Ÿ
90 k
Ÿ
10 k
Ÿ
50
Ÿ
Hi-Z
50-
ŸSwitch
Gain Control
DISPLAY
Memory Interface
Display Interface
MEMORY
MEMORY
MEMORY
+
Frequency (MHz)
0
80
160
240
320
400
480
560
640
720
800
-125
-100
-75
-50
-25
0
D095
Frequency (MHz)
-25
-12.5
0
12.5
25
-120
-100
-80
-60
-40
-20
0
D094
ADC12J1600, ADC12J2700
SLAS969C – JANUARY 2014 – REVISED JULY 2015
www.ti.com
DDC Bypass Mode
ƒS = 1600 MSPS
ƒS = 1600 MSPS
ƒ(NCO) = 2500 MHz
FIN = 2497.97 MHz at –1 dBFS
FIN = 2497.97 MHz at –1 dBFS
Figure 110. Spectrum — DDC Bypass Mode
Figure 111. Spectrum — Decimate-by-32
8.2.2 Oscilloscope
The ADC12J1600 and ADC12J2700 devices are equally well-suited for high-speed time-domain applications
such as oscilloscopes. The following typical application is for a generic high-speed oscilloscope. Adjustable gain
is provided by the front-end resistor ladder and selection mux, and the gain adjustments of the LMH6518 device.
Additional gain fine-tuning can be achieved using the full-scale range adjustment features of the ADC.
Figure 112. Simplified Schematic for an Oscilloscope
84
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ADC12J1600 ADC12J2700


Similar Part No. - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
GSPS ADCs With Integrated DDC
More results

Similar Description - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
GSPS ADCs With Integrated DDC
ADC12J4000 TI1-ADC12J4000 Datasheet
1Mb / 94P
12-Bit 4 GSPS ADC With Integrated DDC
AFE7950 TI-AFE7950_V02 Datasheet
740Kb / 13P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
SEPTEMBER 2021
AFE7950 TI1-AFE7950_V01 Datasheet
605Kb / 9P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7953 TI1-AFE7953 Datasheet
13Mb / 127P
AFE7953 2T2R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
AFE7900 TI-AFE7900_V01 Datasheet
16Mb / 157P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MARCH 2022
AFE7950 TI-AFE7950 Datasheet
573Kb / 9P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7900 TI1-AFE7900 Datasheet
597Kb / 8P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7901 TI-AFE7901 Datasheet
15Mb / 160P
AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
APRIL 2023
AFE7951 TI-AFE7951 Datasheet
13Mb / 135P
AFE7951 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com