Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12J1600 Datasheet(PDF) 83 Page - Texas Instruments

Part # ADC12J1600
Description  GSPS ADCs With Integrated DDC
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12J1600 Datasheet(HTML) 83 Page - Texas Instruments

Back Button ADC12J1600_16 Datasheet HTML 79Page - Texas Instruments ADC12J1600_16 Datasheet HTML 80Page - Texas Instruments ADC12J1600_16 Datasheet HTML 81Page - Texas Instruments ADC12J1600_16 Datasheet HTML 82Page - Texas Instruments ADC12J1600_16 Datasheet HTML 83Page - Texas Instruments ADC12J1600_16 Datasheet HTML 84Page - Texas Instruments ADC12J1600_16 Datasheet HTML 85Page - Texas Instruments ADC12J1600_16 Datasheet HTML 86Page - Texas Instruments ADC12J1600_16 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 98 page
background image
ADC12J1600, ADC12J2700
www.ti.com
SLAS969C – JANUARY 2014 – REVISED JULY 2015
Typical Application (continued)
8.2.1.1 Design Requirements
For this design example, use the parameters listed in Table 87.
Table 87. Design Parameters
DESIGN PARAMETERS
EXAMPLE VALUES
Signal center frequency
2500 MHz
Signal bandwidth
100 MHz
Signal nominal amplitude
–7 dBm
Signal maximum amplitude
6 dBm
Minimum SINAD (in bandwidth of interest)
48 dBc
Minimum SFDR (in bandwidth of interest)
60 dBc
8.2.1.2 Detailed Design Procedure
Use the following steps to design the RF receiver:
Use the signal-center frequency and signal bandwidth to select an appropriate sampling rate (DEVCLK
frequency) and decimate factor (x / 4 to x / 32).
Select the sampling rate so that the band of interest is completely within a Nyquist zone.
Select the sampling rate so that the band of interest is away from any harmonics or interleaving tones.
Use a frequency planning tool, such as the ADC harmonic calculator (see the Development Support section).
Select the decimation factor that provides the highest factor possible with an adequate alias-protected output
bandwidth to capture the frequency bandwidth of interest.
Select other system components to provide the needed signal frequency range and DEVCLK rate.
See Table 1 for recommended balun components.
Select bandpass filters and limiter components based on the requirement to attenuate unwanted signals
outside the band of interest (blockers) and to prevent large signals from damaging the ADC inputs. See the
Absolute Maximum Ratings table.
The LMK048xx JESD204B clocking devices can provide the DEVCLK clock and other system clocks for ƒ(DEVCLK)
< 3101 MHz.
For DEVCLK frequencies up to 4 GHz the consider using the LMX2581 and TRF3765 devices as the DEVCLK
source. Use the LMK048xx device to provide the JESD204B clocks. For additional device information, see the
Related Documentation section.
8.2.1.3 Application Curves
The following curves show an RF signal at 2497.97 MHz captured at a sample rate of 1600 MSPS. Figure 110
shows the spectrum for the full Nyquist band. Figure 111 shows the spectrum for the output data in decimate-by-
32 mode with ƒ(NCO) equal to 700 MHz. Figure 111 shows the ability to provide only the spectrum of interest in
the decimated output data. Figure 111 also shows how proper selection of the sampling rate can ensure
interleaving tones are outside the band of interest and outside the decimated frequency range. Lastly, Figure 111
shows the reduction in the noise floor provided by the processing gain of decimation.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
83
Product Folder Links: ADC12J1600 ADC12J2700


Similar Part No. - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
More results

Similar Description - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
ADC12J4000 TI1-ADC12J4000 Datasheet
1Mb / 94P
[Old version datasheet]   12-Bit 4 GSPS ADC With Integrated DDC
AFE7950 TI-AFE7950_V02 Datasheet
740Kb / 13P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
SEPTEMBER 2021
AFE7950 TI1-AFE7950_V01 Datasheet
605Kb / 9P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7953 TI1-AFE7953 Datasheet
13Mb / 127P
[Old version datasheet]   AFE7953 2T2R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
AFE7900 TI-AFE7900_V01 Datasheet
16Mb / 157P
[Old version datasheet]   AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MARCH 2022
AFE7950 TI-AFE7950 Datasheet
573Kb / 9P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7900 TI1-AFE7900 Datasheet
597Kb / 8P
[Old version datasheet]   AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7901 TI-AFE7901 Datasheet
15Mb / 160P
[Old version datasheet]   AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
APRIL 2023
AFE7951 TI-AFE7951 Datasheet
13Mb / 135P
[Old version datasheet]   AFE7951 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com