Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12J1600 Datasheet(PDF) 69 Page - Texas Instruments

Part # ADC12J1600
Description  GSPS ADCs With Integrated DDC
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12J1600 Datasheet(HTML) 69 Page - Texas Instruments

Back Button ADC12J1600_16 Datasheet HTML 65Page - Texas Instruments ADC12J1600_16 Datasheet HTML 66Page - Texas Instruments ADC12J1600_16 Datasheet HTML 67Page - Texas Instruments ADC12J1600_16 Datasheet HTML 68Page - Texas Instruments ADC12J1600_16 Datasheet HTML 69Page - Texas Instruments ADC12J1600_16 Datasheet HTML 70Page - Texas Instruments ADC12J1600_16 Datasheet HTML 71Page - Texas Instruments ADC12J1600_16 Datasheet HTML 72Page - Texas Instruments ADC12J1600_16 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 98 page
background image
ADC12J1600, ADC12J2700
www.ti.com
SLAS969C – JANUARY 2014 – REVISED JULY 2015
7.6.1.6 ADC Calibration (0x050 to 0x1FF)
Table 63. ADC Calibration Registers
Address
Reset
Acronym
Register Name
Section
0x050
0x06
CAL_CFG0
Calibration Configuration 0 Register
Go
0x051
0xF4
CAL_CFG1
Calibration Configuration 1 Register
Go
0x052
0x00
RESERVED
RESERVED
0x053
0x5C
RESERVED
RESERVED
0x054
0x1C
RESERVED
RESERVED
0x055
0x92
RESERVED
RESERVED
0x056
0x20
RESERVED
RESERVED
0x057
0x10
CAL_BACK
Calibration Background Control Register
Go
0x058
0x00
ADC_PAT_OVR_EN
ADC Pattern and Over-Range Enable
Go
Register
0x059
0x00
RESERVED
RESERVED
0x05A
0x00
CAL_VECTOR
Calibration Vectors Register
Go
0x05B
Undefined
CAL_STAT
Calibration Status Register
Go
0x05C
0x00
RESERVED
RESERVED
0x05D-0x05E
Undefined
RESERVED
RESERVED
0x05F
0x00
RESERVED
RESERVED
0x060
Undefined
RESERVED
RESERVED
0x061
Undefined
RESERVED
RESERVED
0x062
Undefined
RESERVED
RESERVED
0x063
Undefined
RESERVED
RESERVED
0x064
Undefined
RESERVED
RESERVED
0x065
Undefined
RESERVED
RESERVED
0x066
0x02
T_CAL
Timing Calibration Register
Go
0x067
0x01
RESERVED
RESERVED
0x068
Undefined
RESERVED
RESERVED
0x069
Undefined
RESERVED
RESERVED
0x06A
0x00
RESERVED
RESERVED
0x06B
0x20
RESERVED
RESERVED
0x06C-0x1FF
Undefined
RESERVED
RESERVED
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
69
Product Folder Links: ADC12J1600 ADC12J2700


Similar Part No. - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
More results

Similar Description - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
ADC12J4000 TI1-ADC12J4000 Datasheet
1Mb / 94P
[Old version datasheet]   12-Bit 4 GSPS ADC With Integrated DDC
AFE7950 TI-AFE7950_V02 Datasheet
740Kb / 13P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
SEPTEMBER 2021
AFE7950 TI1-AFE7950_V01 Datasheet
605Kb / 9P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7953 TI1-AFE7953 Datasheet
13Mb / 127P
[Old version datasheet]   AFE7953 2T2R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
AFE7900 TI-AFE7900_V01 Datasheet
16Mb / 157P
[Old version datasheet]   AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MARCH 2022
AFE7950 TI-AFE7950 Datasheet
573Kb / 9P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7900 TI1-AFE7900 Datasheet
597Kb / 8P
[Old version datasheet]   AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7901 TI-AFE7901 Datasheet
15Mb / 160P
[Old version datasheet]   AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
APRIL 2023
AFE7951 TI-AFE7951 Datasheet
13Mb / 135P
[Old version datasheet]   AFE7951 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com