Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12J1600 Datasheet(PDF) 63 Page - Texas Instruments

Part # ADC12J1600
Description  GSPS ADCs With Integrated DDC
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12J1600 Datasheet(HTML) 63 Page - Texas Instruments

Back Button ADC12J1600_16 Datasheet HTML 59Page - Texas Instruments ADC12J1600_16 Datasheet HTML 60Page - Texas Instruments ADC12J1600_16 Datasheet HTML 61Page - Texas Instruments ADC12J1600_16 Datasheet HTML 62Page - Texas Instruments ADC12J1600_16 Datasheet HTML 63Page - Texas Instruments ADC12J1600_16 Datasheet HTML 64Page - Texas Instruments ADC12J1600_16 Datasheet HTML 65Page - Texas Instruments ADC12J1600_16 Datasheet HTML 66Page - Texas Instruments ADC12J1600_16 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 98 page
background image
ADC12J1600, ADC12J2700
www.ti.com
SLAS969C – JANUARY 2014 – REVISED JULY 2015
7.6.1.3 General Analog, Bias, Band Gap, and Track and Hold (0x020 to 0x02F)
Table 49. General Analog, Bias, Band Gap, and Track and Hold Registers
Address
Reset
Acronym
Register Name
Section
0x020
0x9D
RESERVED
RESERVED
0x021
0x00
POR
Power-On Reset Register
Go
0x022
0x40
IO_GAIN_0
I/O Gain 0 Register
Go
0x023
0x00
IO_GAIN_1
I/O Gain 1 Register
Go
0x024
0x00
RESERVED
RESERVED
0x025
0x40
IO_OFFSET_0
I/O Offset 0 Register
Go
0x026
0x00
IO_OFFSET_1
I/O Offset 1 Register
Go
0x027
0x06
RESERVED
RESERVED
0x028
0xBA
RESERVED
RESERVED
0x029
0xD4
RESERVED
RESERVED
0x02A
0xAA
RESERVED
RESERVED
0x02B-0x02F
Undefined
RESERVED
RESERVED
7.6.1.3.1
Power-On Reset Register (address = 0x021) [reset = 0x00]
Figure 76. Power-On Reset Register (POR)
7
6
5
4
3
2
1
0
RESERVED
SPI_RES
R/W-0000 000
R/W-0
Table 50. POR Field Descriptions
Bit
Field
Type
Reset
Description
7-1
RESERVED
R/W
0000 000
0
SPI_RES
R/W
0
Reset all digital. Emulates a power on reset (not self-clearing).
Write a 0 and then write a 1 to emulate a reset. Transition from
0—>1 initiates reset.
Default: 0
7.6.1.3.2
I/O Gain 0 Register (address = 0x022) [reset = 0x40]
Figure 77. I/O Gain 0 Register (IO_GAIN_0)
7
6
5
4
3
2
1
0
RESERVED
GAIN_FS[14]
GAIN_FS[13]
GAIN_FS[12]
GAIN_FS[11]
GAIN_FS[10]
GAIN_FS[9]
GAIN_FS[8]
R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 51. IO_GAIN_0 Field Descriptions
Bit
Field
Type
Reset
Description
7
RESERVED
R/W
0
6-0
GAIN_FS[14:8]
R/W
100 0000
MSB Bits for GAIN_FS[14:0]. (See the IO_GAIN_1 description in
General Analog, Bias, Band Gap, and Track and Hold (0x020 to
0x02F))
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
63
Product Folder Links: ADC12J1600 ADC12J2700


Similar Part No. - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
More results

Similar Description - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
ADC12J4000 TI1-ADC12J4000 Datasheet
1Mb / 94P
[Old version datasheet]   12-Bit 4 GSPS ADC With Integrated DDC
AFE7950 TI-AFE7950_V02 Datasheet
740Kb / 13P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
SEPTEMBER 2021
AFE7950 TI1-AFE7950_V01 Datasheet
605Kb / 9P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7953 TI1-AFE7953 Datasheet
13Mb / 127P
[Old version datasheet]   AFE7953 2T2R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
AFE7900 TI-AFE7900_V01 Datasheet
16Mb / 157P
[Old version datasheet]   AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MARCH 2022
AFE7950 TI-AFE7950 Datasheet
573Kb / 9P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7900 TI1-AFE7900 Datasheet
597Kb / 8P
[Old version datasheet]   AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7901 TI-AFE7901 Datasheet
15Mb / 160P
[Old version datasheet]   AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
APRIL 2023
AFE7951 TI-AFE7951 Datasheet
13Mb / 135P
[Old version datasheet]   AFE7951 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com