Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12J1600 Datasheet(PDF) 60 Page - Texas Instruments

Part # ADC12J1600
Description  GSPS ADCs With Integrated DDC
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12J1600 Datasheet(HTML) 60 Page - Texas Instruments

Back Button ADC12J1600_16 Datasheet HTML 56Page - Texas Instruments ADC12J1600_16 Datasheet HTML 57Page - Texas Instruments ADC12J1600_16 Datasheet HTML 58Page - Texas Instruments ADC12J1600_16 Datasheet HTML 59Page - Texas Instruments ADC12J1600_16 Datasheet HTML 60Page - Texas Instruments ADC12J1600_16 Datasheet HTML 61Page - Texas Instruments ADC12J1600_16 Datasheet HTML 62Page - Texas Instruments ADC12J1600_16 Datasheet HTML 63Page - Texas Instruments ADC12J1600_16 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 98 page
background image
ADC12J1600, ADC12J2700
SLAS969C – JANUARY 2014 – REVISED JULY 2015
www.ti.com
7.6.1 Register Descriptions
7.6.1.1 Standard SPI-3.0 (0x000 to 0x00F)
Table 40. Standard SPI-3.0 Registers
Address
Reset
Acronym
Register Name
Section
0x000
0x3C
CFGA
Configuration A Register
Go
0x001
0x00
CFGB
Configuration B Register
Go
0x002
0x00
DEVCFG
Device Configuration Register
Go
0x003
0x03
CHIP_TYPE
Chip Type Register
Go
0x004-0x005
0x0000
RESERVED
RESERVED
Go
0x006
0x03
CHIP_VERSION
Chip Version Register
Go
0x007-0x00B
Undefined
RESERVED
RESERVED
0x00C-0x00D
0x0451
VENDOR_ID
Vendor Identification Register
Go
0x00E-0x00F
Undefined
RESERVED
RESERVED
7.6.1.1.1
Configuration A Register (address = 0x000) [reset = 0x3C]
All writes to this register must be a palindrome (for example: bits [3:0] are a mirror image of bits [7:4]). If the data
is not a palindrome, the entire write is ignored.
Figure 69. Configuration A Register (CFGA)
7
6
5
4
3
2
1
0
SWRST
RESERVED
ADDR_ASC
RESERVED
RESERVED
ADDR_ASC
RESERVED
SWRST
R/W-0
R/W-0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-0
R/W-0
Table 41. CFGA Field Descriptions
Bit
Field
Type
Reset
Description
7
SWRST
R/W
0
Setting this bit causes all registers to be reset to their default
state. This bit is self-clearing.
6
RESERVED
R/W
0
5
ADDR_ASC
R/W
1
This bit is NOT reset by a soft reset (SWRST)
0 : descend – decrement address while streaming (address
wraps from 0x0000 to 0x7FFF)
1 : ascend – increment address while streaming (address wraps
from 0x7FFF to 0x0000) (default)
4
RESERVED
R/W
1
Always returns 1
3
RESERVED
R/W
2
ADDR_ASC
R/W
Palindrome bits
1100
bit 3 = bit 4, bit 2 = bit 5, bit 1 = bit 6, bit 0 = bit 7
1
RESERVED
R/W
0
SWRST
R/W
7.6.1.1.2
Configuration B Register (address = 0x001) [reset = 0x00]
Figure 70. Configuration B Register (CFGB)
7
6
5
4
3
2
1
0
RESERVED
R - 0x00h
Table 42. CFGB Field Descriptions
Bit
Field
Type
Reset
Description
7:0
RESERVED
R
0000 0000
60
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ADC12J1600 ADC12J2700


Similar Part No. - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
More results

Similar Description - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
ADC12J4000 TI1-ADC12J4000 Datasheet
1Mb / 94P
[Old version datasheet]   12-Bit 4 GSPS ADC With Integrated DDC
AFE7950 TI-AFE7950_V02 Datasheet
740Kb / 13P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
SEPTEMBER 2021
AFE7950 TI1-AFE7950_V01 Datasheet
605Kb / 9P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7953 TI1-AFE7953 Datasheet
13Mb / 127P
[Old version datasheet]   AFE7953 2T2R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
AFE7900 TI-AFE7900_V01 Datasheet
16Mb / 157P
[Old version datasheet]   AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MARCH 2022
AFE7950 TI-AFE7950 Datasheet
573Kb / 9P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7900 TI1-AFE7900 Datasheet
597Kb / 8P
[Old version datasheet]   AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7901 TI-AFE7901 Datasheet
15Mb / 160P
[Old version datasheet]   AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
APRIL 2023
AFE7951 TI-AFE7951 Datasheet
13Mb / 135P
[Old version datasheet]   AFE7951 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com