Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12J1600 Datasheet(PDF) 6 Page - Texas Instruments

Part # ADC12J1600
Description  GSPS ADCs With Integrated DDC
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12J1600 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC12J1600_16 Datasheet HTML 2Page - Texas Instruments ADC12J1600_16 Datasheet HTML 3Page - Texas Instruments ADC12J1600_16 Datasheet HTML 4Page - Texas Instruments ADC12J1600_16 Datasheet HTML 5Page - Texas Instruments ADC12J1600_16 Datasheet HTML 6Page - Texas Instruments ADC12J1600_16 Datasheet HTML 7Page - Texas Instruments ADC12J1600_16 Datasheet HTML 8Page - Texas Instruments ADC12J1600_16 Datasheet HTML 9Page - Texas Instruments ADC12J1600_16 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 98 page
background image
VA19
AGND
VA19
AGND
V(CM_CLK)
50
50
1 k
VA19
GND
GND
VA19
ADC12J1600, ADC12J2700
SLAS969C – JANUARY 2014 – REVISED JULY 2015
www.ti.com
Pin Functions (continued)
PIN
EQUIVALENT CIRCUIT
TYPE
DESCRIPTION
NAME
NO.
Serial Interface Clock
This pin functions as the serial-interface clock input which clocks the serial data in
SCLK
58
I
and out. The Using the Serial Interface section describes the serial interface in
more detail.
Serial Data In
SDI
57
I
This pin functions as the serial-interface data input. The Using the Serial Interface
section describes the serial interface in more detail.
SYNC~
This pin provides the JESD204B-required synchronizing request input. A logic-low
SYNC~
30
I
applied to this input initiates a lane alignment sequence. The choice of LVCMOS or
differential SYNC~ is selected through bit 6 of the configuration register 0x202h.
Connect this input to GND or VA19 if differential SYNC~ input is used.
Serial Chip Select (active low)
SCS
59
I
This pin functions as the serial-interface chip select. The Using the Serial Interface
section describes the serial interface in more detail.
Serial Data Out
SDO
56
O
This pin functions as the serial-interface data output. The Using the Serial Interface
section describes the serial interface in more detail.
DIFFERENTIAL INPUT
DEVCLK+
15
Device Clock Input
I
The differential device clock signal must be AC coupled to these pins. The input
DEVCLK–
16
signal is sampled on the rising edge of CLK.
SYSREF+
19
SYSREF
The differential periodic waveform on these pins synchronizes the device per
I
JESD204B. If JESD204B subclass 1 synchronization is not required and these
SYSREF–
20
inputs are not utilized they may be left unconnected. In that case ensure
SysRef_Rcvr_En=0 and SysRef_Pr_En=0.
SYNC~+/TMST+
22
SYNC~/TMST
This differential input provides the JESD204B-required synchronizing request input.
A differential logic-low applied to these inputs initiates a lane alignment sequence.
For differential SYNC~ usage, ensure that SYNC_DIFF_PD = 0 and
SYNC_DIFFSEL = 1.
I
When the LVCMOS SYNC~ is selected these inputs can be used as the differential
SYNC~-/TMST–
23
TIMESTAMP input. For TMST usage, ensure that SYNC_DIFF_PD = 0,
SYNC_DIFFSEL = 0, and TIME_STAMP_EN = 1. For additional information see
the Time Stamp section.
These inputs may be left unconnected if they are not used for either the SYNC~ or
TIMESTAMP functions.
6
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ADC12J1600 ADC12J2700


Similar Part No. - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
More results

Similar Description - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
ADC12J4000 TI1-ADC12J4000 Datasheet
1Mb / 94P
[Old version datasheet]   12-Bit 4 GSPS ADC With Integrated DDC
AFE7950 TI-AFE7950_V02 Datasheet
740Kb / 13P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
SEPTEMBER 2021
AFE7950 TI1-AFE7950_V01 Datasheet
605Kb / 9P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7953 TI1-AFE7953 Datasheet
13Mb / 127P
[Old version datasheet]   AFE7953 2T2R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
AFE7900 TI-AFE7900_V01 Datasheet
16Mb / 157P
[Old version datasheet]   AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MARCH 2022
AFE7950 TI-AFE7950 Datasheet
573Kb / 9P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7900 TI1-AFE7900 Datasheet
597Kb / 8P
[Old version datasheet]   AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7901 TI-AFE7901 Datasheet
15Mb / 160P
[Old version datasheet]   AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
APRIL 2023
AFE7951 TI-AFE7951 Datasheet
13Mb / 135P
[Old version datasheet]   AFE7951 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com