Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12J1600 Datasheet(PDF) 59 Page - Texas Instruments

Part # ADC12J1600
Description  GSPS ADCs With Integrated DDC
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12J1600 Datasheet(HTML) 59 Page - Texas Instruments

Back Button ADC12J1600_16 Datasheet HTML 55Page - Texas Instruments ADC12J1600_16 Datasheet HTML 56Page - Texas Instruments ADC12J1600_16 Datasheet HTML 57Page - Texas Instruments ADC12J1600_16 Datasheet HTML 58Page - Texas Instruments ADC12J1600_16 Datasheet HTML 59Page - Texas Instruments ADC12J1600_16 Datasheet HTML 60Page - Texas Instruments ADC12J1600_16 Datasheet HTML 61Page - Texas Instruments ADC12J1600_16 Datasheet HTML 62Page - Texas Instruments ADC12J1600_16 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 98 page
background image
ADC12J1600, ADC12J2700
www.ti.com
SLAS969C – JANUARY 2014 – REVISED JULY 2015
Register Map (continued)
Memory Map (continued)
Address
Reset
Type
Register
0x216
0xFF
R/W
DDC Delay (Preset 0)
0x217
0x00
R/W
RESERVED
PRESET 1
0x218-0x21B
0xC0000000
R/W
NCO Frequency (Preset 1)
0x21C-0x21D
0x0000
R/W
NCO Phase (Preset 1)
0x21E
0xFF
R/W
DDC Delay (Preset 1)
0x21F
0x00
R/W
RESERVED
PRESET 2
0x220-0x223
0xC0000000
R/W
NCO Frequency (Preset 2)
0x224-0x225
0x0000
R/W
NCO Phase (Preset 2)
0x226
0xFF
R/W
DDC Delay (Preset 2)
0x227
0x00
R/W
RESERVED
PRESET 3
0x228-0x22B
0xC0000000
R/W
NCO Frequency (Preset 3)
0x22C-0x22D
0x0000
R/W
NCO Phase (Preset 3)
0x22E
0xFF
R/W
DDC Delay (Preset 3)
0x22F
0x00
R/W
RESERVED
PRESET 4
0x230-0x233
0xC0000000
R/W
NCO Frequency (Preset 4)
0x234-0x235
0x0000
R/W
NCO Phase (Preset 4)
0x236
0xFF
R/W
DDC Delay (Preset 4)
0x237
0x00
R/W
RESERVED
PRESET 5
0x238-0x23B
0xC0000000
R/W
NCO Frequency (Preset 5)
0x23C-0x23D
0x0000
R/W
NCO Phase (Preset 5)
0x23E
0xFF
R/W
DDC Delay (Preset 5)
0x23F
0x00
R/W
RESERVED
PRESET 6
0x240-0x243
0xC0000000
R/W
NCO Frequency (Preset 6)
0x244-0x245
0x0000
R/W
NCO Phase (Preset 6)
0x246
0xFF
R/W
DDC Delay (Preset 6)
0x247
0x00
R/W
RESERVED
PRESET 7
0x248-0x24B
0xC0000000
R/W
NCO Frequency (Preset 7)
0x24C-0x24D
0x0000
R/W
NCO Phase (Preset 7)
0x24E
0xFF
R/W
DDC Delay (Preset 7)
0x24F-0x251
0x00
R/W
RESERVED
0x252-0x27F
Undefined
R
RESERVED
Reserved
0x0280-0x7FFF
Undefined
R
RESERVED
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
59
Product Folder Links: ADC12J1600 ADC12J2700


Similar Part No. - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
More results

Similar Description - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
ADC12J4000 TI1-ADC12J4000 Datasheet
1Mb / 94P
[Old version datasheet]   12-Bit 4 GSPS ADC With Integrated DDC
AFE7950 TI-AFE7950_V02 Datasheet
740Kb / 13P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
SEPTEMBER 2021
AFE7950 TI1-AFE7950_V01 Datasheet
605Kb / 9P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7953 TI1-AFE7953 Datasheet
13Mb / 127P
[Old version datasheet]   AFE7953 2T2R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
AFE7900 TI-AFE7900_V01 Datasheet
16Mb / 157P
[Old version datasheet]   AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MARCH 2022
AFE7950 TI-AFE7950 Datasheet
573Kb / 9P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7900 TI1-AFE7900 Datasheet
597Kb / 8P
[Old version datasheet]   AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7901 TI-AFE7901 Datasheet
15Mb / 160P
[Old version datasheet]   AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
APRIL 2023
AFE7951 TI-AFE7951 Datasheet
13Mb / 135P
[Old version datasheet]   AFE7951 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com