Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12J1600 Datasheet(PDF) 58 Page - Texas Instruments

Part # ADC12J1600
Description  GSPS ADCs With Integrated DDC
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12J1600 Datasheet(HTML) 58 Page - Texas Instruments

Back Button ADC12J1600_16 Datasheet HTML 54Page - Texas Instruments ADC12J1600_16 Datasheet HTML 55Page - Texas Instruments ADC12J1600_16 Datasheet HTML 56Page - Texas Instruments ADC12J1600_16 Datasheet HTML 57Page - Texas Instruments ADC12J1600_16 Datasheet HTML 58Page - Texas Instruments ADC12J1600_16 Datasheet HTML 59Page - Texas Instruments ADC12J1600_16 Datasheet HTML 60Page - Texas Instruments ADC12J1600_16 Datasheet HTML 61Page - Texas Instruments ADC12J1600_16 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 98 page
background image
ADC12J1600, ADC12J2700
SLAS969C – JANUARY 2014 – REVISED JULY 2015
www.ti.com
Register Map (continued)
Memory Map (continued)
Address
Reset
Type
Register
ADC Calibration (0x050 to 0x1FF)
0x050
0x06
R/W
Calibration Configuration 0 Register
0x051
0xF4
R/W
Calibration Configuration 1 Register
0x052
0x00
R/W
RESERVED
0x053
0x5C
R/W
RESERVED
0x054
0x1C
R/W
RESERVED
0x055
0x92
R/W
RESERVED
0x056
0x20
R/W
RESERVED
0x057
0x10
R/W
Calibration Background Control Register
0x058
0x00
R/W
ADC Pattern and Over-Range Enable Register
0x059
0x00
R/W
RESERVED
0x05A
0x00
R/W
Calibration Vectors Register
0x05B
Undefined
R
Calibration Status Register
0x05C
0x00
R/W
RESERVED
0x05D-0x05E
Undefined
R/W
RESERVED
0x05F
0x00
R/W
RESERVED
0x060
Undefined
R
RESERVED
0x061
Undefined
R
RESERVED
0x062
Undefined
R
RESERVED
0x063
Undefined
R
RESERVED
0x064
Undefined
R
RESERVED
0x065
Undefined
R
RESERVED
0x066
0x02
R/W
Timing Calibration Register
0x067
0x01
R/W
RESERVED
0x068
Undefined
R
RESERVED
0x069
Undefined
R
RESERVED
0x06A
0x00
R/W
RESERVED
0x06B
0x20
R/W
RESERVED
0x06C-0x1FF
Undefined
R
RESERVED
Digital Down Converter and JESD204B (0x200-0x27F)
0x200
0x10
R/W
Digital Down-Converter (DDC) Control
0x201
0x0F
R/W
JESD204B Control 1
0x202
0x00
R/W
JESD204B Control 2
0x203
0x00
R/W
JESD204B Device ID (DID)
0x204
0x00
R/W
JESD204B Control 3
0x205
Undefined
R/W
JESD204B and System Status Register
0x206
0xF2
R/W
Overrange Threshold 0
0x207
0xAB
R/W
Overrange Threshold 1
0x208
0x00
R/W
Overrange Period
0x209-0x20B
0x00
R/W
RESERVED
0x20C
0x00
R/W
DDC Configuration Preset Mode
0x20D
0x00
R/W
DDC Configuration Preset Select
0x20E-0x20F
0x0000
R/W
Rational NCO Reference Divisor
PRESET 0
0x210-0x213
0xC0000000
R/W
NCO Frequency (Preset 0)
0x214-0x215
0x0000
R/W
NCO Phase (Preset 0)
58
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ADC12J1600 ADC12J2700


Similar Part No. - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
More results

Similar Description - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
ADC12J4000 TI1-ADC12J4000 Datasheet
1Mb / 94P
[Old version datasheet]   12-Bit 4 GSPS ADC With Integrated DDC
AFE7950 TI-AFE7950_V02 Datasheet
740Kb / 13P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
SEPTEMBER 2021
AFE7950 TI1-AFE7950_V01 Datasheet
605Kb / 9P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7953 TI1-AFE7953 Datasheet
13Mb / 127P
[Old version datasheet]   AFE7953 2T2R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
AFE7900 TI-AFE7900_V01 Datasheet
16Mb / 157P
[Old version datasheet]   AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MARCH 2022
AFE7950 TI-AFE7950 Datasheet
573Kb / 9P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7900 TI1-AFE7900 Datasheet
597Kb / 8P
[Old version datasheet]   AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7901 TI-AFE7901 Datasheet
15Mb / 160P
[Old version datasheet]   AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
APRIL 2023
AFE7951 TI-AFE7951 Datasheet
13Mb / 135P
[Old version datasheet]   AFE7951 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com