Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12J1600 Datasheet(PDF) 57 Page - Texas Instruments

Part # ADC12J1600
Description  GSPS ADCs With Integrated DDC
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12J1600 Datasheet(HTML) 57 Page - Texas Instruments

Back Button ADC12J1600_16 Datasheet HTML 53Page - Texas Instruments ADC12J1600_16 Datasheet HTML 54Page - Texas Instruments ADC12J1600_16 Datasheet HTML 55Page - Texas Instruments ADC12J1600_16 Datasheet HTML 56Page - Texas Instruments ADC12J1600_16 Datasheet HTML 57Page - Texas Instruments ADC12J1600_16 Datasheet HTML 58Page - Texas Instruments ADC12J1600_16 Datasheet HTML 59Page - Texas Instruments ADC12J1600_16 Datasheet HTML 60Page - Texas Instruments ADC12J1600_16 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 98 page
background image
ADC12J1600, ADC12J2700
www.ti.com
SLAS969C – JANUARY 2014 – REVISED JULY 2015
7.6 Register Map
Several groups of registers provide control and configuration options for this device. Each following register
description also shows the power-on reset (POR) state of each control bit.
NOTE
All multi-byte registers are arranged in little-endian format (the least-significant byte is
stored at the lowest address) unless explicitly stated otherwise.
Memory Map
Address
Reset
Type
Register
Standard SPI-3.0 (0x000 to 0x00F)
0x000
0x3C
R/W
Configuration A Register
0x001
0x00
R
Configuration B Register
0x002
0x00
R/W
Device Configuration Register
0x003
0x03
R
Chip Type Register
0x004-0x005
Undefined
R
RESERVED
0x006
0x03
R
Chip Version Register
0x007-0x00B
Undefined
R
RESERVED
0x00C-0x00D
0x0451
R
Vendor Identification Register
0x00E-0x00F
Undefined
R
RESERVED
User SPI Configuration (0x010 to 0x01F)
0x010
0x00
R/W
User SPI Configuration Register
0x011-0x01F
Undefined
R
RESERVED
General Analog, Bias, Band Gap, and Track and Hold (0x020 to 0x02F)
0x020
0x9D
R/W
RESERVED
0x021
0x00
R/W
Power-On Reset Register
0x022
0x40
R/W
I/O Gain 0 Register
0x023
0x00
R/W
I/O Gain 1 Register
0x024
0x00
R/W
RESERVED
0x025
0x40
R/W
I/O Offset 0 Register
0x026
0x00
R/W
I/O Offset 1 Register
0x027
0x06
R/W
RESERVED
0x028
0xBA
R/W
RESERVED
0x029
0xD4
R/W
RESERVED
0x02A
0xEA
R/W
RESERVED
0x02B-0x02F
Undefined
R
RESERVED
Clock (0x030 to 0x03F)
0x030
0xC0
R/W
Clock Generator Control 0 Register
0x031
0x07
R
Clock Generator Status Register
0x032
0x80
R/W
Clock Generator Control 2 Register
0x033
0xC3
R/W
Analog Miscellaneous Register
0x034
0x2F
R/W
Input Clamp Enable Register
0x035
0xDF
R/W
RESERVED
0x036
0x00
R/W
RESERVED
0x037
0x45
R/W
RESERVED
0x038-0x03F
Undefined
R/W
RESERVED
Serializer (0x040 to 0x04F)
0x040
0x04
R/W
Serializer Configuration Register
0x041-0x04F
Undefined
R
RESERVED
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
57
Product Folder Links: ADC12J1600 ADC12J2700


Similar Part No. - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
More results

Similar Description - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
ADC12J4000 TI1-ADC12J4000 Datasheet
1Mb / 94P
[Old version datasheet]   12-Bit 4 GSPS ADC With Integrated DDC
AFE7950 TI-AFE7950_V02 Datasheet
740Kb / 13P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
SEPTEMBER 2021
AFE7950 TI1-AFE7950_V01 Datasheet
605Kb / 9P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7953 TI1-AFE7953 Datasheet
13Mb / 127P
[Old version datasheet]   AFE7953 2T2R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
AFE7900 TI-AFE7900_V01 Datasheet
16Mb / 157P
[Old version datasheet]   AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MARCH 2022
AFE7950 TI-AFE7950 Datasheet
573Kb / 9P
[Old version datasheet]   AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7900 TI1-AFE7900 Datasheet
597Kb / 8P
[Old version datasheet]   AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7901 TI-AFE7901 Datasheet
15Mb / 160P
[Old version datasheet]   AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
APRIL 2023
AFE7951 TI-AFE7951 Datasheet
13Mb / 135P
[Old version datasheet]   AFE7951 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com