Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12J1600 Datasheet(PDF) 55 Page - Texas Instruments

Part # ADC12J1600
Description  GSPS ADCs With Integrated DDC
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12J1600 Datasheet(HTML) 55 Page - Texas Instruments

Back Button ADC12J1600_16 Datasheet HTML 51Page - Texas Instruments ADC12J1600_16 Datasheet HTML 52Page - Texas Instruments ADC12J1600_16 Datasheet HTML 53Page - Texas Instruments ADC12J1600_16 Datasheet HTML 54Page - Texas Instruments ADC12J1600_16 Datasheet HTML 55Page - Texas Instruments ADC12J1600_16 Datasheet HTML 56Page - Texas Instruments ADC12J1600_16 Datasheet HTML 57Page - Texas Instruments ADC12J1600_16 Datasheet HTML 58Page - Texas Instruments ADC12J1600_16 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 98 page
background image
SCLK
1
24
Single Register Access
SCS
SDI
Command Field
Data Field
SDO
(read mode)
Data Field
Hi Z
Hi Z
17
16
8
A14 A13 A12 A11 A10 A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
R/W
ADC12J1600, ADC12J2700
www.ti.com
SLAS969C – JANUARY 2014 – REVISED JULY 2015
7.5 Programming
7.5.1 Using the Serial Interface
The serial interface is accessed using the following four pins: serial clock (SCLK), serial-data in (SDI), serial-data
out (SDO), and serial-interface chip-select (SCS). Registers access is enabled through the SCS pin.
SCS
This signal must be asserted low to access a register through the serial interface. Setup and hold
times with respect to the SCLK must be observed.
SCLK
Serial data input is accepted at the rising edge of this signal. SCLK has no minimum frequency
requirement.
SDI
Each register access requires a specific 24-bit pattern at this input. This pattern consists of a read-
and-write (R/W) bit, register address, and register value. The data is shifted in MSB first. Setup and
hold times with respect to the SCLK must be observed (see Figure 2).
SDO
The SDO signal provides the output data requested by a read command. This output is high
impedance during write bus cycles and during the read bit and register address portion of read bus
cycles.
Each register access consists of 24 bits, as shown in Figure 2. The first bit is high for a read and low for a write.
The next 15 bits are the address of the register that is to be written to. During write operations, the last 8 bits are
the data written to the addressed register. During read operations, the last 8 bits on SDI are ignored, and, during
this time, the SDO outputs the data from the addressed register. The serial protocol details are illustrated in
Figure 67.
Figure 67. Serial Interface Protocol - Single Read / Write
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
55
Product Folder Links: ADC12J1600 ADC12J2700


Similar Part No. - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
GSPS ADCs With Integrated DDC
More results

Similar Description - ADC12J1600_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
GSPS ADCs With Integrated DDC
ADC12J4000 TI1-ADC12J4000 Datasheet
1Mb / 94P
12-Bit 4 GSPS ADC With Integrated DDC
AFE7950 TI-AFE7950 Datasheet
573Kb / 9P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7900 TI1-AFE7900 Datasheet
597Kb / 8P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7950 TI1-AFE7950_V01 Datasheet
605Kb / 9P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7950 TI-AFE7950_V02 Datasheet
740Kb / 13P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
SEPTEMBER 2021
AFE7900 TI-AFE7900_V01 Datasheet
16Mb / 157P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MARCH 2022
AFE7901 TI-AFE7901 Datasheet
15Mb / 160P
AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
APRIL 2023
AFE7951 TI-AFE7951 Datasheet
13Mb / 135P
AFE7951 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MAY 2023
AFE7953 TI1-AFE7953 Datasheet
13Mb / 127P
AFE7953 2T2R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com